Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSMG150-01 Datasheet(PDF) 3 Page - Powersem GmbH

Part # PSMG150-01
Description  Power MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERSEM [Powersem GmbH]
Direct Link  http://www.powersem.com
Logo POWERSEM - Powersem GmbH

PSMG150-01 Datasheet(HTML) 3 Page - Powersem GmbH

  PSMG150-01 Datasheet HTML 1Page - Powersem GmbH PSMG150-01 Datasheet HTML 2Page - Powersem GmbH PSMG150-01 Datasheet HTML 3Page - Powersem GmbH PSMG150-01 Datasheet HTML 4Page - Powersem GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PSMG 150/01
POWERSEM GmbH, Walpersdorfer Str. 53
D - 91126 Schwabach
Phone: 09122 - 9764 - 0 FAX: 09122 - 9764 - 20
2003 POWERSEM reserves the right to change limits, test conditions and dimensions
T
C - Degrees C
-50 -25
0
25
50
75
100 125 150
0
25
50
75
100
V
DS - Volts
01
23
4
5
0
50
100
150
200
V
GS - Volts
2
468
0
20
40
60
80
100
T
J - Degrees C
25
50
75
100
125
150
0.8
1.0
1.2
1.4
1.6
1.8
2.0
I
D - Amperes
0
50
100
150
200
0.8
1.0
1.2
1.4
1.6
1.8
V
DS - Volts
0.0
0.5
1.0
1.5
2.0
0
50
100
150
200
5V
V
GS = 10V
V
GS=10V
9V
8V
T
J=125
OC
T
J=25
OC
6V
6V
5V
T
J = 25
oC
I
D=180A
T
J = 25
OC
T
J = 125
oC
V
GS=10V
9V
8V
T
J = 125
OC
7V
7V
V
GS=10V
V
GS=15V
V
GS=10V
V
GS=15V
I
D=90A
Lead Current Limit
Figure 3. R
DS(on) normalized to 15A/25
O
C vs. I
D
Figure 5. Drain Current vs. Case Temperature
Figure 6. Admittance Curves
Figure 1. Output Characteristics at 25OC
Figure 2. Output Characteristics at 125OC
Figure 4. R
DS(on) normalized to 15A/25
O
C vs. T
J


Similar Part No. - PSMG150-01

ManufacturerPart #DatasheetDescription
logo
Meder Electronic
PSMG15001 MEDER-PSMG15001 Datasheet
144Kb / 4P
   Single MOSFET Die
More results

Similar Description - PSMG150-01

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Fuji Electric
2SK2052-R FUJI-2SK2052-R Datasheet
146Kb / 10P
   Power MOSFET
2SK2100-01MR FUJI-2SK2100-01MR Datasheet
159Kb / 11P
   Power MOSFET
2SK1390-R FUJI-2SK1390-R Datasheet
341Kb / 10P
   Power MOSFET
2SK2849-01L FUJI-2SK2849-01L Datasheet
224Kb / 12P
   Power MOSFET
logo
International Rectifier
IRLIZ44N IRF-IRLIZ44N Datasheet
105Kb / 8P
   Power MOSFET
logo
Fuji Electric
2SK3523-01R FUJI-2SK3523-01R Datasheet
356Kb / 19P
   POWER MOSFET
2SK903 FUJI-2SK903 Datasheet
161Kb / 10P
   POWER MOSFET
logo
Torex Semiconductor
XP135A1145SR TOREX-XP135A1145SR Datasheet
66Kb / 5P
   POWER MOSFET
logo
List of Unclassifed Man...
CMT10N40 ETC1-CMT10N40 Datasheet
158Kb / 5P
   POWER MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com