Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT200KN16 Datasheet(PDF) 1 Page - Nihon Inter Electronics Corporation

Part # PT200KN16
Description  200竊?Avg 1600 竊턮lts
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation

PT200KN16 Datasheet(HTML) 1 Page - Nihon Inter Electronics Corporation

  PT200KN16 Datasheet HTML 1Page - Nihon Inter Electronics Corporation PT200KN16 Datasheet HTML 2Page - Nihon Inter Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DIODE
200A Avg 1600 Volts
PT200KN16
■回路図
CIRCUIT
■外形寸法図 OUTLINE DRAWING
Dimension:[mm]
■最大定格 Maximum Ratings
耐圧クラス
Grade
項 目
Parameter
記号
Symbol
PT200KN16
単位
Unit
くり返しピーク逆電圧
*1
RepetitivePeakReverseVoltage
VRRM
1600
V
非くり返しピーク逆電圧
*1
NonRepetitivePeakReverseVoltage
VRSM
1700
V
項 目
Parameter
記 号
Symbol
条 件
Conditions
定格値
Max.RatedValue
単位
Unit
平均出力電流
AverageRectified
OutputCurrent
Io(AV)
三相全波整流
Tc=Tt=110℃
3-PhaseFullWaveRectified
(Tc:測定点チップ直下/Tt:Terminal)
200
A
サージ順電流
*1
SurgeForwardCurrent
IFSM
50Hz 正弦半波,1 サイクル,非くり返し
HalfSineWave,1Pulse,Non-Repetitive
2000
A
電流二乗時間積
*1
ISquaredt
I2t
2∼10ms
20000
A2
動作接合温度範囲
OperatingJunction
TemperatureRange
Tjw
-40 ∼ +150
保存温度範囲
StorageTemperatureRange
Tstg
-40 ∼ +125
絶縁耐圧
IsolationVoltage
Viso
端子−ベース間,
AC1 分間
TerminaltoBase,AC1min.
2500
V
ベース部
Mounting
サーマルコンパウンド塗布
Greased
M5
2.4 ∼ 2.8
N・m
締付トルク
Mounting
Torque
主端子部
Terminal
M5
2.4 ∼ 2.8
N・m
■電気的特性 Electrical Characteristics
項 目
Parameter
記号
Symbol
条 件
Conditions
特性値(最大)
MaximumValue
単位
Unit
ピーク逆電流
*1
PeakReverseCurrent
IRM
Tj=150℃,VRM=VRRM
10
mA
ピーク順電圧
*1
PeakForwardVoltage
VFM
Tj=25℃,IFM=200A
1.45
V
熱抵抗
ThermalResistance
Rth(j-c)
接合部−ケース間(トータル:
Tc 測定点チップ直下)
JunctiontoCase,Total
0.05
/W
接触熱抵抗
ThermalResistance
Rth(c-f)
ケース−フィン間(トータル),サーマルコンパウンド塗布
CasetoFin,Total,Greased
0.06
/W
質 量 −−− 約
210g
*1:1アーム当りの値 ValuePer1Arm.
ApproximateWeight


Similar Part No. - PT200KN16

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
PT200KN16 KSS-PT200KN16 Datasheet
240Kb / 5P
   Diode
logo
National Instruments Co...
PT200KN16 NI-PT200KN16_15 Datasheet
325Kb / 2P
   DIODE
More results

Similar Description - PT200KN16

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PD200KN16 NIEC-PD200KN16 Datasheet
157Kb / 2P
   200竊?Avg 1600 竊턮lts
PT150KN16 NIEC-PT150KN16 Datasheet
132Kb / 2P
   150竊?Avg 1600 竊턮lts
PT75KN16 NIEC-PT75KN16 Datasheet
133Kb / 2P
   75竊?Avg 1600 竊턮lts
PD400N16 NIEC-PD400N16 Datasheet
301Kb / 2P
   400竊?Avg 1600 竊턮lts
PT100KN16 NIEC-PT100KN16 Datasheet
131Kb / 2P
   100竊?Avg 1600 竊턮lts
PD200KN8 NIEC-PD200KN8 Datasheet
158Kb / 2P
   200竊?Avg 800 竊턮lts
PT200KN8 NIEC-PT200KN8 Datasheet
134Kb / 2P
   200竊?Avg 800 竊턮lts
logo
NIHON DEMPA KOGYO
PD100N16 NDK-PD100N16 Datasheet
245Kb / 2P
   100竊?竊죞g 1600 竊턮lts
logo
Nihon Inter Electronics...
PT75KN8 NIEC-PT75KN8 Datasheet
142Kb / 2P
   75竊?Avg 800 竊턮lts
PD400N8 NIEC-PD400N8 Datasheet
364Kb / 2P
   400竊?Avg 800 竊턮lts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com