Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TA31002 Datasheet(PDF) 3 Page - Unisonic Technologies

Part # TA31002
Description  TELEPHONE TONE RINGER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TA31002 Datasheet(HTML) 3 Page - Unisonic Technologies

  TA31002 Datasheet HTML 1Page - Unisonic Technologies TA31002 Datasheet HTML 2Page - Unisonic Technologies TA31002 Datasheet HTML 3Page - Unisonic Technologies TA31002 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
UTCTA31002A LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO., LTD.
3
APPLICATION NOTE
The application circuit illustrates the use of the
UTCTA31002A device in typical telephone tone ringer
application.
The AC ringer
signal
voltage
appears
across
the TIP and
RING
inputs of the circuit and
is attenua-
ted by capacitor C1 and resistor R1.
C1 also provides isolation from DC voltage (48V)
on the exchanged line.
After full
wave
rectification
by
the bridge
diode, the wave form is filtered by capacitor C4 to
provide a DC supply for the tone ringer chip.
As this voltage exceeds the initiation voltage (Vsi),
oscillation starts.
With the components shown , the output frequency
chops between
512Hz
(FH1)
and 640
Hz(FH2)
at a 10 Hz(FL) rate.
The loudspeaker load is coupled through a 1300
to 8
Ω transformer.
The output coupling capacitor C5 is required with
transformer coupled loads.
When driving a pizeo-ceramic transducer type load,
the coupling C5 and transformer
(1300
Ω:8Ω) are
not required.
However, a current limiting resistor is required.
The low frequency oscillator oscillates at a rate (FL)
controlled by an external resistor (R2) and capacitor
(C2).
The fequency can be determined using the relation
FL=1/1.289 R2* C2. The
high
frequency
oscillates
at
a FH1,FH2 controlled by an external resistor
(R3)
and capacitor (C3). The frequency can be determined
using the relation FH1=1/1.504 R3*C3 and FH2=
1/1.203 R3*C3.
Pin 2 of the UTC TA31002A allows connection of
external resistor RSL, which is used to program the
slope
of
the supply current vs. supply voltage
characteristics (see Fig.3),
and hence
the
supply
current up to the initiation voltage (Vsi). This initiation
voltage remains constant independent of
RSL.
The supply current drawn prior to triggering varies
inversely with RSL, decreasing for increasing value
of resistance. Thus, increasing the value of RSL, will
decrease the amount of AC ringing current required to
trigger the device. As such, longer sucribser loops are
possible since less voltage is dropped per unit length of
loop wire due to the lower current level. RSL can
also be used to compensated for smaller
AC coupling
capacitors (C5 on Fig.4) (higher impedance) to
the
line which can
be used
to alter the ringer
equivalence
number of a tone ringer circuit.
The graph in Fig.3 illustrates the variation of supply
current
with
supply
voltage of
the
UTC
TA31002A.
Three curves are drawn to show the variation of
initiation
current with
RSL.
Curve B
( RSL=6.8K)
shows the
I-V characteristic
for
UTC TA31002A
tone
ringer.
Curve A is a plot
with
RSL<6.8K
and shows an increase in the current drawn
up to the
initiation voltage Vsi. The I-V characteristic after
initiation remains
unchanged.
Curve C illustrates the
effect
of
increasing
RSL
above
6.8K
initiation
current
decreases
but
again
current
alter triggering is unchanged.


Similar Part No. - TA31002

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
TA31002 UTC-TA31002 Datasheet
27Kb / 4P
   TELEPHONE TONE RINGER
TA31002 UTC-TA31002 Datasheet
67Kb / 6P
   TELEPHONE TONE RINGER
TA31002 UTC-TA31002 Datasheet
67Kb / 6P
   TELEPHONE TONE RINGER
logo
Tiger Electronic Co.,Lt...
TA31002 TGS-TA31002 Datasheet
158Kb / 4P
   TIGER ELECTRONIC CO
logo
Unisonic Technologies
TA31002-D08-T UTC-TA31002-D08-T Datasheet
67Kb / 6P
   TELEPHONE TONE RINGER
More results

Similar Description - TA31002

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC34012-1 MOTOROLA-MC34012-1 Datasheet
21Kb / 1P
   TELEPHONE TONE RINGER
logo
Unisonic Technologies
31002A UTC-31002A_15 Datasheet
193Kb / 5P
   TELEPHONE TONE RINGER
TA31001 UTC-TA31001_10 Datasheet
200Kb / 6P
   TELEPHONE TONE RINGER
TA31002 UTC-TA31002_15 Datasheet
67Kb / 6P
   TELEPHONE TONE RINGER
UTCTA31001 UTC-UTCTA31001 Datasheet
26Kb / 3P
   TELEPHONE TONE RINGER
31002A UTC-31002A_08 Datasheet
173Kb / 6P
   TELEPHONE TONE RINGER
UTC31002A UTC-UTC31002A Datasheet
33Kb / 4P
   TELEPHONE TONE RINGER
UTCTA31002 UTC-UTCTA31002 Datasheet
27Kb / 4P
   TELEPHONE TONE RINGER
TA31002 UTC-TA31002 Datasheet
67Kb / 6P
   TELEPHONE TONE RINGER
TA31002 UTC-TA31002_07 Datasheet
67Kb / 6P
   TELEPHONE TONE RINGER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com