Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PHMB600E6C Datasheet(PDF) 1 Page - Nihon Inter Electronics Corporation

Part # PHMB600E6C
Description  IGBT Module-Dual
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation

PHMB600E6C Datasheet(HTML) 1 Page - Nihon Inter Electronics Corporation

  PHMB600E6C Datasheet HTML 1Page - Nihon Inter Electronics Corporation PHMB600E6C Datasheet HTML 2Page - Nihon Inter Electronics Corporation PHMB600E6C Datasheet HTML 3Page - Nihon Inter Electronics Corporation PHMB600E6C Datasheet HTML 4Page - Nihon Inter Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
QS043-402-20394 (2/5)
00
日本インター株式会社
PHMB600E6
IGBT Module-Single
600A,600V
PHMB600E6C
□ 回 路 図 :
CIRCUIT
□ 外 形 寸 法 図
OUTLINE DRAWING
□ 最 大 定 格 :
MAXIMUM RATINGS (T
=25℃)
Item
Symbol
Rated
Value
Unit
コレクタ・エミッタ間電圧
Collector-Emitter Voltage
CES
600
ゲ ー ト・エ ミ ッ タ 間 電 圧
Gate-Emitter Voltage
GES
±20
DC
600
600
コ レ
ク タ 電
Collector Current
1ms
1,200
1,200
コ レ
ク タ 損
Collector Power Dissipation
2,080
Junction
Temperature
Range
-40~+150
Storage Temperature Range
stg
-40~+125
圧(Terminal to Base AC,1minute)
Isolation Voltage
ISO
2,500
(RMS)
Module Base to Heatsink
3(30.6)
3(30.6)
M4
1 4(14 3)
M4
1 4(14 3)
締 め 付 け ト ル ク
Mounting
Torque
Busbar to Terminals
tor
PHMB600E6
M8
10 5(107)
PHMB600E6C
M6
3(30 6)
N・m
(kgf・cm)
□ 電 気 的 特 性
ELECTRICAL CHARACTERISTICS (T
=25℃)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
コ レ
ク タ 遮
断 電
Collector-Emitter Cut-Off Current
CES
CE= 600V, VGE= 0V
1.0
mA
ゲ ー
ト 漏 れ
電 流
Gate-Emitter Leakage Current
GES
GE= ±20V,VCE= 0V
1.0
μA
コレクタ・エミッタ間飽和電圧
Collector-Emitter Saturation Voltage
CE(sat)
= 600A,VGE= 15V
2.1
2.6
ゲ ー
ト し き い 値 電 圧
Gate-Emitter Threshold Voltage
GE(th)
CE= 5V,I= 600mA
4.0
8.0
Input Capacitance
ies
CE= 10V,VGE= 0V,f= 1MH
30,000
pF
上 昇 時 間 Rise
Time
0.15
0.35
ターンオン時間 Turn-on Time
on
0.30
0.85
下 降 時 間 Fall
Time
0.10
0.25
スイッチング時間
Switching Time
ターンオフ時間 Turn-off Time
off
CC= 300V
=
0.5Ω
=
2.0Ω
GE= ±15V
0.40
0.80
μs
□フリーホイーリングダイオードの 特 性:
FREE WHEELING DIODE RATINGS & CHARACTERISTICS(T
=25℃)
Item
Symbol
Rated
Value
Unit
DC
600
Forward Current
1ms
FM
1,200
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Peak Forward Voltage
= 600A,VGE= 0V
1.9
2.4
逆 回
復 時 間
Reverse Recovery Time
rr
= 600A,VGE= -10V
di/dt= 1200A/μs
0.15
0.25
μs
□ 熱
特 性 :
THERMAL CHARACTERISTICS
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
IGBT
0.06
Thermal Impedance
Diode
Rth(j-c)
Junction to Case
(Tc測定点チップ直下)
0.14
℃/W
4 - Ø6.5
2 -M6
108
93
9
24
20
29
2 -M4
11
2
1
3
4
LABEL
(C)
1
2
(E)
4
(E)
3
(G)
2 -M4
4 - Ø6.5
2 -M
8
11 0
93±0.25
13
21
29
4
2
1
3
LABEL
PH MB600E6
PH MB600E6C


Similar Part No. - PHMB600E6C

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
PHMB600E6 NI-PHMB600E6_15 Datasheet
345Kb / 4P
   IGBT
More results

Similar Description - PHMB600E6C

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PDMB200BS12 NIEC-PDMB200BS12 Datasheet
345Kb / 4P
   IGBT Module-Dual
PHMB600BS12 NIEC-PHMB600BS12 Datasheet
340Kb / 4P
   IGBT Module-Dual
PHMB800E6 NIEC-PHMB800E6 Datasheet
280Kb / 4P
   IGBT Module-Dual
PRFMB300E6 NIEC-PRFMB300E6 Datasheet
286Kb / 4P
   IGBT Module-Dual
PRHMB75E6 NIEC-PRHMB75E6 Datasheet
255Kb / 4P
   IGBT Module-Dual
PRHMB150E6 NIEC-PRHMB150E6 Datasheet
283Kb / 4P
   IGBT Module-Dual
PRHMB300E6 NIEC-PRHMB300E6 Datasheet
286Kb / 4P
   IGBT Module-Dual
PDMB100BS12 NIEC-PDMB100BS12 Datasheet
295Kb / 4P
   IGBT Module-Dual
PRFMB200E6 NIEC-PRFMB200E6 Datasheet
262Kb / 4P
   IGBT Module-Dual
PDMB300E6 NIEC-PDMB300E6 Datasheet
288Kb / 4P
   IGBT Module-Dual
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com