Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSKT95 Datasheet(PDF) 1 Page - Powersem GmbH

Part # PSKT95
Description  Thyristor/Diode Modules
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERSEM [Powersem GmbH]
Direct Link  http://www.powersem.com
Logo POWERSEM - Powersem GmbH

PSKT95 Datasheet(HTML) 1 Page - Powersem GmbH

  PSKT95 Datasheet HTML 1Page - Powersem GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
POWERSEM GmbH, Walpersdorfer Str. 53
D - 91126 Schwabach
Phone: 09122 - 9764 - 0 FAX: 09122 - 9764 - 20
2002 POWERSEM reserves the right to change limits, test conditions and dimensions
Preliminary Data Sheet
Thyristor Modules
Thyristor/Diode Modules
I
TRMS
= 2x 180 A
I
TAVM
= 2x 116 A
V
RRM
= 800-1800 V
PSKH
Version 8
PSKT
Version 8
PSKT
Version 1
36 7 1
5 4 2
36 1
5 2
31
5 2
3
1
5 4 2
PSKH
Version 1
Features
International standard package,
JEDEC TO-240 AA
Direct copper bonded Al
2O3 -ceramic
base plate
Planar passivated chips
Isolation voltage 3600 V~
UL registered, E 148688
Gate-cathode twin pins for version 1
Applications
DC motor control
Softstart AC motor controller
Light, heat and temperature control
Advantages
Space and weight savings
Simple mounting with two screws
Improved temperature and power
cycling capability
Reduced protection circuits
Data according to IEC 60747 and refer to a single thyristor/diode unless otherwise stated.
V
RSM
V
RRM
Type
V
DSM
V
DRM
V
V
Version 1
Version 8
900
800
PSKT 95/08io1
--
PSKT 95/08io8
PSKH 95/08io8
1300 1200
PSKT 95/12io1
PSKH 95-12io1
PSKT 95/12io8
PSKH 95/12io8
1500 1400
PSKT 95/14io1
--
PSKT 95/14io8
PSKH 95/14io8
1700 1600
PSKT 95/16io1
PSKH 95-16io1
PSKT 95/16io8
PSKH 95/16io8
1900 1800
PSKT 95/18io1
--
PSKT 95/18io8
PSKH 95/18io8
Symbol
Test Conditions
Maximum Ratings
I
TRMS, IFRMS
T
VJ = TVJM
180
A
I
TAVM, IFAVM
T
C = 85°C; 180° sine
116
A
I
TSM, IFSM
T
VJ = 45°C;
t = 10 ms (50 Hz), sine
2250
A
V
R = 0
t = 8.3 ms (60 Hz), sine
2400
A
T
VJ = TVJM
t = 10 ms (50 Hz), sine
2000
A
V
R = 0
t = 8.3 ms (60 Hz), sine
2150
A
∫∫∫∫∫i2dt
T
VJ = 45°C
t = 10 ms (50 Hz), sine
25 300
A2s
V
R = 0
t = 8.3 ms (60 Hz), sine
23 900
A2s
T
VJ = TVJM
t = 10 ms (50 Hz), sine
20 000
A2s
V
R = 0
t = 8.3 ms (60 Hz), sine
19 100
A2s
(di/dt)
cr
T
VJ = TVJM
repetitive, I
T = 250 A
150
A/µs
f =50 Hz, t
P =200 µs
V
D = 2/3 VDRM
I
G = 0.45 A
non repetitive, I
T = ITAVM
500
A/µs
di
G/dt = 0.45 A/µs
(dv/dt)
cr
T
VJ = TVJM;VDR = 2/3 VDRM
1000
V/µs
R
GK = ∞; method 1 (linear voltage rise)
P
GM
T
VJ = TVJM
t
P =
30 µs
10
W
I
T = ITAVM
t
P = 300 µs
5
W
P
GAV
0.5
W
V
RGM
10
V
T
VJ
-40...+125
°C
T
VJM
125
°C
T
stg
-40...+125
°C
V
ISOL
50/60 Hz, RMS
t = 1 min
3000
V~
I
ISOL ≤ 1 mA
t = 1 s
3600
V~
M
d
Mounting torque (M5)
2.5-4.0/22-35 Nm/lb.in.
Terminal connection torque (M5)
2.5-4.0/22-35 Nm/lb.in.
Weight
Typical including screws
90
g
PSKT 95
PSKH 95
6
7
4
5
3
2
1
TO-240 AA


Similar Part No. - PSKT95

ManufacturerPart #DatasheetDescription
logo
Powersem GmbH
PSKT95 POWERSEM-PSKT95 Datasheet
158Kb / 4P
   Thyristor/Diode Modules
More results

Similar Description - PSKT95

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STD200 ETC2-STD200 Datasheet
276Kb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
logo
Sirectifier Semiconduct...
STD320 SIRECTIFIER-STD320 Datasheet
337Kb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
STD200 SIRECTIFIER-STD200 Datasheet
276Kb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
logo
Sirectifier Global Corp...
SDT70 SIRECT-SDT70 Datasheet
1Mb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
logo
Sirectifier Semiconduct...
STD165 SIRECTIFIER-STD165 Datasheet
484Kb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
STD253 SIRECTIFIER-STD253 Datasheet
264Kb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
STD116 SIRECTIFIER-STD116 Datasheet
500Kb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
STD70 SIRECTIFIER-STD70 Datasheet
486Kb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
STD27 SIRECTIFIER-STD27 Datasheet
478Kb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
logo
Sirectifier Global Corp...
SDT18 SIRECT-SDT18 Datasheet
1Mb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
SDT116 SIRECT-SDT116 Datasheet
1Mb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com