Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


UTCNE556 Datasheet(PDF) 3 Page - Unisonic Technologies

Part No. UTCNE556
Description  DUAL TIMER
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  UTC [Unisonic Technologies]
Homepage  http://www.utc-ic.com
Logo 

   
 3 page
background image
UTCNE556
LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO., LTD.
3
QW-R106-002,A
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
12.5
V
12.75
13.3
V
Vcc=5V
Isource=100mA
2.75
3.3
V
Rise Time of Output
tR
100
300
nSec
Fall Time of Output
tF
100
300
nSec
Discharge Leakage Current
ILKG
20
100
nA
Matching Parameter
Initial Accuracy(Note 5)
ACCUR
RA, RB=1K
Ω to 100KΩ
C=0.1
µF
Vcc=15V
1
2
%
Drift with Temperature
∆t/∆T
10
ppm/
°C
Drift with Supply Voltage
∆t/∆Vcc
0.2
0.5
%/V
Note 1: Supply current when output is high is typically 1mA less at Vcc 5V.
Note 2: Tested at Vcc=5V and Vcc=15V.
Note 3: This will determine the maximum value of RA+RB for 15V operation, The maximum total is R=20M
Ω, and
for 5V operation the maximum total is R=6.6M
Ω.
Note 4: As reset voltage lower, timing is inhibited and then the output goes low.
Note 5: Matching parameters refer to the difference between performance parameters of each timer section in the
monostable mode.




Html Pages

1  2  3 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TS556LOW POWER DUAL CMOS TIMER 1 2 3 4 5 MoreSTMicroelectronics
ILC556NGENERAL PURPOSE DUAL TIMER 1 2 3 4 Integral Corp.
S4242Dual Voltage Supervisory Circuit With Watchdog Timer 1 2 3 4 5 MoreSummit Microelectronics, Inc.
M51847PDUAL TIMER 1 2 3 4 Mitsubishi Electric Semiconductor
NE556Dual timer 1 2 3 4 5 NXP Semiconductors
NJM556DUAL TIMER 1 2 3 4 5 New Japan Radio
ALD1502SINGLE/DUAL PRECISION HIGH SPEED MICROPOWER TIMER 1 2 3 4 Advanced Linear Devices
UTCLM556DUAL TIMER 1 2 3 Unisonic Technologies
MAX6826Dual Ultra-Low-Voltage SOT23 μP Supervisors with Manual Reset and Watchdog Timer 1 2 3 4 5 MoreMaxim Integrated Products
TA8041HADUAL VOLTAGE REGULATOR WITH WATCHDOG TIMER 1 2 3 4 5 MoreToshiba Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl