Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSHM40D-06 Datasheet(PDF) 2 Page - Powersem GmbH

Part # PSHM40D-06
Description  CoolMOS Power MOSFET
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERSEM [Powersem GmbH]
Direct Link  http://www.powersem.com
Logo POWERSEM - Powersem GmbH

PSHM40D-06 Datasheet(HTML) 2 Page - Powersem GmbH

  PSHM40D-06 Datasheet HTML 1Page - Powersem GmbH PSHM40D-06 Datasheet HTML 2Page - Powersem GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ECO-PACTM 2
POWERSEM GmbH, Walpersdorfer Str. 53
D - 91126 Schwabach
Phone: 09122 - 9764 - 0 FAX: 09122 - 9764 - 20
2003 POWERSEM reserves the right to change limits, test conditions and dimensions
Module
Symbol
Conditions
Maximum Ratings
T
VJ
-40...+150
°C
T
stg
-40...+125
°C
V
ISOL
I
ISOL ≤ 1 mA; 50/60 Hz; t = 1 s
3600
V~
M
d
Mounting torque (M4)
1.5 - 2.0
Nm
14 - 18
lb.in.
a
Max. allowable acceleration
50
m/s2
Symbol
Conditions
Characteristic Values
min. typ. max.
d
S
Creepage distance on surface (Pin to heatsink)
11.2
m m
d
A
Strike distance in air (Pin to heatsink)
11.2
m m
Weight
24
g
Temperature Sensor NTC
Symbol
Conditions
Characteristic Values
min.
typ.
max.
R
25
T = 25°C
4.75
5.0
5.25 k
B
25/50
3375
K
Reverse diodes (FRED)
Symbol
Conditions
Maximum Ratings
I
F25
T
C = 25°C
18.5
A
I
F80
T
C = 80°C
12.0
A
Symbol
Conditions
Characteristic Values
min.
typ. max.
V
F
I
F = 15 A;
T
VJ =
25°C
2.58
2.64
V
T
VJ = 125°C
1.8
V
I
RM
I
F = 10 A; diF/dt = 400 A/µs; TVJ = 125°C
7
A
t
rr
V
R = 300 V; VGE = 0 V
70
ns
R
thJC
3.5 K/W
R
thJH
with heatsink compound (0.42 K/m.K; 50 µm)
7
K/W
Dimensions in mm (1 mm = 0.0394")


Similar Part No. - PSHM40D-06

ManufacturerPart #DatasheetDescription
logo
Powersem GmbH
PSHM40-06 POWERSEM-PSHM40-06 Datasheet
105Kb / 2P
   CoolMOS Power MOSFET
PSHM40/06 POWERSEM-PSHM40/06 Datasheet
105Kb / 2P
   CoolMOS Power MOSFET
PSHM4006 POWERSEM-PSHM4006 Datasheet
105Kb / 2P
   CoolMOS Power MOSFET in ECO-PAC 2
More results

Similar Description - PSHM40D-06

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXKP13N60C5M IXYS-IXKP13N60C5M Datasheet
106Kb / 4P
   CoolMOS Power MOSFET
IXKN75N60 IXYS-IXKN75N60 Datasheet
70Kb / 3P
   CoolMOS Power MOSFET
IXKC23N60C5 IXYS-IXKC23N60C5 Datasheet
290Kb / 4P
   CoolMOS Power MOSFET
IXKN45N80C IXYS-IXKN45N80C Datasheet
52Kb / 2P
   CoolMOS Power MOSFET
logo
Powersem GmbH
PSHM40-06 POWERSEM-PSHM40-06 Datasheet
105Kb / 2P
   CoolMOS Power MOSFET
logo
IXYS Corporation
IXKN40N60 IXYS-IXKN40N60 Datasheet
117Kb / 2P
   CoolMOS Power MOSFET
VKM40-06P1 IXYS-VKM40-06P1 Datasheet
60Kb / 2P
   CoolMOS Power MOSFET
VHM40-06P1 IXYS-VHM40-06P1 Datasheet
49Kb / 2P
   CoolMOS Power MOSFET
logo
Powersem GmbH
PSMI40-06 POWERSEM-PSMI40-06 Datasheet
150Kb / 2P
   CoolMOS Power MOSFET
logo
IXYS Corporation
10N60C5M IXYS-10N60C5M Datasheet
104Kb / 4P
   CoolMOS Power MOSFET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com