Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSKH161 Datasheet(PDF) 2 Page - Powersem GmbH

Part # PSKH161
Description  Thyristor/Diode Modules
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERSEM [Powersem GmbH]
Direct Link  http://www.powersem.com
Logo POWERSEM - Powersem GmbH

PSKH161 Datasheet(HTML) 2 Page - Powersem GmbH

  PSKH161 Datasheet HTML 1Page - Powersem GmbH PSKH161 Datasheet HTML 2Page - Powersem GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
POWERSEM GmbH, Walpersdorfer Str. 53
D - 91126 Schwabach
Phone: 09122 - 9764 - 0 FAX: 09122 - 9764 - 20
2002 POWERSEM reserves the right to change limits, test conditions and dimensions
Symbol
Test Conditions
Characteristic Values
I
RRM, IDRM
T
VJ = TVJM; VR = VRRM
mA
V
T
I
T
=
A; T
VJ = 25°C
V
V
T0
For power-loss calculations only (T
VJ = TVJM)V
r
T
m
V
GT
V
D
= 6 V;
T
VJ = 25°C
V
T
VJ = -40°C
V
I
GT
V
D
= 6 V;
T
VJ = 25°C
mA
T
VJ = -40°C
mA
V
GD
T
VJ = TVJM;VD = 2/3 VDRM
V
I
GD
T
VJ = TVJM;VD = 2/3 VDRM
mA
I
L
T
VJ = 25°C; VD = 6 V; tP = 30 µs
200
mA
di
G/dt = 0.45A/µs; IG = 0.45 A
I
H
T
VJ = 25°C; VD = 6 V; RGK = ∞
mA
t
gd
T
VJ = 25°C; VD = 1/2 VDRM
µs
di
G/dt =
A/µs; I
G =
A
t
q
T
VJ = TVJM; VR = 100 V; VD = 2/3 VDRM; tP = 200 µs
typ.
150
µs
dv/dt = 20 V/µs; I
T = 160 A; -di/dt = 10A/µs
Q
S
T
VJ = TVJM
µC
I
RM
-di/dt =
A/µs; I
T =A
A
R
thJC
per thyristor; DC current
K/W
per module
K/W
R
thJK
per thyristor; DC current
K/W
per module
K/W
d
S
Creeping distance on surface
m m
d
A
Creepage distance in air
m m
a
Maximum allowable acceleration
m/s2
Optional accessories for modules
Keyed gate/cathode twin plugs with wire length = 350 mm, gate = yellow, cathode = red
Type ZY 180L (L = Left for pin pair 4/5)
UL 758, style 1385,
Type ZY 180R (R = right for pin pair 6/7)
CSA class 5851, guide 460-1-1
2
2.6
150
200
550
50
300
235
0.155
0.078
0.225
0.113
12.7
9.6
50
40
300
1.36
0.8
1.6
0.25
10
150
2
0.5
0.5
Dimensions in mm (1 mm = 0.0394")
R
thJC for various conduction angles d:
d
R
thJC (K/W)
DC
0.155
180°
0.167
120°
0.175
60°
0.197
30°
0.226
R
thJK for various conduction angles d:
d
R
thJK (K/W)
DC
0.225
180°
0.237
120°
0.245
60°
0.262
30°
0.296
Constants for Z
thJC calculation:
iR
thi (K/W)
t
i (s)
1
0.0072
0.001
2
0.0188
0.08
3
0.129
0.2
Constants for Z
thJK calculation:
iR
thi (K/W)
t
i (s)
1
0.0072
0.001
2
0.0188
0.08
3
0.129
0.2
4
0.07
1.0
Fig. 1 Gate trigger characteristics
Fig. 2 Gate trigger delay time


Similar Part No. - PSKH161

ManufacturerPart #DatasheetDescription
logo
Powersem GmbH
PSKH162 POWERSEM-PSKH162 Datasheet
224Kb / 4P
   Thyristor/Diode Modules
More results

Similar Description - PSKH161

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STD200 ETC2-STD200 Datasheet
276Kb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
logo
Sirectifier Semiconduct...
STD320 SIRECTIFIER-STD320 Datasheet
337Kb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
STD200 SIRECTIFIER-STD200 Datasheet
276Kb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
logo
Sirectifier Global Corp...
SDT70 SIRECT-SDT70 Datasheet
1Mb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
logo
Sirectifier Semiconduct...
STD165 SIRECTIFIER-STD165 Datasheet
484Kb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
STD253 SIRECTIFIER-STD253 Datasheet
264Kb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
STD116 SIRECTIFIER-STD116 Datasheet
500Kb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
STD70 SIRECTIFIER-STD70 Datasheet
486Kb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
STD27 SIRECTIFIER-STD27 Datasheet
478Kb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
logo
Sirectifier Global Corp...
SDT18 SIRECT-SDT18 Datasheet
1Mb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
SDT116 SIRECT-SDT116 Datasheet
1Mb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com