Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSKH44 Datasheet(PDF) 1 Page - Powersem GmbH

Part # PSKH44
Description  Thyristor/Diode Modules
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERSEM [Powersem GmbH]
Direct Link  http://www.powersem.com
Logo POWERSEM - Powersem GmbH

PSKH44 Datasheet(HTML) 1 Page - Powersem GmbH

  PSKH44 Datasheet HTML 1Page - Powersem GmbH PSKH44 Datasheet HTML 2Page - Powersem GmbH PSKH44 Datasheet HTML 3Page - Powersem GmbH PSKH44 Datasheet HTML 4Page - Powersem GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
POWERSEM GmbH, Walpersdorfer Str. 53
D - 91126 Schwabach
Phone: 09122 - 9764 - 0 FAX: 09122 - 9764 - 20
2003 POWERSEM reserves the right to change limits, test conditions and dimensions
Preliminary Data Sheet
Thyristor Modules
Thyristor/Diode Modules
I
TRMS
= 2 x 80 A
I
TAVM
= 2 x 51 A
V
RRM
= 800-1800 V
Features
International standard package,
JEDEC TO-240 AA
Direct copper bonded Al
2O3 -ceramic
base plate
Planar passivated chips
Isolation voltage 3600 V~
UL registered, E 148688
Gate-cathode twin pins for version 1
Applications
DC motor control
Softstart AC motor controller
Light, heat and temperature control
Advantages
Space and weight savings
Simple mounting with two screws
Improved temperature and power
cycling capability
Reduced protection circuits
Data according to IEC 60747 and refer to a single thyristor/diode unless otherwise stated.
V
RSM
V
RRM
Type
V
DSM
V
DRM
V
V
Version 1
Version 8
900
800
PSKT 44/08io1
PSKT 44/08io8
PSKH 44/08io8
1300 1200
PSKT 44/12io1
PSKT 44/12io8
PSKH 44/12io8
1500 1400
PSKT 44/14io1
PSKT 44/14io8
PSKH 44/14io8
1700 1600
PSKT 44/16io1
PSKT 44/16io8
PSKH 44/16io8
1900 1800
PSKT 44/18io1
PSKT 44/18io8
PSKH 44/18io8
PSKT 44
PSKH 44
Symbol
Test Conditions
Maximum Ratings
I
TRMS, IFRMS
T
VJ = TVJM
80
A
I
TAVM, IFAVM
T
C = 83°C; 180° sine
51
A
T
C = 85°C; 180° sine
49
A
I
TSM, IFSM
T
VJ = 45°C;
t = 10 ms (50 Hz), sine
1150
A
V
R = 0
t = 8.3 ms (60 Hz), sine
1230
A
T
VJ = TVJM
t = 10 ms (50 Hz), sine
1000
A
V
R = 0
t = 8.3 ms (60 Hz), sine
1070
A
∫∫∫∫∫i2dt
T
VJ = 45°C
t = 10 ms (50 Hz), sine
6600
A2s
V
R = 0
t = 8.3 ms (60 Hz), sine
6280
A2s
T
VJ = TVJM
t = 10 ms (50 Hz), sine
5000
A2s
V
R = 0
t = 8.3 ms (60 Hz), sine
4750
A2s
(di/dt)
cr
T
VJ = TVJM
repetitive, I
T = 150 A
150
A/µs
f =50 Hz, t
P =200 µs
V
D = 2/3 VDRM
I
G = 0.45 A
non repetitive, I
T = ITAVM
500
A/µs
di
G/dt = 0.45 A/µs
(dv/dt)
cr
T
VJ = TVJM;VDR = 2/3 VDRM
1000
V/µs
R
GK = ∞; method 1 (linear voltage rise)
P
GM
T
VJ = TVJM
t
P =
30 µs
10
W
I
T = ITAVM
t
P = 300 µs
5
W
P
GAV
0.5
W
V
RGM
10
V
T
VJ
-40...+125
°C
T
VJM
125
°C
T
stg
-40...+125
°C
V
ISOL
50/60 Hz, RMS
t = 1 min
3000
V~
I
ISOL ≤ 1 mA
t = 1 s
3600
V~
M
d
Mounting torque (M5)
2.5-4.0/22-35 Nm/lb.in.
Terminal connection torque (M5)
2.5-4.0/22-35 Nm/lb.in.
Weight
Typical including screws
90
g
PSKH
PSKH
PSKH
PSKH
PSKH
Version 8
Version 8
Version 8
Version 8
Version 8
PSKT
PSKT
PSKT
PSKT
PSKT
Version 8
Version 8
Version 8
Version 8
Version 8
PSKT
PSKT
PSKT
PSKT
PSKT
Version 1
Version 1
Version 1
Version 1
Version 1
36 7 1
5 4 2
36 1
5 2
31
5 2
6
7
4
5
3
2
1
TO-240 AA


Similar Part No. - PSKH44

ManufacturerPart #DatasheetDescription
logo
Powersem GmbH
PSKH132 POWERSEM-PSKH132 Datasheet
213Kb / 4P
   Thyristor/Diode Modules
PSKH161 POWERSEM-PSKH161 Datasheet
128Kb / 2P
   Thyristor/Diode Modules
PSKH162 POWERSEM-PSKH162 Datasheet
224Kb / 4P
   Thyristor/Diode Modules
PSKH220 POWERSEM-PSKH220 Datasheet
205Kb / 4P
   Thyristor/Diode Modules
PSKH224 POWERSEM-PSKH224 Datasheet
160Kb / 4P
   Thyristor/Diode Modules
More results

Similar Description - PSKH44

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STD200 ETC2-STD200 Datasheet
276Kb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
logo
Sirectifier Semiconduct...
STD320 SIRECTIFIER-STD320 Datasheet
337Kb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
STD200 SIRECTIFIER-STD200 Datasheet
276Kb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
logo
Sirectifier Global Corp...
SDT70 SIRECT-SDT70 Datasheet
1Mb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
logo
Sirectifier Semiconduct...
STD165 SIRECTIFIER-STD165 Datasheet
484Kb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
STD253 SIRECTIFIER-STD253 Datasheet
264Kb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
STD116 SIRECTIFIER-STD116 Datasheet
500Kb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
STD70 SIRECTIFIER-STD70 Datasheet
486Kb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
STD27 SIRECTIFIER-STD27 Datasheet
478Kb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
logo
Sirectifier Global Corp...
SDT18 SIRECT-SDT18 Datasheet
1Mb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
SDT116 SIRECT-SDT116 Datasheet
1Mb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com