Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D3V-21G4MK-2A4-W2KE Datasheet(PDF) 10 Page - Omron Electronics LLC

Part # D3V-21G4MK-2A4-W2KE
Description  Miniature Basic Switch
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D3V-21G4MK-2A4-W2KE Datasheet(HTML) 10 Page - Omron Electronics LLC

Back Button D3V-21G4MK-2A4-W2KE Datasheet HTML 6Page - Omron Electronics LLC D3V-21G4MK-2A4-W2KE Datasheet HTML 7Page - Omron Electronics LLC D3V-21G4MK-2A4-W2KE Datasheet HTML 8Page - Omron Electronics LLC D3V-21G4MK-2A4-W2KE Datasheet HTML 9Page - Omron Electronics LLC D3V-21G4MK-2A4-W2KE Datasheet HTML 10Page - Omron Electronics LLC D3V-21G4MK-2A4-W2KE Datasheet HTML 11Page - Omron Electronics LLC D3V-21G4MK-2A4-W2KE Datasheet HTML 12Page - Omron Electronics LLC D3V-21G4MK-2A4-W2KE Datasheet HTML 13Page - Omron Electronics LLC D3V-21G4MK-2A4-W2KE Datasheet HTML 14Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
82
Miniature Basic Switch
D3V
Hinge Lever Models
D3V-21G2-1
@4A-Δ
D3V-162-1
@5-Δ
D3V-112-1
@5-Δ
D3V-112-1
@4-Δ
D3V-62-1
@4-Δ
D3V-6G2-1
@3-Δ
D3V-012-1
@3-Δ
4.2
10.3
2.85
PT
35.6
±0.8
8.1
1.6
3.1
dia. hole
+0.13
−0.03
0.7
4
7.2
18.8
15.9
t=0.5
Three, #187 series tab
2.8
(10)
27.8
37.8
±0.8
3.4±0.15 dia. hole
22.2
±0.1
3.1
+0.13
−0.03
10.3
±0.1
OP
2.8
t=0.5
A
t=0.5
Three, quick-connect
terminals (#187)
Note: Stainless-steel lever
D3V-21G2M-1
@4A-Δ
D3V-162M-1
@5-Δ
D3V-112M-1
@5-Δ
D3V-112M-1
@4-Δ
D3V-62M-1
@4-Δ
D3V-6G2M-1
@3-Δ
D3V-012M-1
@3-Δ
A
Model
D3V-21G2(M)-1
@4A-Δ
D3V-162(M)-1
@5-Δ
D3V-112(M)-1
@5-Δ
D3V-112(M)-1
@4-Δ
D3V-62(M)-1
@4−Δ
D3V-6G2(M)-1
@3-Δ
D3V-012(M)-1
@3-Δ
OF max.
RF min.
80 gf
6 gf
125 gf
14 gf
60 gf
6 gf
30 gf
- - -
PT max.
OT min.
MD max.
4.0 mm
1.6 mm
0.8 mm
4.0 mm
1.6 mm
1.5 mm (F gap type) or 0.8 mm (G gap type)
4.0 mm
1.6 mm
1.5 mm
OP
15.2
± 1.2 mm
D3V-21G2K-1
@4A-Δ
D3V-162K-1
@5-Δ
D3V-112K-1
@5-Δ
D3V-112K-1
@4-Δ
D3V-62K-1
@4-Δ
D3V-6G2K-1
@3-Δ
D3V-012K-1
@3-Δ
4.5
10.3
2.85
PT
41.4
±0.8
14.3
8.5
1.6
3.1
dia. hole
+0.13
−0.03
0.7
4
7.2
18.7
15.9
t=0.5
Three, #187 series tab
2.8
(10)
27.8
37.8
±0.8
3.4
±0.15 dia. hole
22.2
±0.1
3.1+0.13
−0.03
10.3
±0.1 OP
2.8
t=0.5
A
Model
D3V-21G2K-1
@4A-Δ
D3V-162K-1
@5-Δ
D3V-112K-1
@5-Δ
D3V-112K-1
@4-Δ
D3V-62K-1
@4-Δ
D3V-6G2K-1
@3-Δ
D3V-012K-1
@3-Δ
OF max.
RF min.
45 gf
4 gf
70 gf
8 gf
35 gf
4 gf
20 gf
- - -
PT max.
OT min.
MD max.
6.0 mm
2.5 mm
1.3 mm
6.0 mm
2.5 mm
2.0 mm (F gap type) or 1.3 mm (G gap type)
6.0 mm
2.5 mm
2.0 mm
OP
15.2
± 2.0 mm


Similar Part No. - D3V-21G4MK-2A4-W2KE

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
D3V-21 OMRON-D3V-21 Datasheet
1Mb / 16P
   Reliable Basic Switch with External Lever
More results

Similar Description - D3V-21G4MK-2A4-W2KE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MV-3 ETC-MV-3 Datasheet
4Mb / 12P
   Miniature Basic Switch
logo
Omron Electronics LLC
V-15-1A5 OMRON-V-15-1A5 Datasheet
256Kb / 16P
   Miniature Basic Switch
logo
List of Unclassifed Man...
V-102-1A4 ETC2-V-102-1A4 Datasheet
1Mb / 16P
   Miniature Basic Switch
logo
Omron Electronics LLC
D2MV OMRON-D2MV Datasheet
1Mb / 5P
   Miniature Basic Switch
logo
List of Unclassifed Man...
D2SW ETC-D2SW Datasheet
95Kb / 6P
   Watertight Miniature Basic Switch
logo
Honeywell Solid State E...
V5B210CB1C HONEYWELL-V5B210CB1C Datasheet
133Kb / 5P
   V5 Series Miniature Basic Switch
logo
Omron Electronics LLC
D2FC-F-7N OMRON-D2FC-F-7N Datasheet
316Kb / 6P
   Ultra Sub Miniature Basic Switch
logo
Honeywell Solid State E...
V7-SERIES HONEYWELL-V7-SERIES Datasheet
700Kb / 11P
   MICRO SWITCH Premium Miniature Basic Switches
V15S05 HONEYWELL-V15S05 Datasheet
1Mb / 13P
   MICRO SWITCH Standard Miniature Basic Switches
06/20
logo
List of Unclassifed Man...
11SM3-T ETC1-11SM3-T Datasheet
49Kb / 1P
   SWITCH BASIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com