Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XS3W-M8PVC4AS5M Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # XS3W-M8PVC4AS5M
Description  Round Water-resistant Connectors (M8)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

XS3W-M8PVC4AS5M Datasheet(HTML) 1 Page - Omron Electronics LLC

  XS3W-M8PVC4AS5M Datasheet HTML 1Page - Omron Electronics LLC XS3W-M8PVC4AS5M Datasheet HTML 2Page - Omron Electronics LLC XS3W-M8PVC4AS5M Datasheet HTML 3Page - Omron Electronics LLC XS3W-M8PVC4AS5M Datasheet HTML 4Page - Omron Electronics LLC XS3W-M8PVC4AS5M Datasheet HTML 5Page - Omron Electronics LLC XS3W-M8PVC4AS5M Datasheet HTML 6Page - Omron Electronics LLC XS3W-M8PVC4AS5M Datasheet HTML 7Page - Omron Electronics LLC XS3W-M8PVC4AS5M Datasheet HTML 8Page - Omron Electronics LLC XS3W-M8PVC4AS5M Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Round Water-resistant Connectors (M8)
XS3
165
Round Water-resistant Connectors (M8)
XS3
Compact, Watertight, Round Connectors
• Water-resistive, compact connector meets IP67 requirements.
• Ideal for a wide variety of FA and OA applications.
• Using connectors for wiring ensures ease of equipment
maintenance and reduces downtime required for equip-
ment maintenance.
■ Ratings and Specifications
■ Material
■ PVC Cable
■ PUR Cable
■ Socket Appearance
Rated current
3A
Rated voltage
125 VDC
Contact resistance
60 m
Ω max. (20 mV max., 100 mA max.)
Insulation resistance
1,000 M
Ω min. (at 500 VDC)
Dielectric strength
1,000 VAC for 1 min
(leakage current: 1 mA max.)
Degree of protection
IP67 (IEC60529)
Insertion tolerance
200 times min.
Contact / Surface
Copper Alloy / Nickel base, Au0.4
μm
Connector housing
PBT resin (UL94V-0)
Nut / Surface
Copper Alloy / Nickel plated
Cover
PBT resin (UL94V-0)
Item
3 cores
4 cores
Color
Black
Outer diameter
5 mm dia.
4.8 mm dia.
Conductor size
AWG22 0.34 mm2
(43 × 0.1)
0.25 mm2
(32 × 0.1)
Approvals
AWM
Features
Flame retardant
Temperature range
-25 to +70
°C
Item
3 cores
4 cores
Color
Black
Outer diameter
4.3 mm dia.
4.7 mm dia.
Conductor size
AWG22 0.34 mm2 (43 × 0.1)
Approvals
AWM
Features
Flame retardant Halogen free Oil resistance
Temperature range
Cable fixed: -50 to +80
°C / Cable moved: -25 to +80°C
3 poles
4 poles
Male
Female
Male
Female
1
3
4
1
3
4
1
2
3
4
1
2
3
4


Similar Part No. - XS3W-M8PVC4AS5M

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
XS300-071 ALPHAWIRE-XS300-071 Datasheet
97Kb / 3P
   Customer Specification
8/30/2022
XS300-071 ALPHAWIRE-XS300-071 Datasheet
96Kb / 3P
   Customer Specification
3/12/2023
XS300-071 ALPHAWIRE-XS300-071_V01 Datasheet
96Kb / 3P
   Customer Specification
3/12/2023
XS300-083 ALPHAWIRE-XS300-083 Datasheet
97Kb / 3P
   Customer Specification
8/30/2022
XS300-083 ALPHAWIRE-XS300-083 Datasheet
96Kb / 3P
   Customer Specification
3/12/2023
More results

Similar Description - XS3W-M8PVC4AS5M

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
XS5 OMRON-XS5 Datasheet
2Mb / 18P
   Round Water-resistant Connectors (M12)
XS2F-D421-DC0-A OMRON-XS2F-D421-DC0-A Datasheet
3Mb / 26P
   Round Water-resistant Connectors (M12)
XS2 OMRON-XS2_11 Datasheet
3Mb / 18P
   Round Water-resistant Connectors (M12)
XS2 OMRON-XS2 Datasheet
3Mb / 20P
   Round Water-resistant Connectors (M12)
logo
American Zettler, Inc.
ZCS1-120 AZETTLER-ZCS1-120 Datasheet
141Kb / 2P
   WATER RESISTANT SOLENOID
logo
CONEC Elektronische Bau...
15-000050 CONEC-15-000050 Datasheet
98Kb / 1P
   WATER RESISTANT SCREEN CAP
logo
Extech Instruments Corp...
365510 EXTECH-365510 Datasheet
165Kb / 1P
   Water Resistant Stopwatch/Clock
logo
Soberton Inc.
WSP-5008-57 SOBERTON-WSP-5008-57_18 Datasheet
462Kb / 1P
   WSP WATER RESISTANT SPEAKER
logo
CONEC Elektronische Bau...
15-000150 CONEC-15-000150 Datasheet
92Kb / 1P
   WATER RESISTANT SCREEN CAP
logo
Soberton Inc.
WSP-417108 SOBERTON-WSP-417108_18 Datasheet
539Kb / 1P
   WSP WATER RESISTANT SPEAKER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com