Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XG8W-2031 Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # XG8W-2031
Description  Standard Unshrouded Header Plug
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

XG8W-2031 Datasheet(HTML) 1 Page - Omron Electronics LLC

  XG8W-2031 Datasheet HTML 1Page - Omron Electronics LLC XG8W-2031 Datasheet HTML 2Page - Omron Electronics LLC XG8W-2031 Datasheet HTML 3Page - Omron Electronics LLC XG8W-2031 Datasheet HTML 4Page - Omron Electronics LLC XG8W-2031 Datasheet HTML 5Page - Omron Electronics LLC XG8W-2031 Datasheet HTML 6Page - Omron Electronics LLC XG8W-2031 Datasheet HTML 7Page - Omron Electronics LLC XG8W-2031 Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Standard Unshrouded Header Plug
XG8
71
Standard Unshrouded Header Plug
XG8
Standard Plugs can be used in a wide
range of applications.
• The XG8 2 row plugs mates with different Omron 2 row Sockets:
XG4M Flat Cable Connector, XG4H Board to Board Connector
and XG5 Discrete-wire IDC Connector
• XG8A and XG8B Header / Plugs are sold in strips of 50
(single row) or 100 (double row) terminals. Simply cut the
strips to the desired length / number of contacts.
• XG5Z-0002 Top Lock Levers (sold separately) ensure secure
connection to Omron Sockets when used with double row,
right-angle XG8W
Unshrouded Plugs
Original Header / Plug
Header / Plug Strips
Note: 1. See the following pages for exact part numbers
■ Ratings and Characteristics
Note: 1. The rated current will depend on the Socket you are using.
It is 1A if using the XG4M and 3A if using XG5, for example.
2. The contact resistance is measured with the Plug mated to
an XG5M-N.
■ Materials and Finish
Note: Two types of contacts and mating ends, one with all gold plating
and the other with all tin plating, are available. (XG8V and XG8W)
■ Applicable Sockets
Model
XG8V
XG8W
Single Row
Double Row
Straight
Right-angle
Straight
Right-angle
Appearance
Model
XG8A
XG8B
Single Row
Double Row
Straight
Right-angle
Straight
Right-angle
Appearance
Rated current
3 A (See note 1.)
Rated voltage
300 VAC
Contact
resistance
20 m
Ω max. (at 20 mV, 100 mA max.) (See note 2.)
Insulation
resistance
1,000 M
Ω min. (at 500 VDC)
Dielectric
strength
650 VAC for 1 min. (leakage current: 1 mA max.)
Ambient
temperature
Operating:
−55°C to 105°C (with no icing)
Model
XG8V and XG8W
XG8A and XG8B
Base
Fiber-glass reinforced PBT resin (UL94V-0)/black
Contacts Mating end
1) Brass/nickel base,
0.15-
μm gold plating
2) Brass/nickel base,
tin plating
Brass/nickel base,
0.15-
μm gold plating
Terminal
Brass/nickel base, tin
plating
XG8W and XG8B
(Double Row)
XG4M Flat Cable Connectors (Sockets)
XG4H Board-to-Board Connectors (Sockets)
XG5M-N Discrete-wire IDC Connectors
(Double-row Sockets)


Similar Part No. - XG8W-2031

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
XG8W OMRON-XG8W Datasheet
919Kb / 10P
   IDC Sockets for Discrete Wires
More results

Similar Description - XG8W-2031

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BU-16-0 ETC2-BU-16-0 Datasheet
50Kb / 1P
   Unshrouded Stackable Banana Plug
logo
FCI connector
20021111 FCI-CONNECTOR-20021111 Datasheet
56Kb / 1P
   1.27X1.27MM BTB HEADER UNSHROUDED, VERTICAL, TH
logo
Molex Electronics Ltd.
75757-1401 MOLEX-75757-1401 Datasheet
240Kb / 2P
   MX150??Dual-Row Unshrouded Breakaway Header
logo
Tyco Electronics
6-103916-1 MACOM-6-103916-1 Datasheet
120Kb / 1P
   HEADER ASSEMBLY, VERTICAL, UNSHROUDED, AMPMODU System 50
C-282833 MACOM-C-282833 Datasheet
41Kb / 1P
   TERMINAL BLOCK PIN HEADER UNSHROUDED 10mm PITCH
C-1776708 MACOM-C-1776708 Datasheet
76Kb / 1P
   TERMINAL BLOCK PIN HEADER UNSHROUDED 5.0mm PITCH
logo
Molex Electronics Ltd.
SD-75757-010 MOLEX-SD-75757-010 Datasheet
203Kb / 2P
   MX150 SINGLE ROW UNSHROUDED VERTICAL HEADER ASSEMBLY
2020/03/02
logo
Tyco Electronics
C-1546019 MACOM-C-1546019 Datasheet
53Kb / 1P
   TERMINAL BLOCK PIN HEADER UNSHROUDED 5.0mm PITCH
C-1776489 MACOM-C-1776489 Datasheet
108Kb / 1P
   HEADER, STRAIGHT, UNSHROUDED 5.0MM PITCH HIGH TEMP
C-1546214 MACOM-C-1546214 Datasheet
52Kb / 1P
   TERMINAL BLOCK PIN HEADER, UNSHROUDED, 5.0mm PITCH
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com