Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XG8W-1631 Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # XG8W-1631
Description  Standard Unshrouded Header Plug
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

XG8W-1631 Datasheet(HTML) 3 Page - Omron Electronics LLC

  XG8W-1631 Datasheet HTML 1Page - Omron Electronics LLC XG8W-1631 Datasheet HTML 2Page - Omron Electronics LLC XG8W-1631 Datasheet HTML 3Page - Omron Electronics LLC XG8W-1631 Datasheet HTML 4Page - Omron Electronics LLC XG8W-1631 Datasheet HTML 5Page - Omron Electronics LLC XG8W-1631 Datasheet HTML 6Page - Omron Electronics LLC XG8W-1631 Datasheet HTML 7Page - Omron Electronics LLC XG8W-1631 Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Standard Unshrouded Header Plug
XG8
73
XG8W Double Row Plugs for MIL Connectors
Dimensions
Ordering Information
0.635
× 0.635
Mounting holes (bottom view)
0.8 +0.1 dia.
0
XG8W-
@@31
(With gold-plated straight terminals)
XG8W-
@@41
(With tin plated straight terminals)
Dimensions
No. of
contacts
Dimensions (mm)
AB
10
12.7
10.16
14
17.8
15.24
16
20.3
17.78
20
25.4
22.86
26
33.0
30.48
30
38.1
35.56
34
43.2
40.46
40
50.8
48.26
50
63.5
60.96
60
76.2
73.66
0.635
× 0.635
Mounting holes (bottom view)
0.8 +0.1 dia.
0
4 to 11
XG8W-
@@34
(With gold-plated right-angle terminals)
XG8W-
@@44
(With tin-plated right-angle terminals)
Dimensions
No. of
contacts
Dimensions (mm)
AB
20
25.4
22.86
26
33.0
30.48
30
38.1
35.56
34
43.2
40.64
40
50.8
48.26
50
63.5
60.96
Appearance
Plugs with straight terminals
Plugs with right-angle terminals
No. of contacts
Model (gold plated)
Model (tin plated)
Model (gold plated)
Model (tin plated)
10
XG8W-1031
XG8W-1041
⎯⎯
14
XG8W-1431
XG8W-1441
⎯⎯
16
XG8W-1631
XG8W-1641
⎯⎯
20
XG8W-2031
XG8W-2041
XG8W-2034
XG8W-2044
26
XG8W-2631
XG8W-2641
XG8W-2634
XG8W-2644
30
XG8W-3031
XG8W-3041
XG8W-3034
XG8W-3044
34
XG8W-3431
XG8W-3441
XG8W-3434
XG8W-3444
40
XG8W-4031
XG8W-4041
XG8W-4034
XG8W-4044
50
XG8W-5031
XG8W-5041
XG8W-5034
XG8W-5044
60
XG8W-6031
XG8W-6041
⎯⎯


Similar Part No. - XG8W-1631

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
XG8W OMRON-XG8W Datasheet
919Kb / 10P
   IDC Sockets for Discrete Wires
More results

Similar Description - XG8W-1631

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BU-16-0 ETC2-BU-16-0 Datasheet
50Kb / 1P
   Unshrouded Stackable Banana Plug
logo
FCI connector
20021111 FCI-CONNECTOR-20021111 Datasheet
56Kb / 1P
   1.27X1.27MM BTB HEADER UNSHROUDED, VERTICAL, TH
logo
Molex Electronics Ltd.
75757-1401 MOLEX-75757-1401 Datasheet
240Kb / 2P
   MX150??Dual-Row Unshrouded Breakaway Header
logo
Tyco Electronics
6-103916-1 MACOM-6-103916-1 Datasheet
120Kb / 1P
   HEADER ASSEMBLY, VERTICAL, UNSHROUDED, AMPMODU System 50
C-282833 MACOM-C-282833 Datasheet
41Kb / 1P
   TERMINAL BLOCK PIN HEADER UNSHROUDED 10mm PITCH
C-1776708 MACOM-C-1776708 Datasheet
76Kb / 1P
   TERMINAL BLOCK PIN HEADER UNSHROUDED 5.0mm PITCH
logo
Molex Electronics Ltd.
SD-75757-010 MOLEX-SD-75757-010 Datasheet
203Kb / 2P
   MX150 SINGLE ROW UNSHROUDED VERTICAL HEADER ASSEMBLY
2020/03/02
logo
Tyco Electronics
C-1546019 MACOM-C-1546019 Datasheet
53Kb / 1P
   TERMINAL BLOCK PIN HEADER UNSHROUDED 5.0mm PITCH
C-1776489 MACOM-C-1776489 Datasheet
108Kb / 1P
   HEADER, STRAIGHT, UNSHROUDED 5.0MM PITCH HIGH TEMP
C-1546214 MACOM-C-1546214 Datasheet
52Kb / 1P
   TERMINAL BLOCK PIN HEADER, UNSHROUDED, 5.0mm PITCH
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com