Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XS3H-M8PUR3S1M Datasheet(PDF) 11 Page - Omron Electronics LLC

Part # XS3H-M8PUR3S1M
Description  Round Water-resistant Connectors (M8)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

XS3H-M8PUR3S1M Datasheet(HTML) 11 Page - Omron Electronics LLC

Back Button XS3H-M8PUR3S1M Datasheet HTML 6Page - Omron Electronics LLC XS3H-M8PUR3S1M Datasheet HTML 7Page - Omron Electronics LLC XS3H-M8PUR3S1M Datasheet HTML 8Page - Omron Electronics LLC XS3H-M8PUR3S1M Datasheet HTML 9Page - Omron Electronics LLC XS3H-M8PUR3S1M Datasheet HTML 10Page - Omron Electronics LLC XS3H-M8PUR3S1M Datasheet HTML 11Page - Omron Electronics LLC XS3H-M8PUR3S1M Datasheet HTML 12Page - Omron Electronics LLC XS3H-M8PUR3S1M Datasheet HTML 13Page - Omron Electronics LLC XS3H-M8PUR3S1M Datasheet HTML 14Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Round Water-resistant Connectors (M8)
XS3
175
Precautions
■ Correct Use
Do not use the product in atmospheres or environments that exceed
product ratings.
Connections
• The XS3 and XS2 Sensor I/O Connectors cannot be connected to
each other.
• When using Sensors with Connectors or Limit Switches, use the
Sensor I/O Connectors specified in the catalog.
Connector Connection and Disconnection
• Before connecting or disconnecting Connectors, make sure that no
power is being supplied to the Connectors.
• When connecting or disconnecting Connectors, be sure to hold the
Connectors by hand. Do not disconnect the Connectors by pulling
the cable.
• Do not touch the engagement side of any Connector with wet
hands. If there is any water on the Connector or near the Connec-
tor, be sure to wipe off the water before connecting or disconnect-
ing the Connector, otherwise the Connector may short-circuit
internally or not ensure good insulation.
• Make sure that engagement side of any Connector is free of metal
dust or power.
• Do not use pliers to tighten mounting the thread bracket, otherwise
the thread bracket may be damaged. Be sure to tighten each thread
bracket by hand within a torque of 0.2 N·m. If the thread bracket is
not tightened securely, the Connector may not maintain its proper
degree of protection or the thread bracket may fall off due to vibra-
tion.
Cable Wire Color
• The M8 Sensor I/O Connectors use the following lead wire colors.
Degree of Protection
• Do not impose external force continuously on the joints of pin
blocks and covers, otherwise the Connectors may not keep its
proper degree of protection (i.e., IP67).
• Connectors are not fully watertight. Do not use them underwater.
• The Connectors are not oil-resistant. Do not use them where they
would be subject to oil.
• If Connectors are used in places with vibration or shock, secure the
engaged side of each Connector, otherwise the Connectors may be
disconnected or fail to maintain their proper degree of protection.
• Connectors are of resin mold construction. Do not impose exces-
sive force on them.
Storage
Do not store Connectors for long periods of time in the following loca-
tions
• Locations subject to dust or high humidity
• Locations subject to ammonia gas or sulfide gas
Installation
• Do not make any cable bends near the base of the Unit.
• Any bends made must have a minimum radius of 36 mm.
Model
Pin No.
1234
For DC
8-mm-dia. DC4
Brown
White
Blue
Black


Similar Part No. - XS3H-M8PUR3S1M

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
XS300-071 ALPHAWIRE-XS300-071 Datasheet
97Kb / 3P
   Customer Specification
8/30/2022
XS300-071 ALPHAWIRE-XS300-071 Datasheet
96Kb / 3P
   Customer Specification
3/12/2023
XS300-071 ALPHAWIRE-XS300-071_V01 Datasheet
96Kb / 3P
   Customer Specification
3/12/2023
XS300-083 ALPHAWIRE-XS300-083 Datasheet
97Kb / 3P
   Customer Specification
8/30/2022
XS300-083 ALPHAWIRE-XS300-083 Datasheet
96Kb / 3P
   Customer Specification
3/12/2023
More results

Similar Description - XS3H-M8PUR3S1M

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
XS5 OMRON-XS5 Datasheet
2Mb / 18P
   Round Water-resistant Connectors (M12)
XS2F-D421-DC0-A OMRON-XS2F-D421-DC0-A Datasheet
3Mb / 26P
   Round Water-resistant Connectors (M12)
XS2 OMRON-XS2_11 Datasheet
3Mb / 18P
   Round Water-resistant Connectors (M12)
XS2 OMRON-XS2 Datasheet
3Mb / 20P
   Round Water-resistant Connectors (M12)
logo
American Zettler, Inc.
ZCS1-120 AZETTLER-ZCS1-120 Datasheet
141Kb / 2P
   WATER RESISTANT SOLENOID
logo
CONEC Elektronische Bau...
15-000050 CONEC-15-000050 Datasheet
98Kb / 1P
   WATER RESISTANT SCREEN CAP
logo
Extech Instruments Corp...
365510 EXTECH-365510 Datasheet
165Kb / 1P
   Water Resistant Stopwatch/Clock
logo
Soberton Inc.
WSP-5008-57 SOBERTON-WSP-5008-57_18 Datasheet
462Kb / 1P
   WSP WATER RESISTANT SPEAKER
logo
CONEC Elektronische Bau...
15-000150 CONEC-15-000150 Datasheet
92Kb / 1P
   WATER RESISTANT SCREEN CAP
logo
Soberton Inc.
WSP-417108 SOBERTON-WSP-417108_18 Datasheet
539Kb / 1P
   WSP WATER RESISTANT SPEAKER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com