Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XS3H-M8PUR3A03M Datasheet(PDF) 9 Page - Omron Electronics LLC

Part # XS3H-M8PUR3A03M
Description  Round Water-resistant Connectors (M8)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

XS3H-M8PUR3A03M Datasheet(HTML) 9 Page - Omron Electronics LLC

Back Button XS3H-M8PUR3A03M Datasheet HTML 5Page - Omron Electronics LLC XS3H-M8PUR3A03M Datasheet HTML 6Page - Omron Electronics LLC XS3H-M8PUR3A03M Datasheet HTML 7Page - Omron Electronics LLC XS3H-M8PUR3A03M Datasheet HTML 8Page - Omron Electronics LLC XS3H-M8PUR3A03M Datasheet HTML 9Page - Omron Electronics LLC XS3H-M8PUR3A03M Datasheet HTML 10Page - Omron Electronics LLC XS3H-M8PUR3A03M Datasheet HTML 11Page - Omron Electronics LLC XS3H-M8PUR3A03M Datasheet HTML 12Page - Omron Electronics LLC XS3H-M8PUR3A03M Datasheet HTML 13Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Round Water-resistant Connectors (M8)
XS3
173
Panel-mount Connectors
■ XS3P - M8 Sockets
Dimensions
(Unit: mm)
Mounting Dimensions for XS3P Screw-on Models and Snap-in Models
(Unit: mm)
Ordering Information
Note: Orders are accepted in multiples of the minimum order.
Safety Precautions
In addition to the following information, also refer to the ‘Precautions’ section at the end of this datasheet
■ Correct Use - Panel Mounting
• When mounting XS3P Panel-mount Connectors to panels, refer to
Panel-mounting Configuration and provide rubber bushings and
nuts for the Connectors. Apply a tightening torque of between
0.4 and 0.6 N·m to mount the Connectors.
XS3P-M421-1 (Through-hole PCB Pins)
XS3P-M421-2 (Solder Cup Pins)
XS3P-M422-2 (Solder Cup Pins), Rear Lock Slim Models
Panel Cutouts
PCB-mounting Dimensions
Panel-mounting Configuration
XS3P-
@421
XS3P-M422-2
Rear Lock
Front Lock
Note: The panel thickness is 1 to 3 mm.
Note: The panel thickness is 2.4 mm
maximum.
Connection method
Panel mounting
Pin shape
Model
Minimum order
M8 screw-mounting
Front lock or rear lock
Through-hole PCB pins
XS3P-M421-1
50
Solder cup pins
XS3P-M421-2
Rear lock
Solder cup pins
XS3P-M422-2
XS3P-M421-1 M8 Screw-mount sockets with Through-hole PCB Pins (front or rear lock)
XS3P-M421-2 M8 Screw-mount sockets with Solder Cup Pins (front or rear lock)
XS3P-M422-2 M8 Screw-mount sockets with Solder Cup Pins (rear lock, slim model)
16
1.95
0.5
1.8
24.5
12.5
7.2
7.2
1.5
2.5
M12
× 1.0
M12
× 1.0
2.15
3.4
9.4
1.95
0.5
2.15
M8
× 1.0
3.4
9.7
18 dia.
M12
× 1.0 nut
Rubber
bushing
Four, 1 dia.
16
1.95
0.5
1.8
24.3
12.5
7.2
7.2
1.5
2.5
M12
× 1.0
M12
× 1.0
2.15
3.4
9.4
1.95
0.5
2.15
M8
× 1.0
3.4
9.7
18 dia.
M12
× 1.0 nut
Rubber
bushing
1.2 dia.
Solder cap
hole
0.8 dia.
× 2.5
7
2
M8
× 0.5
M8
× 0.5
6
13.2
(0.3)
11.5 dia.
3.4
2.15
M8
1.95
2
10
Rubber
bushing
9.8
+0.2
0
24 min.
12
+0.2
0
dia.
7.2
+0.2
0
8.2
+0.2
0
1.95
0.5
2.15
3.4
Land
24 min.
Four, 1.2 dia.
Panel
Nut
Rubber
bushing
Panel
Nut
Rubber
bushing


Similar Part No. - XS3H-M8PUR3A03M

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
XS300-071 ALPHAWIRE-XS300-071 Datasheet
97Kb / 3P
   Customer Specification
8/30/2022
XS300-071 ALPHAWIRE-XS300-071 Datasheet
96Kb / 3P
   Customer Specification
3/12/2023
XS300-071 ALPHAWIRE-XS300-071_V01 Datasheet
96Kb / 3P
   Customer Specification
3/12/2023
XS300-083 ALPHAWIRE-XS300-083 Datasheet
97Kb / 3P
   Customer Specification
8/30/2022
XS300-083 ALPHAWIRE-XS300-083 Datasheet
96Kb / 3P
   Customer Specification
3/12/2023
More results

Similar Description - XS3H-M8PUR3A03M

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
XS5 OMRON-XS5 Datasheet
2Mb / 18P
   Round Water-resistant Connectors (M12)
XS2F-D421-DC0-A OMRON-XS2F-D421-DC0-A Datasheet
3Mb / 26P
   Round Water-resistant Connectors (M12)
XS2 OMRON-XS2_11 Datasheet
3Mb / 18P
   Round Water-resistant Connectors (M12)
XS2 OMRON-XS2 Datasheet
3Mb / 20P
   Round Water-resistant Connectors (M12)
logo
American Zettler, Inc.
ZCS1-120 AZETTLER-ZCS1-120 Datasheet
141Kb / 2P
   WATER RESISTANT SOLENOID
logo
CONEC Elektronische Bau...
15-000050 CONEC-15-000050 Datasheet
98Kb / 1P
   WATER RESISTANT SCREEN CAP
logo
Extech Instruments Corp...
365510 EXTECH-365510 Datasheet
165Kb / 1P
   Water Resistant Stopwatch/Clock
logo
Soberton Inc.
WSP-5008-57 SOBERTON-WSP-5008-57_18 Datasheet
462Kb / 1P
   WSP WATER RESISTANT SPEAKER
logo
CONEC Elektronische Bau...
15-000150 CONEC-15-000150 Datasheet
92Kb / 1P
   WATER RESISTANT SCREEN CAP
logo
Soberton Inc.
WSP-417108 SOBERTON-WSP-417108_18 Datasheet
539Kb / 1P
   WSP WATER RESISTANT SPEAKER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com