Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XG8V-1734 Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # XG8V-1734
Description  Standard Unshrouded Header Plug
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

XG8V-1734 Datasheet(HTML) 4 Page - Omron Electronics LLC

  XG8V-1734 Datasheet HTML 1Page - Omron Electronics LLC XG8V-1734 Datasheet HTML 2Page - Omron Electronics LLC XG8V-1734 Datasheet HTML 3Page - Omron Electronics LLC XG8V-1734 Datasheet HTML 4Page - Omron Electronics LLC XG8V-1734 Datasheet HTML 5Page - Omron Electronics LLC XG8V-1734 Datasheet HTML 6Page - Omron Electronics LLC XG8V-1734 Datasheet HTML 7Page - Omron Electronics LLC XG8V-1734 Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
74
Standard Unshrouded Header Plug
XG8
XG8A (Single-row)/XG8B (Double-row)
Header Plug Strips for MIL Connectors
Dimensions
■ Single-row Plugs
■ Double-row Plugs
Ordering Information
Mounting holes (bottom view)
0.635
× 0.635
0.8 +0.1 dia.
0
XG8A-5031
(With straight terminals)
Mounting holes (bottom view)
0.635
× 0.635
0.8 +0.1 dia.
0
4 to 11
XG8A-5034
(With right-angle terminals)
Mounting holes (bottom view)
0.635
× 0.635
0.8 +0.1 dia.
0
XG8B-0131
(With straight terminals)
Mounting holes (bottom view)
0.635
× 0.635
0.8 +0.1 dia.
0
4 to 11
XG8B-0134
(With right-angle terminals)
Terminal type
Plugs with straight terminals
Plugs with right-angle terminals
No. of contacts
Model (gold plated contacts)
Model (gold plated contacts)
50 (Single-row)
XG8A-5031
XG8A-5034
100 (Double-row)
XG8B-0131
XG8B-0134


Similar Part No. - XG8V-1734

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
Xg8 ETC2-Xg8 Datasheet
328Kb / 2P
   AC/DC Power Supply
logo
Omron Electronics LLC
XG8B OMRON-XG8B Datasheet
919Kb / 10P
   IDC Sockets for Discrete Wires
XG8S OMRON-XG8S Datasheet
745Kb / 6P
   Header Plugs / Jumpers
XG8S-0231 OMRON-XG8S-0231 Datasheet
745Kb / 6P
   Header Plugs / Jumpers
XG8S-0241 OMRON-XG8S-0241 Datasheet
745Kb / 6P
   Header Plugs / Jumpers
More results

Similar Description - XG8V-1734

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BU-16-0 ETC2-BU-16-0 Datasheet
50Kb / 1P
   Unshrouded Stackable Banana Plug
logo
FCI connector
20021111 FCI-CONNECTOR-20021111 Datasheet
56Kb / 1P
   1.27X1.27MM BTB HEADER UNSHROUDED, VERTICAL, TH
logo
Molex Electronics Ltd.
75757-1401 MOLEX-75757-1401 Datasheet
240Kb / 2P
   MX150??Dual-Row Unshrouded Breakaway Header
logo
Tyco Electronics
6-103916-1 MACOM-6-103916-1 Datasheet
120Kb / 1P
   HEADER ASSEMBLY, VERTICAL, UNSHROUDED, AMPMODU System 50
C-282833 MACOM-C-282833 Datasheet
41Kb / 1P
   TERMINAL BLOCK PIN HEADER UNSHROUDED 10mm PITCH
C-1776708 MACOM-C-1776708 Datasheet
76Kb / 1P
   TERMINAL BLOCK PIN HEADER UNSHROUDED 5.0mm PITCH
logo
Molex Electronics Ltd.
SD-75757-010 MOLEX-SD-75757-010 Datasheet
203Kb / 2P
   MX150 SINGLE ROW UNSHROUDED VERTICAL HEADER ASSEMBLY
2020/03/02
logo
Tyco Electronics
C-1546019 MACOM-C-1546019 Datasheet
53Kb / 1P
   TERMINAL BLOCK PIN HEADER UNSHROUDED 5.0mm PITCH
C-1776489 MACOM-C-1776489 Datasheet
108Kb / 1P
   HEADER, STRAIGHT, UNSHROUDED 5.0MM PITCH HIGH TEMP
C-1546214 MACOM-C-1546214 Datasheet
52Kb / 1P
   TERMINAL BLOCK PIN HEADER, UNSHROUDED, 5.0mm PITCH
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com