Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XG8T-2041 Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # XG8T-2041
Description  Header Plugs / Jumpers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

XG8T-2041 Datasheet(HTML) 1 Page - Omron Electronics LLC

  XG8T-2041 Datasheet HTML 1Page - Omron Electronics LLC XG8T-2041 Datasheet HTML 2Page - Omron Electronics LLC XG8T-2041 Datasheet HTML 3Page - Omron Electronics LLC XG8T-2041 Datasheet HTML 4Page - Omron Electronics LLC XG8T-2041 Datasheet HTML 5Page - Omron Electronics LLC XG8T-2041 Datasheet HTML 6Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Header Plugs / Jumpers
XJ8/XG8S/XG8T
81
Header Plugs / Jumpers
XJ8/XG8S/XG8T
Low-profile Circuit Jumper Connectors
• Low profiles of 5.8 mm (XJ8) and 6.8 mm (XG8S/T).
• 2.54-mm grid can be mounted horizontally or vertically.
• Chose from Single-row, Double-row or Triple-row Connectors.
• Designed for easy insertion and protection against
accidental removal.
• Highly-reliable Jumper with 2-point contacts (XJ8A).
• All versions employ flame-resistant materials for base and
housing.
• XJ8 Connectors conform to UL standards (file no. E103202)
and CSA standards (file no. LR 62678).
Header Plugs / Jumpers
■ Ratings and Characteristics
Note: Insertion and removal force are for the XJ8A.
■ Materials and Finish
Note: For non-standard plating, contact your OMRON representative.
Model
XG8S
XG8T
XJ8B
XJ8C
XJ8D
XJ8A
Appearance
Single-row
Double-row
Single-row
Double-row
Triple-row
Jumper
Item
Gold plating
Tin plating
Rated voltage
2 A
Rated current
300 VAC
Contact resistance
20 m
Ω max. (at 20 mV, 100 mA max.)
Insulation resistance
1,000 M
Ω min. (at 500 VDC)
Withstand voltage
750 VAC for 1 min (leakage current: 1 mA max.)
Insertion force (See note.)
200 gf (1.96 N) max.
800 gf (7.85 N) max.
Removal force (See note.)
40 gf (0.39 N) min.
100 gf (0.98 N) min.
Insertion durability
50 times
20 times
Ambient temperature
Operating:
− 55 to 105°C (with no icing)
Item
XJ8A
XJ8B/C/D
XG8S/T
Base
Fiber-glass reinforced PBT resin
(UL94V-0)/black
Fiber-glass reinforced PPS resin
(UL94V-0)/black
Fiber-glass reinforced PBT resin
(UL94V-0)/black
Contacts
Phosphor bronze/nickel base,
0.15-
μm gold plating
Brass/nickel base,
0.15-
μm gold plating (See note.)
Brass/nickel base,
0.15-
μm gold plating
Phosphor bronze/nickel base, tin plating
---
Brass/nickel base, tin plating


Similar Part No. - XG8T-2041

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
XG8 OMRON-XG8 Datasheet
923Kb / 8P
   Standard Unshrouded Header Plug
logo
List of Unclassifed Man...
Xg8 ETC2-Xg8 Datasheet
328Kb / 2P
   AC/DC Power Supply
logo
Omron Electronics LLC
XG8A OMRON-XG8A Datasheet
923Kb / 8P
   Standard Unshrouded Header Plug
XG8B OMRON-XG8B Datasheet
923Kb / 8P
   Standard Unshrouded Header Plug
XG8B OMRON-XG8B Datasheet
919Kb / 10P
   IDC Sockets for Discrete Wires
More results

Similar Description - XG8T-2041

ManufacturerPart #DatasheetDescription
logo
Precid-Dip Durtal SA
110-87-320-41-005101 PREDIP-110-87-320-41-005101 Datasheet
4Mb / 29P
   MaLE JumpERS
logo
WECO ELECTRICAL CONNECT...
307-V WECO-307-V Datasheet
81Kb / 1P
   Jumpers Accessories
04.18
logo
Samtec, Inc
SNT-100-BK-H SAMTEC-SNT-100-BK-H Datasheet
655Kb / 1P
   SHUNTS JUMPERS
logo
Aries Electronics, Inc.
10-002-101T ARIES-10-002-101T Datasheet
181Kb / 1P
   DIP Jumpers
logo
KOA Speer Electronics, ...
Z16CT52A KOA-Z16CT52A Datasheet
223Kb / 2P
   zero ohm jumpers
logo
Aries Electronics, Inc.
0517 ARIES-0517 Datasheet
656Kb / 1P
   Mount components, jumpers
logo
KOA Speer Electronics, ...
Z16CT26A KOA-Z16CT26A Datasheet
89Kb / 2P
   zero ohm jumpers
logo
Tyco Electronics
FSK-21A-18 MACOM-FSK-21A-18 Datasheet
88Kb / 1P
   FLEXSTRIP 짰 Jumpers
logo
Aries Electronics, Inc.
ML-100 ARIES-ML-100 Datasheet
174Kb / 1P
   Mini-Link??Miniature Jumpers
4-002-152FBP ARIES-4-002-152FBP Datasheet
583Kb / 1P
   Fusion Bonded Cable Jumpers
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com