Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XG8V-1034 Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # XG8V-1034
Description  Standard Unshrouded Header Plug
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

XG8V-1034 Datasheet(HTML) 5 Page - Omron Electronics LLC

  XG8V-1034 Datasheet HTML 1Page - Omron Electronics LLC XG8V-1034 Datasheet HTML 2Page - Omron Electronics LLC XG8V-1034 Datasheet HTML 3Page - Omron Electronics LLC XG8V-1034 Datasheet HTML 4Page - Omron Electronics LLC XG8V-1034 Datasheet HTML 5Page - Omron Electronics LLC XG8V-1034 Datasheet HTML 6Page - Omron Electronics LLC XG8V-1034 Datasheet HTML 7Page - Omron Electronics LLC XG8V-1034 Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Standard Unshrouded Header Plug
XG8
75
Accessories
■ Top Lock Levers
XG5Z-0002 - “Lock Lever”
Can be used to lock XG8W Double-row Right-angle Terminal Plugs
to XG4M Flat Cables and XG5M-N Discrete-wire IDC Connectors.
(See XG4 and XG5 Datasheets).
They cannot be used with XG8W Double-row Straight Terminal Plugs.
Note: Order the above model in multiples of 10 pieces.
Mounting the Lock Lever
Insert the tab on the Lock Lever into the hole on a Socket with a
polarity guide. In this way, it can be locked with XG8W Right-angle
Terminal Plugs.
Precautions
■ Correct Use
Dividing the XG8W (with Straight Terminals), XG8V,
XG8A, and XG8B
The above mentioned models may have the number of terminals and
rows reduced prior to pcb assembly, using the following method:
• Using a Cutter, make a cut on the slot as indicated by the dotted
line in the diagram. Then fold the Plug manually in the direction of
the arrows.
• XG8W’s with right-angle terminals are not designed to be divided in
this manner. Do not divide the XG8W with right-angle terminals.
Instead, use the XG8B Header Plug Strip with right-angle termi-
nals, if a double-row header plug with right-angle terminals must be
divided to reduce the number of terminal rows.
Automated Soldering Conditions (Jet Flow)
1. Soldering temperature: 250
±5°C
2. Continuous soldering time: Within 5 s
XG8
Polarizing guide hole XG4M
Tab
Lock lever
(1) Using a cutter,
make a cut along
the dotted line.
(2) Manually fold in
the direction of the
arrows.


Similar Part No. - XG8V-1034

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
Xg8 ETC2-Xg8 Datasheet
328Kb / 2P
   AC/DC Power Supply
logo
Omron Electronics LLC
XG8B OMRON-XG8B Datasheet
919Kb / 10P
   IDC Sockets for Discrete Wires
XG8S OMRON-XG8S Datasheet
745Kb / 6P
   Header Plugs / Jumpers
XG8S-0231 OMRON-XG8S-0231 Datasheet
745Kb / 6P
   Header Plugs / Jumpers
XG8S-0241 OMRON-XG8S-0241 Datasheet
745Kb / 6P
   Header Plugs / Jumpers
More results

Similar Description - XG8V-1034

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BU-16-0 ETC2-BU-16-0 Datasheet
50Kb / 1P
   Unshrouded Stackable Banana Plug
logo
FCI connector
20021111 FCI-CONNECTOR-20021111 Datasheet
56Kb / 1P
   1.27X1.27MM BTB HEADER UNSHROUDED, VERTICAL, TH
logo
Molex Electronics Ltd.
75757-1401 MOLEX-75757-1401 Datasheet
240Kb / 2P
   MX150??Dual-Row Unshrouded Breakaway Header
logo
Tyco Electronics
6-103916-1 MACOM-6-103916-1 Datasheet
120Kb / 1P
   HEADER ASSEMBLY, VERTICAL, UNSHROUDED, AMPMODU System 50
C-282833 MACOM-C-282833 Datasheet
41Kb / 1P
   TERMINAL BLOCK PIN HEADER UNSHROUDED 10mm PITCH
C-1776708 MACOM-C-1776708 Datasheet
76Kb / 1P
   TERMINAL BLOCK PIN HEADER UNSHROUDED 5.0mm PITCH
logo
Molex Electronics Ltd.
SD-75757-010 MOLEX-SD-75757-010 Datasheet
203Kb / 2P
   MX150 SINGLE ROW UNSHROUDED VERTICAL HEADER ASSEMBLY
2020/03/02
logo
Tyco Electronics
C-1546019 MACOM-C-1546019 Datasheet
53Kb / 1P
   TERMINAL BLOCK PIN HEADER UNSHROUDED 5.0mm PITCH
C-1776489 MACOM-C-1776489 Datasheet
108Kb / 1P
   HEADER, STRAIGHT, UNSHROUDED 5.0MM PITCH HIGH TEMP
C-1546214 MACOM-C-1546214 Datasheet
52Kb / 1P
   TERMINAL BLOCK PIN HEADER, UNSHROUDED, 5.0mm PITCH
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com