Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XH4A-4035-1A Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # XH4A-4035-1A
Description  Half-pitch Low-profile Stacking Connectors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

XH4A-4035-1A Datasheet(HTML) 3 Page - Omron Electronics LLC

  XH4A-4035-1A Datasheet HTML 1Page - Omron Electronics LLC XH4A-4035-1A Datasheet HTML 2Page - Omron Electronics LLC XH4A-4035-1A Datasheet HTML 3Page - Omron Electronics LLC XH4A-4035-1A Datasheet HTML 4Page - Omron Electronics LLC XH4A-4035-1A Datasheet HTML 5Page - Omron Electronics LLC XH4A-4035-1A Datasheet HTML 6Page - Omron Electronics LLC XH4A-4035-1A Datasheet HTML 7Page - Omron Electronics LLC XH4A-4035-1A Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Half-pitch Low-profile Stacking Connectors
XH4A
107
■ Contact Numbers
Note: 1. The triangular mark (
▼) and contact numbers are not printed on the connectors. Use the raised reference point used to prevent reverse
insertion as a guide when designing boards.
2. On the mating side, the row of terminals on the raised reference point side are called row a, and the row on the other side is called row
b. The numbers are in the order shown.
3. XH4A Half-pitch Connectors are integrated male/female connectors. The contact numbers on row a correspond to the contact numbers
on row b. Be careful when using these connectors because they function slightly differently from separate male and female connectors
(i.e., Plugs and Sockets).
Dimensions
■ Straight Through-hole DIP Terminals (without PCB fastening pins)
Item
Model
Mated Diagram
Mounting holes
Through-hole
Terminals
(bottom view)
SMT Terminals
(top view)
Reference
Reference
Reference
Reference
Reference
Mounting holes
(bottom view)
Reference
0.8
dia.
+0.1
0
Two, 1.1
dia.
+0.1
0
XH4A-
@@31
No. of
contacts
Dimensions (mm)
ABC
40
32.73
24.13
28.63
50
39.08
30.48
34.98
60
45.43
36.83
41.33
80
58.13
49.53
54.03
100
70.83
62.23
66.73


Similar Part No. - XH4A-4035-1A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
XH400PE ETC-XH400PE Datasheet
393Kb / 4P
   TemBreak Plus For High Demand Applications Ics=Icu=50kA & 85kA, Selectivity with 3:1 MCCB ratio
XH400PJ ETC-XH400PJ Datasheet
393Kb / 4P
   TemBreak Plus For High Demand Applications Ics=Icu=50kA & 85kA, Selectivity with 3:1 MCCB ratio
XH400SE ETC-XH400SE Datasheet
393Kb / 4P
   TemBreak Plus For High Demand Applications Ics=Icu=50kA & 85kA, Selectivity with 3:1 MCCB ratio
XH414H-II06E ETC2-XH414H-II06E Datasheet
328Kb / 22P
   Reflowable XH Capacitor
logo
Okaya Electric America,...
XH472 OKAYA-XH472 Datasheet
297Kb / 1P
   NOISE SUPPRESSION CAPACITOR
More results

Similar Description - XH4A-4035-1A

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
DHF-PDA10-1-A01-FA DDK-DHF-PDA10-1-A01-FA Datasheet
227Kb / 3P
   Half Pitch Low Profile Connectors
DHF-PDA10-1-A01-FA DDK-DHF-PDA10-1-A01-FA_14 Datasheet
536Kb / 3P
   Half Pitch Low Profile Connectors
logo
Hirose Electric
FX4C-20P-1.27DSA HIROSE-FX4C-20P-1.27DSA Datasheet
477Kb / 7P
   Stacking Height 5 to 11mm Half Pitch Connector
logo
E-SWITCH
KAN E-SWITCH-KAN Datasheet
818Kb / 2P
   HALF-PITCH LOW PROFILE DIP SWITCHES
logo
Tyco Electronics
5-104655-6 MACOM-5-104655-6 Datasheet
383Kb / 13P
   Fine Pitch SMT Stacking Connectors
logo
Hirose Electric
FX10A-80P8-SV HIROSE-FX10A-80P8-SV Datasheet
637Kb / 20P
   10 Gbps 0.5mm pitch Stacking Connectors
FX10A-100P-10-SV HIROSE-FX10A-100P-10-SV Datasheet
637Kb / 20P
   10Gbps 0.5mm pitch Stacking Connectors
logo
Omron Electronics LLC
A6H4102P OMRON-A6H4102P Datasheet
393Kb / 4P
   Ultra-low Profile, Half-pitch, Surface-mounting DIP Switch
XH3 OMRON-XH3 Datasheet
1Mb / 10P
   Half-pitch Board-to-Board Connectors
XH2 OMRON-XH2 Datasheet
327Kb / 8P
   Half-pitch Board-to-Board Connectors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com