Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR2A-1401-N Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # XR2A-1401-N
Description  IC Sockets
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

XR2A-1401-N Datasheet(HTML) 1 Page - Omron Electronics LLC

  XR2A-1401-N Datasheet HTML 1Page - Omron Electronics LLC XR2A-1401-N Datasheet HTML 2Page - Omron Electronics LLC XR2A-1401-N Datasheet HTML 3Page - Omron Electronics LLC XR2A-1401-N Datasheet HTML 4Page - Omron Electronics LLC XR2A-1401-N Datasheet HTML 5Page - Omron Electronics LLC XR2A-1401-N Datasheet HTML 6Page - Omron Electronics LLC XR2A-1401-N Datasheet HTML 7Page - Omron Electronics LLC XR2A-1401-N Datasheet HTML 8Page - Omron Electronics LLC XR2A-1401-N Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
IC Sockets
XR2
111
IC Sockets
XR2
OMRON’s IC Connectors Have Excellent
Reliability and Can Tolerate Momentary
Interruptions in Power.
• Round pins and 4-point (4-finger) contact construction with
contact entry holes that are large for easy insertion.
• IC lead contacts placed high for solid connections.
• A wide product range: open-frame, closed-frame, single-
row, carrier-type DIP terminals, wrap terminals, solder-
sleeve terminals, and low-profile DIP terminals.
• Conforms to UL standards (file no. E 103202) and CSA
standards (file no. LR 62678).
■ Construction
■ Contact Dimensions
■ Ratings and Characteristics
Note: The contact insertion force and contact removal force are for a
test gauge, t = 0.432 mm.
■ Materials and Finish
Note: For non-standard plating, contact your OMRON representative.
■ Applicable Wrap Post Wire Sizes
AWG30, AWG28, AWG26, AWG24
(Solid wire: 0.25 to 0.51 mm dia.)
■ Wrap Post Length
3 wires
■ Applicable IC Lead Dimensions
DIP, Wrap, and Solder-sleeve Terminals
Note: Do not use wire where the diagonal is more than 0.56 mm.
Low-profile DIP Terminals
Note: Do not use wire where the diagonal is more than 0.52 mm.
Inner clip
Base
Outer sleeve
Carrier
Inner clip
Outer sleeve
1.83 dia.
0.51 dia.
1.83 dia.
0.635 0.635
1.83 dia.
0.79 dia.
1.83 dia.
1.35 dia.
DIP
Terminals
Wrap
Terminals
Low-profile DIP
Terminals
Solder-sleeve
Terminals
Item
Gold plated
Gold flash plated
Rated current
1 A
Rated voltage
300 VAC
Contact resistance
20 m
Ω max. (at 20 mV, 100 mA max.)
Insulation resistance 1,000 M
Ω min. (at 500 VDC)
Dielectric strength
1,000 VAC for 1 min (leakage current: 1 mA max.)
Contact insertion
(See note.)
400 gf (3.92 N) max.
Contact removal
(See note.)
65 gf (0.64 N) min. with gold plating or with solder plating
Insertion durability
100 times (0.75-
μm gold plating),
50 times (0.25-
μm gold plating)
20 times
Ambient temperature Operating: –55 to 125
°C (with no icing)
Base
Fiber-glass reinforced PBT resin (UL94V-0)/black
Carrier
Aluminum
Inner clip
Beryllium copper/nickel base, gold plated
Outer sleeve
Brass/nickel base, gold flash plating
Depth
× width (mm)
Flat lead
0.29
±0.09 × 0.46 ±0.08 (See note.)
Round lead
0.53 dia. max.
0.41 dia. min.
Depth
× width (mm)
Flat lead
0.29
±0.09 × 0.46 ±0.08 (See note.)
Round lead
0.50 dia. max.
0.41 dia. min.


Similar Part No. - XR2A-1401-N

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR2001 EXAR-XR2001 Datasheet
402Kb / 7P
   High-Voltage, High-Current Darlington Transistor Arrays
XR2002 EXAR-XR2002 Datasheet
402Kb / 7P
   High-Voltage, High-Current Darlington Transistor Arrays
XR2002CN EXAR-XR2002CN Datasheet
402Kb / 7P
   High-Voltage, High-Current Darlington Transistor Arrays
XR2003 EXAR-XR2003 Datasheet
402Kb / 7P
   High-Voltage, High-Current Darlington Transistor Arrays
XR2003CN EXAR-XR2003CN Datasheet
402Kb / 7P
   High-Voltage, High-Current Darlington Transistor Arrays
More results

Similar Description - XR2A-1401-N

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCPLCC20SMTTR DUBILIER-DBCPLCC20SMTTR_11 Datasheet
170Kb / 1P
   IC SOCKETS PLCC
DBCPLCC20SMTTR DUBILIER-DBCPLCC20SMTTR Datasheet
135Kb / 1P
   IC SOCKETS PLCC
logo
Adam Technologies, Inc.
ICS628T ADAM-TECH-ICS628T Datasheet
117Kb / 1P
   IC SOCKETS SINGLE & DUAL ROW SOCKETS
logo
List of Unclassifed Man...
2227MC ETC2-2227MC Datasheet
101Kb / 2P
   2227MC Series - IC Sockets
3406-0000 ETC-3406-0000 Datasheet
158Kb / 2P
   Fits standard IC sockets
logo
Dubilier
DBCIC32TP6 DUBILIER-DBCIC32TP6_11 Datasheet
216Kb / 1P
   IC SOCKETS TURNED - PIN CONTACT
DBCIC32SC6 DUBILIER-DBCIC32SC6_11 Datasheet
208Kb / 1P
   IC SOCKETS STAMPED & FORMED CONTACTS
DBCIC32SC6 DUBILIER-DBCIC32SC6 Datasheet
106Kb / 1P
   IC SOCKETS STAMPED & FORMED CONTACTS
DBCIC32TP6 DUBILIER-DBCIC32TP6 Datasheet
121Kb / 1P
   IC SOCKETS TURNED - PIN CONTACT
logo
Adam Technologies, Inc.
ICS-320-T ADAM-TECH-ICS-320-T Datasheet
104Kb / 1P
   IC SOCKETS SINGLE & DUAL ROW .100 [2.54] CENTERLINE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com