Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XF3B-6745-31AE Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # XF3B-6745-31AE
Description  Rotary Backlock Connector (0.3-mm Pitch, Dual Contact)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

XF3B-6745-31AE Datasheet(HTML) 2 Page - Omron Electronics LLC

  XF3B-6745-31AE Datasheet HTML 1Page - Omron Electronics LLC XF3B-6745-31AE Datasheet HTML 2Page - Omron Electronics LLC XF3B-6745-31AE Datasheet HTML 3Page - Omron Electronics LLC XF3B-6745-31AE Datasheet HTML 4Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
18
Rotary Backlock Connector (0.3-mm Pitch, Dual Contact)
XF3B
Dimensions
Unit: mm
XF3B-
@@45-31A
XF3B-
@@45-31AE
Table of Dimensions
Note: Dimension B indicates total pitch.
0.12
0.6
0.3
(1.4)
A
3.4
0.1
C
B
0.12
0.6
(1.1)
0.9
(1.6)
(2.1)
X
X
0.4
0.35
3.8
4
4.5
0.6±0.05
0.3±0.05
0.6±0.05
0.3±0.05
0.3±0.05
0.65±0.05
2.95±0.05
0.6±0.05
A±0.05
B±0.05
(0.2)
(4.2)
1.45±0.1
1.4±0.1
(0.3)±0.07
0.85±0.1
0.25±0.1
0.75±0.1
0.3±0.02
0.3±0.07
0.2±0.03
0.6±0.02
0.6±0.02
0.1±0.02
(0.2)
(0.2)
B±0.03
A±0.03
(B+0.6)±0.05
2-R0.2 MAX
3 min.
(Reinforcement
board)
2±0.3
0.3
0.3
*
*
*
T=0.2±0.03
(Conductive plating)
1.1
(Effective stacking
length)
0.55
(Effective stacking
length)
0.55 (Effective stacking length)
(2.3)
(2.3)
1.8
1.1 (Effective stacking length)
Cross-section diagram :X-X
Applicable FPC Dimensions
PCB Mating Dimensions (TOP VIEW)
D
FPC insertion dimension
Locked
+0.04
-0.03
+0.04
-0.03
* Dotted lines indicate the shape and dimensions
of the XF3B-
@@45-31AE connectors.
Pins
Model
A
B (See note)
C
D
8
XF3B-0845-31A
1.8
2.1
4.3
2.75
19
XF3B-1945-31A
4.8
5.4
7.6
6.05
25
XF3B-2545-31A
6.6
7.2
9.4
7.85
35
XF3B-3545-31A
9.6
10.2
12.4
10.85
51
XF3B-5145-31AE
14.4
15.0
17.2
15.65
67
XF3B-6745-31AE
19.2
19.8
22.0
20.45


Similar Part No. - XF3B-6745-31AE

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
XF3006-VOCMC XFMRS-XF3006-VOCMC Datasheet
37Kb / 1P
   COMMON MODE CHOKE
XF3006C-EP7S XFMRS-XF3006C-EP7S Datasheet
57Kb / 1P
   TRANSFORMER
XF3009-VO1 XFMRS-XF3009-VO1 Datasheet
35Kb / 1P
   TORODIAL INDUCTOR
XF303015-2R2M XFMRS-XF303015-2R2M Datasheet
46Kb / 1P
   SMD INDUCTOR
XF30438 XFMRS-XF30438 Datasheet
42Kb / 1P
   TRANSFORMER
More results

Similar Description - XF3B-6745-31AE

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
XF2B OMRON-XF2B Datasheet
323Kb / 4P
   Rotary Backlock Connector (0.3 mm-pitch, Dual Contact)
XF2C OMRON-XF2C Datasheet
296Kb / 4P
   Rotary Backlock Connector (0.3-mm Pitch, Upper Contact)
XF3A OMRON-XF3A Datasheet
278Kb / 4P
   Rotary Backlock Connector (0.3-mm Pitch, Upper Contact)
XF2M OMRON-XF2M Datasheet
240Kb / 4P
   Rotary Backlock Connector (0.5-mm pitch, Dual Contact)
XF2M_1011 OMRON-XF2M_1011 Datasheet
192Kb / 4P
   Rotary Backlock Connector (0.5-mm pitch, Dual Contact)
XF3C OMRON-XF3C Datasheet
278Kb / 4P
   Rotary Backlock Connector (0.25-mm Pitch, Dual Contact)
XF2K OMRON-XF2K Datasheet
241Kb / 4P
   Rotary Backlock Connector (0.4-mm Pitch, Dual Contact)
XF2W OMRON-XF2W Datasheet
259Kb / 4P
   Rotary Backlock Connector (0.5-mm Pitch, Dual Contact)
XF3H OMRON-XF3H Datasheet
245Kb / 4P
   Rotary Frontlock Connector (0.3-mm Pitch, Lower Contact)
XF3M OMRON-XF3M Datasheet
399Kb / 4P
   Rotary Backlock Connector
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com