Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UTCAN6651 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UTCAN6651
Description  MOTOR SPEED CONTROL CIRCUIT
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTCAN6651 Datasheet(HTML) 2 Page - Unisonic Technologies

  UTCAN6651 Datasheet HTML 1Page - Unisonic Technologies UTCAN6651 Datasheet HTML 2Page - Unisonic Technologies UTCAN6651 Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
UTCAN6651
LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO., LTD. 2
QW-R109-003,A
ABSOLUTE MAXIMUM RATINGS (Ta=25°C)
PARAMETER
SYMBOL
VALUE
UNIT
Supply Voltage
VCC
14.4
V
Supply Current (note 1)
ICC
2000
mA
Power Dissipation
(Ta=25
°C) (note 2)
PD
1300
mW
Operating Temperature
TOPR
-20 to +75
°C
Storage Temperature
TSTG
-40 to +150
°C
Terminal Voltage
Vn-3 (n=1,2,4)
-0.5 to +14.4
V
Terminal Current
I1
150
mA
Terminal Current
I2
100
mA
Terminal Current (note 1)
I3
-2000 (MIN.)
mA
Terminal Current (note 1)
I4
1750
mA
Note 1: t
≤5 sec
Note 2: Ta=25
°C, with a 10 x 10 mm bakelite PCB (3.5µm Cu leaf)
ELECTRICAL CHARACTERISTICS (Ta=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Reference Voltage
Vref
VCC=6V, Ra=1k
0.85
1.00
1.15
V
Base Current
Ibias
VCC=6V
0.8
1.8
mA
Current Proportional
Constant
K
VCC=6V,
∆I4=40mA
35
40
45
Saturation Voltage
VSAT
VCC=4.2V,Ra=5.0
1.15
2.0
V
Voltage
Characteristics 1
VCC=3.5V~14V
Ra=1k
-0.1
%/V
Voltage
Characteristics 2
VCC=3.5V~14V
∆I4=40mA
0.2
%/V
Current
Characteristics 1
I4=50mA~200mA
-0.02
%/mA
Current
Characteristics 2
I4=50mA~200mA
-0.01
%/mA
Temperature
Characteristics 1
Ta=-20~+75
°C
VCC=6V
Ra=1k
0.01
%/
°C
∆VREF
VREF
∆Vcc
∆K
K
∆Vcc
∆VREF
VREF
∆I4
∆K
K
∆I4
∆VREF
VREF
∆Ta


Similar Part No. - UTCAN6651

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTCAN6650 UTC-UTCAN6650 Datasheet
31Kb / 3P
   MOTOR SPEED CONTROL CIRCUIT
More results

Similar Description - UTCAN6651

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
AN6650 UTC-AN6650_05 Datasheet
85Kb / 4P
   MOTOR SPEED CONTROL CIRCUIT
logo
List of Unclassifed Man...
UTC6651 ETC1-UTC6651 Datasheet
64Kb / 2P
   MOTOR SPEED CONTROL CIRCUIT
logo
Unisonic Technologies
AN6650 UTC-AN6650_10 Datasheet
139Kb / 5P
   MOTOR SPEED CONTROL CIRCUIT
UTCAN6650 UTC-UTCAN6650 Datasheet
31Kb / 3P
   MOTOR SPEED CONTROL CIRCUIT
AN6651 UTC-AN6651_08 Datasheet
174Kb / 5P
   MOTOR SPEED CONTROL CIRCUIT
logo
Linear Integrated Syste...
UTC6650 LINEAR-UTC6650 Datasheet
109Kb / 4P
   MOTOR SPEED CONTROL CIRCUIT
logo
Unisonic Technologies
AN6651 UTC-AN6651_15 Datasheet
174Kb / 5P
   MOTOR SPEED CONTROL CIRCUIT
logo
List of Unclassifed Man...
D6650 ETC-D6650 Datasheet
118Kb / 4P
   MOTOR SPEED CONTROL CIRCUIT
logo
Hangzhou Youwang Electr...
UTC6651 YOUWANG-UTC6651 Datasheet
64Kb / 2P
   MOTOR SPEED CONTROL CIRCUIT
logo
Unisonic Technologies
AN6650 UTC-AN6650_15 Datasheet
211Kb / 5P
   MOTOR SPEED CONTROL CIRCUIT
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com