Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

G7L-2A-P-CB Datasheet(PDF) 3 Page - Omron Electronics LLC

Part No. G7L-2A-P-CB
Description  General Purpose Relay
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OMRON [Omron Electronics LLC]
Homepage  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G7L-2A-P-CB Datasheet(HTML) 3 Page - Omron Electronics LLC

  G7L-2A-P-CB Datasheet HTML 1Page - Omron Electronics LLC G7L-2A-P-CB Datasheet HTML 2Page - Omron Electronics LLC G7L-2A-P-CB Datasheet HTML 3Page - Omron Electronics LLC G7L-2A-P-CB Datasheet HTML 4Page - Omron Electronics LLC G7L-2A-P-CB Datasheet HTML 5Page - Omron Electronics LLC G7L-2A-P-CB Datasheet HTML 6Page - Omron Electronics LLC G7L-2A-P-CB Datasheet HTML 7Page - Omron Electronics LLC G7L-2A-P-CB Datasheet HTML 8Page - Omron Electronics LLC G7L-2A-P-CB Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
General Purpose Relay
G7L
307
■ Coil Data
AC
DC
Note: 1. The rated current and coil resistance are measured at a coil temperature of 23
°C (73°F) with tolerances of +15%/-20% for AC rated cur-
rent and
±15% for DC coil resistance.
2. Performance characteristic data are measured at a coil temperature of 23
°C (73°F).
■ Characteristics
Note: Data shown are of initial value.
Rated voltage
(V)
Rated current
(mA)
Resistance
(
Ω)
Must operate
Must release
Max. voltage
Power
consumption
% of rated voltage
6
283
18.90
75% max.
15% min.
110% max.
Approx.1.70
to 2.50 VA
12
142
75
24
71
303
50
34
1,310
100/120
17.00/20.40
5,260
75 volts
18 volts
132 volts
200/240
8.50/10.20
21,000
150 volts
36 volts
264 volts
Rated voltage
(V)
Rated current
(mA)
Resistance
(
Ω)
Must operate
Must release
Max. voltage
Power
consumption
% of rated voltage
6
317
18.90
75% max.
15% min.
110% max.
Approx.1.90 W
12
158
75
24
79
303
48
40
1,220
100
19
5,260
Contact resistance
50 m
Ω max.
Operate time
30 ms max.
Release time
30 ms max.
Max. operating
frequency
Mechanical
1,800 operations/hour
Electrical
1,800 operations/hour (under rated load)
Insulation resistance
1,000 M
Ω min. (at 500 VDC)
Dielectric strength
4,000 VAC, min./5,000 VAC typical, 50/60 Hz for 1 minute between coil and contacts
2,000 VAC, 50/60 Hz for 1 minute between contacts of same pole
2,000 VAC, 50/60 Hz for 1 minute between contacts of different poles (DPST-NO type)
Impulse withstand voltage
Between coil and contact: 10,000 V min./12,000 V typ. (impulse wave used: 1.20 x 50
μs)
Vibration
Mechanical
durability
10 to 55 Hz; 1.50 mm (0.06 in) double amplitude
Malfunction
durability
10 to 55 Hz; 1.50 mm (0.06 in) double amplitude
Shock
Mechanical
durability
1,000 m/s2 (approx. 100 G)
Malfunction
durability
1,000 m/s2 (approx.10 G)
Life expectancy
Mechanical
1,000,000 operations min. (at 1,800 operations/hour)
Electrical
100,000 operations min. (at 1,800 operations/hour under rated load 250,000 ops typical)
Ambient temperature
-25
° to 60°C (-13° to 140°F)
Humidity
35% to 85% RH
Weight
Quick-connect terminal type: approx. 90 g (3.17 oz)
PCB terminal type: approx. 100 g (3.52 oz)
Screw terminal type: approx. 120 g (4.23 oz)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn