Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

G7L-2A-P-CB Datasheet(PDF) 11 Page - Omron Electronics LLC

Part No. G7L-2A-P-CB
Description  General Purpose Relay
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OMRON [Omron Electronics LLC]
Homepage  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G7L-2A-P-CB Datasheet(HTML) 11 Page - Omron Electronics LLC

Back Button G7L-2A-P-CB Datasheet HTML 6Page - Omron Electronics LLC G7L-2A-P-CB Datasheet HTML 7Page - Omron Electronics LLC G7L-2A-P-CB Datasheet HTML 8Page - Omron Electronics LLC G7L-2A-P-CB Datasheet HTML 9Page - Omron Electronics LLC G7L-2A-P-CB Datasheet HTML 10Page - Omron Electronics LLC G7L-2A-P-CB Datasheet HTML 11Page - Omron Electronics LLC G7L-2A-P-CB Datasheet HTML 12Page - Omron Electronics LLC G7L-2A-P-CB Datasheet HTML 13Page - Omron Electronics LLC G7L-2A-P-CB Datasheet HTML 14Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
General Purpose Relay
G7L
315
■ Approvals
UL Recognized (File No. E41643) / CSA Certified (File No. LR35535) - - Ambient Temp. = 40
°C
Note: Contact Omron for actual ratings marked on G7L relays
TÜV (File No. R9251551)
VDE recognized type (Licence no. 1530 UG)
Note: 1. Please consult OMRON for details of VDE approvals.
2. The G7L relay conforms to the following standards:
Electrical safety: DIN IEC 255 Teil 1-00/DIN VDE 0435 Teil 201/05. 83
DIN VDE 0435 Teil 201 A1/05. 90
DIN IEC 255 Teil 0-20/DIN VDE 0435 Teil 120/10. 81
DIN EN 60 950/VDE 0805/11. 93
EMC:
prEN 50082-2, EN 55022
3. The rated values approved by each of the safety standards (e.g., UL and CSA) may be different from the performance characteristics
individually defined in this catalog.
4. In the interest of product improvement, specifications are subject to change.
5. Suffix T130 rated at 130
°C
6. Pollution degree 3, Material Group II & III.
Type
Contact form
Terminal type
Contact ratings
G7L-1A-T-CB
G7L-1A-TJ-CB
G7L-1A-TUB-CB
G7L-1A-TUBJ-CB
SPST-NO
Quick-connect
30 A, 277 VAC, General Use, 100,000 ops
1.5 kW, 120 VAC, Tungsten, 6,000 ops
1.5 HP, 120 VAC, 6,000 ops
3 HP, 277 VAC, 6,000 ops
20 FLA/120 LRA, 120 VAC, 30,000 ops
17 FLA/102 LRA, 265 VAC, 30,000 ops
TV-10, 120 VAC, 25,000 ops
G7L-1A-B-CB
G7L-1A-BJ-CB
G7L-1A-BUB-CB
G7L-1A-BUBJ-CB
Screw
G7L-1A-P-CB
PCB
G7L-2A-T-CB
G7L-2A-TJ-CB
G7L-2A-TUB-CB
G7L-2A-TUBJ-CB
DPST-NO
Quick-connect
G7L-2A-B-CB
G7L-2A-BJ-CB
G7L-2A-BUB-CB
G7L-2A-BUBJ-CB
Screw
G7L-2A-P-CB
PCB
Type
Contact form
Coil ratings
Terminal type
Contact ratings
G7L-1A-T-CB
G7L-1A-TJ-CB
G7L-1A-TUB-CB
G7L-1A-TUBJ-CB
SPST-NO
6, 12, 24, 48,
100, 110, 200,
220 VDC
Quick-connect
25 A, 240 VAC, (cos
φ = 1)
25 A, 240 VAC, (cos
φ = 0.4)
G7L-1A-B-CB
G7L-1A-BJ-CB
G7L-1A-BUB-CB
G7L-1A-BUBJ-CB
12, 24, 50,
100/120, 200/240
VAC
Screw
30 A, 240 VAC, (cos
φ = 1)
25 A, 240 VAC, (cos
φ = 0.4)
30 A, 240 VAC, (cos
φ = 0.4)
G7L-1A-P-CB
PCB
20 A, 240 VAC, (cos
φ = 1)
20 A, 240 VAC, (cos
φ = 0.4)
G7L-2A-T-CB
G7L-2A-TJ-CB
G7L-2A-TUB-CB
G7L-2A-TUBJ-CB
DPST-NO
Quick-connect
25 A, 240 VAC, (cos
φ = 1)
25 A, 240 VAC, (cos
φ = 0.4)
G7L-2A-B-CB
G7L-2A-BJ-CB
G7L-2A-BUB-CB
G7L-2A-BUBJ-CB
Screw
25 A, 240 VAC, (cos
φ = 1)
25 A, 240 VAC, (cos
φ = 0.4)
G7L-2A-P-CB
PCB
20 A, 240 VAC, (cos
φ = 1)
20 A, 240 VAC, (cos
φ = 0.4)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn