Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

G7L-2A-P-CB Datasheet(PDF) 1 Page - Omron Electronics LLC

Part No. G7L-2A-P-CB
Description  General Purpose Relay
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OMRON [Omron Electronics LLC]
Homepage  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G7L-2A-P-CB Datasheet(HTML) 1 Page - Omron Electronics LLC

  G7L-2A-P-CB Datasheet HTML 1Page - Omron Electronics LLC G7L-2A-P-CB Datasheet HTML 2Page - Omron Electronics LLC G7L-2A-P-CB Datasheet HTML 3Page - Omron Electronics LLC G7L-2A-P-CB Datasheet HTML 4Page - Omron Electronics LLC G7L-2A-P-CB Datasheet HTML 5Page - Omron Electronics LLC G7L-2A-P-CB Datasheet HTML 6Page - Omron Electronics LLC G7L-2A-P-CB Datasheet HTML 7Page - Omron Electronics LLC G7L-2A-P-CB Datasheet HTML 8Page - Omron Electronics LLC G7L-2A-P-CB Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
General Purpose Relay
G7L
305
General Purpose Relay
G7L
• Ideally suited for high-inrush fluid pump controls: pool/spa, water
processing, emergency, chemical industry, etc.
• High-capacity, high-withstand voltage relay with no contact chatter-
ing for momentary voltage drops up to 50% of rated voltage.
• UL Class B construction standard.
• Wide-range AC-activated coil that handles 100 to 120 VAC at either
50 or 60 Hz.
• Miniature hinge for maximum switching capacity, particularly for in-
ductive loads.
• Flame resistant materials (UL94V-0-qualifying) used for
all insulation material.
• Quick-connect, screw, and PCB terminals available.
• Standard models are UL, CSA, and TUV approved;
VDE/IEC 950 versions are now available. Meet pollution degree 3,
Material Group II & III.
Ordering Information
To Order: Select the part number and add the desired coil voltage rating (e.g., G7L-1A-T-CB-AC100/120).
Note: 1. E bracket or socket must be used for mounting (part number R99-07G5D). Refer to “Accessories” section for options and part numbers.
2. For VDE approved versions, please consult OMRON.
Type
Contact form
Model
Quick-connect terminal
Screw terminal
PCB terminal
E bracket (see note 1)
SPST-NO
G7L-1A-T-CB
G7L-1A-B-CB
DPST-NO
G7L-2A-T-CB
G7L-2A-B-CB
E bracket (see note 1)
(with test button)
SPST-NO
G7L-1A-TJ-CB
G7L-1A-BJ-CB
DPST-NO
G7L-2A-TJ-CB
G7L-2A-BJ-CB
Upper bracket
SPST-NO
G7L-1A-TUB-CB
G7L-1A-BUB-CB
DPST-NO
G7L-2A-TUB-CB
G7L-2A-BUB-CB
Upper bracket
(with test button)
SPST-NO
G7L-1A-TUBJ-CB
G7L-1A-BUBJ-CB
DPST-NO
G7L-2A-TUBJ-CB
G7L-2A-BUBJ-CB
PCB mounting
SPST-NO
G7L-1A-P-CB
DPST-NO
G7L-2A-P-CB


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn