Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G6EK-134P-US Datasheet(PDF) 6 Page - Omron Electronics LLC

Part # G6EK-134P-US
Description  Low Signal Relay
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G6EK-134P-US Datasheet(HTML) 6 Page - Omron Electronics LLC

  G6EK-134P-US Datasheet HTML 1Page - Omron Electronics LLC G6EK-134P-US Datasheet HTML 2Page - Omron Electronics LLC G6EK-134P-US Datasheet HTML 3Page - Omron Electronics LLC G6EK-134P-US Datasheet HTML 4Page - Omron Electronics LLC G6EK-134P-US Datasheet HTML 5Page - Omron Electronics LLC G6EK-134P-US Datasheet HTML 6Page - Omron Electronics LLC G6EK-134P-US Datasheet HTML 7Page - Omron Electronics LLC G6EK-134P-US Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
94
Low Signal Relay
G6E
Precautions
■ Precautions for Correct Use
Long-term Continuously ON Contacts
Using the Relay in a circuit where the Relay will be ON continuously
for long periods (without switching) can lead to unstable contacts
because the heat generated by the coil itself will affect the insulation,
causing a film to develop on the contact surfaces. We recommend
using a latching relay (magnetic-holding relay) in this kind of circuit. If
a single-side stable model must be used in this kind of circuit, we rec-
ommend using a fail-safe circuit design that provides protection
against contact failure or coil burnout.
Installation
Do not reverse the polarity of the coil (+, -).
Provide sufficient space between Relays when mounting two or more
on the same PCB, as shown in the following diagram.
Wiring
Refer to the following diagram when wiring to switch a DC load. The
difference in polarity applied to the contacts will affect the endurance
of the Relay due to the amount of contact movement. To extend the
endurance characteristics beyond the performance ratings, wire the
common (pin 7) terminal to the positive (+) side.
Ultrasonic Cleaning
Do not use ultrasonic cleaning on standard relay models. Doing so
may result in resonance, coil burnout, and contact adhesion within
the Relay.
Relay Handling
When washing the product after soldering the Relay to a PCB, use a
water-based solvent or alcohol-based solvent, and keep the solvent
temperature to less than 40
°C. Do not put the Relay in a cold clean-
ing bath immediately after soldering.
■ Hints on Correct Use
Single-winding type (G6EU)
Example of low-power consumption driver circuit
1. This is an example of a driver circuit that allows Model G6E to
function as a normal relay with a normal switching pulse input.
2. The relay is set by an abrupt current charged to capacity C. This
current flows in the relay via diode D
1 and C and out via diode D2.
3. The relay is reset by the discharge current of C flowing in the relay
via transistor TR and C.
Note: 1. Give adequate consideration to the circuit constant when
actually using this circuit, confirming the set and reset status
of the relay.
2. OMRON owns the patent on this circuit. Consult OMRON
when using this circuit.
Close
mounting
Distance between terminals:
2.54
× 2 (pitch) max.
Load
Load
+
7
12
10
Wiring Diagram


Similar Part No. - G6EK-134P-US

ManufacturerPart #DatasheetDescription
logo
Edal Industries, Inc.
G6E3 EDAL-G6E3 Datasheet
626Kb / 2P
   Silicon Power Rectifiers
More results

Similar Description - G6EK-134P-US

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G5Y-1 OMRON-G5Y-1 Datasheet
171Kb / 8P
   Low Signal Relay
G6K-2G-Y-DC45 OMRON-G6K-2G-Y-DC45 Datasheet
1Mb / 11P
   Low Signal Relay
G5V-1-DC5 OMRON-G5V-1-DC5 Datasheet
415Kb / 6P
   Low Signal Relay
G5V-2 OMRON-G5V-2 Datasheet
421Kb / 6P
   Low Signal Relay
G6S-2-DC45 OMRON-G6S-2-DC45 Datasheet
749Kb / 12P
   Low Signal Relay
G5A-237P-DC12 OMRON-G5A-237P-DC12 Datasheet
225Kb / 8P
   Low Signal Relay
G6S OMRON-G6S_10 Datasheet
781Kb / 12P
   Low Signal Relay
G5A OMRON-G5A Datasheet
348Kb / 8P
   Low Signal Relay
G6H OMRON-G6H_1 Datasheet
526Kb / 10P
   Low Signal Relay
G6K OMRON-G6K_1 Datasheet
1Mb / 12P
   Low Signal Relay
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com