Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSBZ55 Datasheet(PDF) 1 Page - Powersem GmbH

Part # PSBZ55
Description  Single Phase Half Controlled Bridges
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERSEM [Powersem GmbH]
Direct Link  http://www.powersem.com
Logo POWERSEM - Powersem GmbH

PSBZ55 Datasheet(HTML) 1 Page - Powersem GmbH

  PSBZ55 Datasheet HTML 1Page - Powersem GmbH PSBZ55 Datasheet HTML 2Page - Powersem GmbH PSBZ55 Datasheet HTML 3Page - Powersem GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
POWERSEM GmbH, Walpersdorfer Str. 53
 2005 POWERSEM reserves the right to change limits, test conditions and dimensions
91126 D- Schwabach
Phone: 09122 - 9764-0 Fax.: 09122 - 9764-20
Single Phase
PSBZ 55
ITAVM
= 46 A
Half Controlled Bridges
VRRM
= 400-1600 V
Preliminary Data Sheet
VRSM
VDSM
VRRM
VDRM
Type
500
400
PSBZ 55/04
900
800
PSBZ 55/08
1300
1200
PSBZ 55/12
1500
1400
PSBZ 55/14
*1700
*1600
PSBZ 55/16
* Delivery on request
Symbol
Test Conditions
Maximum Ratings
ITAVM,
TC = 85 °C
per module
46
A
ITSM, IFSM
TVJ = 45°C
t = 10 ms
(50 Hz), sine
520
A
VR = 0
t = 8.3 ms (60 Hz), sine
560
A
TVJ = TVJM
t = 10 ms
(50 Hz), sine
460
A
VR = 0
t = 8.3 ms (60 Hz), sine
500
A
∫ i2 dt
TVJ = 45°C
t = 10 ms
(50 Hz), sine
1350
A
2 s
VR = 0
t = 8.3 ms (60 Hz), sine
1300
A
2 s
TVJ = TVJM
t = 10 ms
(50 Hz), sine
1050
A
2 s
VR = 0
t = 8.3 ms (60 Hz), sine
1030
A
2 s
(di/dt)cr
TVJ = TJVM
repetitive, IT = 150 A
100
A/
µs
f = 50Hz, tP = 200µs
VD = 2/3 VDRM
IG = 0.3 A
non repetitive, IT = ITAVM
500
A/
µs
diG/dt = 0.3 A/µs
(dv/dt)cr
TVJ = TVJM
VDR = 2/3 VDRM
1000
V/
µs
RGK = ∞, method 1 (linear voltage rise)
PGM
TVJ = TVJM
tP = 30µs
10
W
IT = ITAVM
tP = 300µs
5
W
PGAVM
0.5
W
VRGM
10
V
TVJ
-40 ... + 125
°C
TVJM
125
°C
Tstg
-40 ... + 125
°C
VISOL
50/60 HZ, RMS
t = 1 min
2500
V
IISOL ≤ 1 mA
t = 1 s
3000
V
Md
Mounting torque
(M5)
5
Nm
Terminal connection torque
(M3)
(M5)
1.5
5
Nm
Nm
Weight
typ.
220
g
Features
Package with screw terminals
Isolation voltage 3000 V∼
Planar glasspassivated chips
Low forward voltage drop
• UL registered E 148688
Applications
Heat and temperature control for
industrial furnaces and chemical
processes
Lighting control
Motor control
Power converter
Advantages
Easy to mount with two screws
Space and weight savings
Improved temperature and power
cycling capability
High power density
Package, style and outline
Dimensions in mm (1mm = 0.0394“)
~
~


Similar Part No. - PSBZ55

ManufacturerPart #DatasheetDescription
logo
Powersem GmbH
PSBZ50 POWERSEM-PSBZ50 Datasheet
182Kb / 3P
   Single Phase Half Controlled Bridges
PSBZ54 POWERSEM-PSBZ54 Datasheet
491Kb / 2P
   Single Phase Half Controlled Rectifier Bridge, B2HZ
More results

Similar Description - PSBZ55

ManufacturerPart #DatasheetDescription
logo
Powersem GmbH
PSBZ50 POWERSEM-PSBZ50 Datasheet
182Kb / 3P
   Single Phase Half Controlled Bridges
PSBH50 POWERSEM-PSBH50 Datasheet
182Kb / 3P
   Single Phase Half Controlled Bridges
PSBZ125 POWERSEM-PSBZ125 Datasheet
209Kb / 3P
   Single Phase Half Controlled Bridges
PSBZ75 POWERSEM-PSBZ75 Datasheet
203Kb / 3P
   Single Phase Half Controlled Bridges
PSBH75 POWERSEM-PSBH75 Datasheet
204Kb / 3P
   Single Phase Half Controlled Bridges
PSBH85 POWERSEM-PSBH85 Datasheet
193Kb / 3P
   Single Phase Half Controlled Bridges
PSBH55 POWERSEM-PSBH55 Datasheet
180Kb / 3P
   Single Phase Half Controlled Bridges
PSBH125 POWERSEM-PSBH125 Datasheet
213Kb / 3P
   Single Phase Half Controlled Bridges
PSBZ85 POWERSEM-PSBZ85 Datasheet
206Kb / 3P
   Single Phase Half Controlled Bridges
logo
Inchange Semiconductor ...
PSDH175 ISC-PSDH175 Datasheet
340Kb / 3P
   Three Phase Half Controlled Bridges
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com