Electronic Components Datasheet Search |
|
PSBH54 Datasheet(PDF) 1 Page - Powersem GmbH |
|
PSBH54 Datasheet(HTML) 1 Page - Powersem GmbH |
1 / 2 page Single Phase Half Controlled PSBH 54 I dAV = 56 A Rectifier Bridge, B2HK V RRM= 800-1600 V Preliminary Data Sheet POWERSEM GmbH, Walpersdorfer Str. 53 D - 91126 Schwabach Phone: 09122 - 9764 - 0 FAX: 09122 - 9764 - 20 ECO-PACTM 3 2005 POWERSEM reserves the right to change limits, test conditions and dimensions Data according to IEC 60747 refer to a single thyristor unless otherwise stated Symbol Test Conditions Maximum Ratings I dAV T C = 85 °C; per module 56 A I TSM T VJ = 45 °C t = 10 ms (50 Hz), sine 550 A V R = 0 t = 8.3 ms (60 Hz), sine 600 A T VJ = 125 °C t = 10 ms (50 Hz), sine 490 A V R = 0 t = 8.3 ms (60 Hz), sine 540 A ∫∫∫∫∫ i2 dt T VJ = 45 °C t = 10 ms (50 Hz), sine 1500 A²s V R = 0 t = 8.3 ms (60 Hz), sine 1490 A²s T VJ = 125 °C t = 10 ms (50 Hz), sine 1200 A²s V R = 0 t = 8.3 ms (60 Hz), sine 1210 A²s (di/dt) cr T VJ = 125 °C repetitive, I T = 50 A 150 A/µs f=50Hz, t P=200µs V D=2/3VDRM I G=0.3 A non repetitive,I T = 1/2 IdAV 500 A/µs di G/dt=0.3A/µs (dv/dt) cr T VJ = 125 °C V D=2/3VDRM 1000 V/µs R GK= ∞, method 1 (linear voltage rise) P GM T VJ = 125 °C t P=30µs ≤ 10 W I T =ITAVM t P=300µs ≤ 5W P GAVM 0.5 W V RGM 10 V T VJ -40... + 125 °C T VJM 125 °C T stg -40... + 125 °C V ISOL 50/60 Hz, RMS t = 1 min 2500 V ∼ I ISOL ≤ 1 mA t = 1 s 3000 V ∼ M d Mounting torque (M4) 1.5 - 2.0 Nm 14 - 18 lb.in. Weight typ. 46 g + - ~ ~ V RSM V RRM Type V DSM V DRM (V) (V) 900 800 PSBH 54/08 1300 1200 PSBH 54/12 1500 1400 PSBH 54/14 1700 1600 PSBH 54/16 Features • Package with DCB ceramic base plate • Isolation voltage 3000 V ∼ • Planar glass passivated chips • Low forward voltage drop • Leads suitable for PC board soldering • UL Release applied Applications • Supplies for DC power equipment • Imput rectifier for PWM inverter • Battery DC power supplies • Field supply for DC motors Advantages • Easy to mount with four screws • Space and weight savings • Improved temperature and power cycling capability • High power density • Small and light weight ECO-PACTM 3 |
Similar Part No. - PSBH54 |
|
Similar Description - PSBH54 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |