Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HY5PS12421AFP Datasheet(PDF) 9 Page - Hynix Semiconductor

Part # HY5PS12421AFP
Description  512Mb DDR2 SDRAM
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY5PS12421AFP Datasheet(HTML) 9 Page - Hynix Semiconductor

Back Button HY5PS12421AFP Datasheet HTML 5Page - Hynix Semiconductor HY5PS12421AFP Datasheet HTML 6Page - Hynix Semiconductor HY5PS12421AFP Datasheet HTML 7Page - Hynix Semiconductor HY5PS12421AFP Datasheet HTML 8Page - Hynix Semiconductor HY5PS12421AFP Datasheet HTML 9Page - Hynix Semiconductor HY5PS12421AFP Datasheet HTML 10Page - Hynix Semiconductor HY5PS12421AFP Datasheet HTML 11Page - Hynix Semiconductor HY5PS12421AFP Datasheet HTML 12Page - Hynix Semiconductor HY5PS12421AFP Datasheet HTML 13Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
Rev. 0.2 / Mar. 2005
9
512Mb A-ver. DDR2 SDRAM
PIN
TYPE
DESCRIPTION
NC
No Connect : No internal electrical connection is present.
VDDQ
Supply
DQ Power Supply: 1.8V +/- 0.1V (Exclusively, 1.9V +/- 0.1V for C3 speed grade part)
VSSQ
Supply
DQ Ground
VDDL
Supply
DLL Power Supply : 1.8V +/- 0.1V (Exclusively, 1.9V +/- 0.1V for C3 speed grade part)
VSSDL
Supply
DLL Ground
VDD
Supply
Power Supply : 1.8V +/- 0.1V (Exclusively, 1.9V +/- 0.1V for C3 speed grade part)
VSS
Supply
Ground
VREF
Supply
Reference voltage for inputs for SSTL interface.
-Continue-


Similar Part No. - HY5PS12421AFP

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY5PS12421BFP-C4 HYNIX-HY5PS12421BFP-C4 Datasheet
628Kb / 38P
   512Mb DDR2 SDRAM
HY5PS12421BFP-E3 HYNIX-HY5PS12421BFP-E3 Datasheet
628Kb / 38P
   512Mb DDR2 SDRAM
HY5PS12421BFP-S5 HYNIX-HY5PS12421BFP-S5 Datasheet
628Kb / 38P
   512Mb DDR2 SDRAM
HY5PS12421BFP-S6 HYNIX-HY5PS12421BFP-S6 Datasheet
628Kb / 38P
   512Mb DDR2 SDRAM
HY5PS12421BFP-Y4 HYNIX-HY5PS12421BFP-Y4 Datasheet
628Kb / 38P
   512Mb DDR2 SDRAM
More results

Similar Description - HY5PS12421AFP

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
H5PS5162FFR-C HYNIX-H5PS5162FFR-C Datasheet
530Kb / 39P
   512Mb DDR2 SDRAM
HY5PS12421F HYNIX-HY5PS12421F Datasheet
623Kb / 35P
   512Mb DDR2 SDRAM
HY5PS12421FP HYNIX-HY5PS12421FP Datasheet
622Kb / 35P
   512Mb DDR2 SDRAM
H5PS5182GFR HYNIX-H5PS5182GFR Datasheet
1Mb / 64P
   512Mb DDR2 SDRAM
logo
Nanya Technology Corpor...
NT5TU64M8EE NANYA-NT5TU64M8EE Datasheet
3Mb / 96P
   DDR2 512Mb SDRAM
logo
Hynix Semiconductor
HY5PS12421F-E3 HYNIX-HY5PS12421F-E3 Datasheet
1Mb / 35P
   512Mb DDR2 SDRAM
HY5PS12421CFP-E3I HYNIX-HY5PS12421CFP-E3I Datasheet
618Kb / 38P
   512Mb DDR2 SDRAM
HY5PS12421CFP-E3 HYNIX-HY5PS12421CFP-E3 Datasheet
619Kb / 38P
   512Mb DDR2 SDRAM
H5PS5162FFR-E3 HYNIX-H5PS5162FFR-E3 Datasheet
530Kb / 39P
   512Mb DDR2 SDRAM
HY5PS12421BFP-E3 HYNIX-HY5PS12421BFP-E3 Datasheet
628Kb / 38P
   512Mb DDR2 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com