Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

D3V-11G1MK-1A4-TKE Datasheet(PDF) 6 Page - Omron Electronics LLC

Part No. D3V-11G1MK-1A4-TKE
Description  Miniature Basic Switch
Download  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OMRON [Omron Electronics LLC]
Homepage  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D3V-11G1MK-1A4-TKE Datasheet(HTML) 6 Page - Omron Electronics LLC

Back Button D3V-11G1MK-1A4-TKE Datasheet HTML 2Page - Omron Electronics LLC D3V-11G1MK-1A4-TKE Datasheet HTML 3Page - Omron Electronics LLC D3V-11G1MK-1A4-TKE Datasheet HTML 4Page - Omron Electronics LLC D3V-11G1MK-1A4-TKE Datasheet HTML 5Page - Omron Electronics LLC D3V-11G1MK-1A4-TKE Datasheet HTML 6Page - Omron Electronics LLC D3V-11G1MK-1A4-TKE Datasheet HTML 7Page - Omron Electronics LLC D3V-11G1MK-1A4-TKE Datasheet HTML 8Page - Omron Electronics LLC D3V-11G1MK-1A4-TKE Datasheet HTML 9Page - Omron Electronics LLC D3V-11G1MK-1A4-TKE Datasheet HTML 10Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
78
Miniature Basic Switch
D3V
Specifications
■ Ratings
Note: 1. The above current values are the normal current values of models with a contact gap of 1 mm (gap F), which vary with the normal current
values of models with a contact gap of 0.5 mm (gap G).
2. Inductive load has a power factor of 0.4 min. (AC) and a time constant of 7 ms max. (DC).
3. Lamp load has an inrush current of 10 times the steady-state current.
4. Motor load has an inrush current of 6 times the steady-state current.
5. The ratings values apply under the following test conditions: Ambient temperature: 20
±2°C, Ambient humidity: 65±5%, Operating frequency: 30 operations/min
■ Approved Standards
UL1054 (File No. E41515)
CSA C22.2 No.55 (File No. LR21642)
(Only standard ratings are listed.)
EN 61058-1: 1992+A1: 1993 (License No. 119151L)
Testing conditions: 50,000 operations, T85 (0
°C to 85°C) for D3V-21/D3V-01, T105 (0°C to 105°C) for D3V-16/D3V-11/D3V-6 and T200
(0 to 200
°C) for D3V-6/-01 with suffix “T”, T155 (0 to 155°C) for D3V-11 with suffix “T”.
**Testing conditions: 10,000 operations, T85 (0
°C to 85°C)
EN 60695-2-11 Ed.2, EN 60695-2-12 Ed.2 - - Glow-wire flammability test methods
Type
Rated voltage
Non-inductive load
Inductive load
Resistive load
Lamp load
Inductive load
Motor load
NC
NO
NC
NO
NC
NO
NC
NO
D3V-21
250 VAC
21 A
3 A
12 A
4 A
8 VDC
30 VDC
125 VDC
250 VDC
21 A
14 A
0.6 A
0.3 A
5 A
5 A
0.1 A
0.05 A
12 A
12 A
0.6 A
0.3 A
7 A
5 A
0.1 A
0.05 A
D3V-16
250 VAC
16 A
2 A
10 A
3 A
8 VDC
30 VDC
125 VDC
250 VDC
16 A
10 A
0.6 A
0.3 A
4 A
4 A
0.1 A
0.05 A
10 A
10 A
0.6 A
0.3 A
6 A
4 A
0.1 A
0.05 A
D3V-11
250 VAC
11 A
1.5 A
6 A
2 A
8 VDC
30 VDC
125 VDC
250 VDC
11 A
6 A
0.6 A
0.3 A
3 A
3 A
0.1 A
0.05 A
6 A
6 A
0.6 A
0.3 A
3 A
3 A
0.1 A
0.05 A
D3V-6
250 VAC
6 A
3 A
4 A
---
8 VDC
30 VDC
125 VDC
250 VDC
6 A
6 A
0.4 A
0.3 A
3 A
3 A
0.1 A
0.05 A
4 A
4 A
0.4 A
0.2 A
---
D3V-01
125 VAC
0.1 A
---
---
---
8 VDC
30 VDC
0.1 A
0.1 A
---
---
---
Rated voltage
D3V-21G
D3V-16
D3V-16G
D3V-11
D3V-11G
D3V-6
D3V-6G
D3V-01
125 VAC
3/4 HP
16 A, 1/2 HP
16 A, 1/2 HP
11 A, 1/2 HP
11 A, 1/2 HP
6 A, 1/4 HP
6 A, 1/4 HP
0.1 A
250 VAC
20.1 A, 3/4 HP 16 A, 1/2 HP
16 A, 1/2 HP
11 A, 1/2 HP
11 A, 1/2 HP
6 A, 1/4 HP
6 A, 1/4 HP
---
125 VDC
---
0.6 A
0.1 A
0.6 A
0.1 A
---
---
---
250 VDC
---
0.3 A
---
0.3 A
---
---
---
---
Rated voltage
D3V-21G
D3V-16
D3V-11
D3V-6
D3V-01
125 VAC
---
---
---
---
0.1 A
250 VAC
20 (4) A
16 (3) A
11 (3) A
6 (2) A
---
250 VAC
21 (8) A**
Rated voltage
D3V-16
D3V-11
D3V-6
D3V-01
125 VAC
---
---
---
0.1 A
250 VAC
16 (3) A
11 (3) A
6 (2) A
---


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn