Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

D3V-11G1MK-1A4-TKE Datasheet(PDF) 5 Page - Omron Electronics LLC

Part No. D3V-11G1MK-1A4-TKE
Description  Miniature Basic Switch
Download  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OMRON [Omron Electronics LLC]
Homepage  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D3V-11G1MK-1A4-TKE Datasheet(HTML) 5 Page - Omron Electronics LLC

  D3V-11G1MK-1A4-TKE Datasheet HTML 1Page - Omron Electronics LLC D3V-11G1MK-1A4-TKE Datasheet HTML 2Page - Omron Electronics LLC D3V-11G1MK-1A4-TKE Datasheet HTML 3Page - Omron Electronics LLC D3V-11G1MK-1A4-TKE Datasheet HTML 4Page - Omron Electronics LLC D3V-11G1MK-1A4-TKE Datasheet HTML 5Page - Omron Electronics LLC D3V-11G1MK-1A4-TKE Datasheet HTML 6Page - Omron Electronics LLC D3V-11G1MK-1A4-TKE Datasheet HTML 7Page - Omron Electronics LLC D3V-11G1MK-1A4-TKE Datasheet HTML 8Page - Omron Electronics LLC D3V-11G1MK-1A4-TKE Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
Miniature Basic Switch
D3V
77
6 A (OF: 50 gf)
01 A (OF: 50 gf)
01 A (OF: 25 gf)
• The
@ in the model number is for the terminal code.
A:
Solder/quick-connect terminals (#187)
C2:
Quick-connect terminals (#187)
C:
Quick-connect terminals (#250)
C6
RAST5 terminals (#250)
• The
● in the model number is for the enclosure material
None: Standard
T:
High Temperature (200
°C for D3V-6/-01, 155°C for D3V-11)
W2:
EN60695-2-11/-12 conformity with PTI=250
• The
Δ in the model number is for the mounting hole size.
None: 3.1 mm
K:
2.9 mm
• The
∇ in the model number is for the special code
None: Standard
H:
High Temperature (125
°C)
E:
Special rating of 21A (8)A (for D3V-21 only)
Actuator
Hinge position
(far from plunger)
Contact form
SPDT
SPST-NC
SPST-NO
---
D3V-6G-1
@3-
●-Δ-∇
D3V-6G-2
@3-
●-Δ-∇
D3V-6G-3
@3-
●-Δ-∇
Internal
D3V-6G1-1
@3-
●-Δ-∇
D3V-6G1-2
@3-
●-Δ-∇
D3V-6G1-3
@3-
●-Δ-∇
External (M)
D3V-6G1M-1
@3-
●-Δ-∇
D3V-6G1M-2
@3-
●-Δ-∇
D3V-6G1M-3
@3-
●-Δ-∇
Internal
D3V-6G2-1
@3-
●-Δ-∇
D3V-6G2-2
@3-
●-Δ-∇
D3V-6G2-3
@3-
●-Δ-∇
External (M)
D3V-6G2M-1
@3-
●-Δ-∇
D3V-6G2M-2
@3-
●-Δ-∇
D3V-6G2M-3
@3-
●-Δ-∇
Internal
D3V-6G3-1
@3-
●-Δ-∇
D3V-6G3-2
@3-
●-Δ-∇
D3V-6G3-3
@3-
●-Δ-∇
External (M)
D3V-6G3M-1
@3-
●-Δ-∇
D3V-6G3M-2
@3-
●-Δ-∇
D3V-6G3M-3
@3-
●-Δ-∇
Internal
D3V-6G4-1
@3-
●-Δ-∇
D3V-6G4-2
@3-
●-Δ-∇
D3V-6G4-3
@3-
●-Δ-∇
External (M)
D3V-6G4M-1
@3-
●-Δ-∇
D3V-6G4M-2
@3-
●-Δ-∇
D3V-6G4M-3
@3-
●-Δ-∇
Internal
D3V-6G5-1
@3-
●-Δ-∇
D3V-6G5-2
@3-
●-Δ-∇
D3V-6G5-3
@3-
●-Δ-∇
External (M)
D3V-6G5M-1
@3-
●-Δ-∇
D3V-6G5M-2
@3-
●-Δ-∇
D3V-6G5M-3
@3-
●-Δ-∇
Internal
D3V-6G6-1
@3-
●-Δ-∇
D3V-6G6-2
@3-
●-Δ-∇
D3V-6G6-3
@3-
●-Δ-∇
External (M)
D3V-6G6M-1
@3-
●-Δ-∇
D3V-6G6M-2
@3-
●-Δ-∇
D3V-6G6M-3
@3-
●-Δ-∇
Actuator
Hinge position
(far from plunger)
Contact form
SPDT
SPST-NC
SPST-NO
---
D3V-01-1
@3-
●-Δ-∇
D3V-01-2
@3-
●-Δ-∇
D3V-01-3
@3-
●-Δ-∇
Internal
D3V-011-1
@3-
●-Δ-∇
D3V-011-2
@3-
●-Δ-∇
D3V-011-3
@3-
●-Δ-∇
External (M)
D3V-011M-1
@3-
●-Δ-∇
D3V-011M-2
@3-
●-Δ-∇
D3V-011M-3
@3-
●-Δ-∇
Internal
D3V-012-1
@3-
●-Δ-∇
D3V-012-2
@3-
●-Δ-∇
D3V-012-3
@3-
●-Δ-∇
External (M)
D3V-012M-1
@3-
●-Δ-∇
D3V-012M-2
@3-
●-Δ-∇
D3V-012M-3
@3-
●-Δ-∇
Internal
D3V-013-1
@3-
●-Δ-∇
D3V-013-2
@3-
●-Δ-∇
D3V-013-3
@3-
●-Δ-∇
External (M)
D3V-013M-1
@3-
●-Δ-∇
D3V-013M-2
@3-
●-Δ-∇
D3V-013M-3
@3-
●-Δ-∇
Internal
D3V-014-1
@3-
●-Δ-∇
D3V-014-2
@3-
●-Δ-∇
D3V-014-3
@3-
●-Δ-∇
External (M)
D3V-014M-1
@3-
●-Δ-∇
D3V-014M-2
@3-
●-Δ-∇
D3V-014M-3
@3-
●-Δ-∇
Internal
D3V-015-1
@3-
●-Δ-∇
D3V-015-2
@3-
●-Δ-∇
D3V-015-3
@3-
●-Δ-∇
External (M)
D3V-015M-1
@3-
●-Δ-∇
D3V-015M-2
@3-
●-Δ-∇
D3V-015M-3
@3-
●-Δ-∇
Internal
D3V-016-1
@3-
●-Δ-∇
D3V-016-2
@3-
●-Δ-∇
D3V-016-3
@3-
●-Δ-∇
External (M)
D3V-016M-1
@3-
●-Δ-∇
D3V-016M-2
@3-
●-Δ-∇
D3V-016M-3
@3-
●-Δ-∇
Actuator
Hinge position
(far from plunger)
Contact form
SPDT
SPST-NC
SPST-NO
---
D3V-01-1
@2-
●-Δ-∇
D3V-01-2
@2-
●-Δ-∇
D3V-01-3
@2-
●-Δ-∇
Pin plunger
Short hinge lever
Hinge lever
Long hinge lever
Simulated roller lever
Short hinge roller lever
Hinge roller lever
Pin plunger
Short hinge lever
Hinge lever
Long hinge lever
Simulated roller lever
Short hinge roller lever
Hinge roller lever
Pin plunger


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn