Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

D3V-11G1MK-1A4-TKE Datasheet(PDF) 14 Page - Omron Electronics LLC

Part No. D3V-11G1MK-1A4-TKE
Description  Miniature Basic Switch
Download  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OMRON [Omron Electronics LLC]
Homepage  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D3V-11G1MK-1A4-TKE Datasheet(HTML) 14 Page - Omron Electronics LLC

Back Button D3V-11G1MK-1A4-TKE Datasheet HTML 10Page - Omron Electronics LLC D3V-11G1MK-1A4-TKE Datasheet HTML 11Page - Omron Electronics LLC D3V-11G1MK-1A4-TKE Datasheet HTML 12Page - Omron Electronics LLC D3V-11G1MK-1A4-TKE Datasheet HTML 13Page - Omron Electronics LLC D3V-11G1MK-1A4-TKE Datasheet HTML 14Page - Omron Electronics LLC D3V-11G1MK-1A4-TKE Datasheet HTML 15Page - Omron Electronics LLC D3V-11G1MK-1A4-TKE Datasheet HTML 16Page - Omron Electronics LLC D3V-11G1MK-1A4-TKE Datasheet HTML 17Page - Omron Electronics LLC D3V-11G1MK-1A4-TKE Datasheet HTML 18Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
86
Miniature Basic Switch
D3V
Hinge Roller Lever Models
D3V-21G6-1
@4A-Δ
D3V-166-1
@5-Δ
D3V-116-1
@5-Δ
D3V-116-1
@4-Δ
D3V-66-1
@4-Δ
D3V-6G6-1
@3-Δ
D3V-016-1
@3-Δ
4.8
10.3
5.1
PT
33.0
±0.8
8.1
1.6
3.1
dia. hole
+0.13
−0.03
0.7
4
7.2
18.7
15.9
t=0.5
Three, #187 series tab
2.8
(10)
27.8
37.8
±0.8
3.4±0.15 dia. hole
22.2
±0.1
3.1
+0.13
−0.03
10.3
±0.1
OP
2.8
t=0.5
A
t=0.5
Three, quick-connect
terminals (#187)
Note: 1. Stainless-steel lever
2. Oilless polyacetar resin roller
D3V-21G6M-1
@4A-Δ
D3V-166M-1
@5-Δ
D3V-116M-1
@5-Δ
D3V-116M-1
@4-Δ
D3V-66M-1
@4-Δ
D3V-6G6M-1
@3-Δ
D3V-016M-1
@3-Δ
A
Model
D3V-21G6(M)-1
@4A-Δ
D3V-166(M)-1
@5-Δ
D3V-116(M)-1
@5-Δ
D3V-116(M)-1
@4-Δ
D3V-66(M)-1
@4-Δ
D3V-6G6(M)-1
@3-Δ
D3V-016(M)-1
@3-Δ
OF max.
RF min.
80 gf
5 gf
125 gf
14 gf
60 gf
6 gf
30 gf
---
PT max.
OT min.
MD max.
4.0 mm
1.6 mm
0.8 mm
4.0 mm
1.6 mm
1.5 mm (F gap type) or 0.8 mm (G gap type)
4.0 mm
1.6 mm
1.5 mm
OP
20.7
±1.2 mm
D3V-21G6K-1
@4A-Δ
D3V-166K-1
@5-Δ
D3V-116K-1
@5-Δ
D3V-116K-1
@4-Δ
D3V-66K-1
@4-Δ
D3V-6G6K-1
@3-Δ
D3V-016K-1
@3-Δ
5.1
10.3
PT
39.8
±0.8
14.3
8.5
1.6
3.1
dia. hole
+0.13
−0.03
0.7
4
7.2
18.8
15.9
t=0.5
Three, #187 series tab
2.8
(10)
27.8
37.8
±0.8
3.4±0.15 dia. hole
22.2
±0.1
3.1
+0.13
−0.03
10.3
±0.1
OP
2.8
t=0.5
A
Model
D3V-21G6K-1
@4A-Δ
D3V-166K-1
@5-Δ
D3V-116K-1
@5-Δ
D3V-116K-1
@4-Δ
D3V-66K-1
@4-Δ
D3V-6G6K-1
@3-Δ
D3V-016K-1
@3-Δ
OF max.
RF min.
50 gf
3 gf
75 gf
10 gf
40 gf
3 gf
20 gf
- - -
PT max.
OT min.
MD max.
7.2 mm
2.0 mm
2.0 mm
7.2 mm
2.0 mm
2.7 mm (F gap type) or 2.0 mm (G gap type)
7.2 mm
2.0 mm
2.7 mm
OP
20.7
± 2.2 mm


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn