Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

D3V-11G1MK-1A4-TKE Datasheet(PDF) 11 Page - Omron Electronics LLC

Part No. D3V-11G1MK-1A4-TKE
Description  Miniature Basic Switch
Download  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OMRON [Omron Electronics LLC]
Homepage  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D3V-11G1MK-1A4-TKE Datasheet(HTML) 11 Page - Omron Electronics LLC

Back Button D3V-11G1MK-1A4-TKE Datasheet HTML 7Page - Omron Electronics LLC D3V-11G1MK-1A4-TKE Datasheet HTML 8Page - Omron Electronics LLC D3V-11G1MK-1A4-TKE Datasheet HTML 9Page - Omron Electronics LLC D3V-11G1MK-1A4-TKE Datasheet HTML 10Page - Omron Electronics LLC D3V-11G1MK-1A4-TKE Datasheet HTML 11Page - Omron Electronics LLC D3V-11G1MK-1A4-TKE Datasheet HTML 12Page - Omron Electronics LLC D3V-11G1MK-1A4-TKE Datasheet HTML 13Page - Omron Electronics LLC D3V-11G1MK-1A4-TKE Datasheet HTML 14Page - Omron Electronics LLC D3V-11G1MK-1A4-TKE Datasheet HTML 15Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
Miniature Basic Switch
D3V
83
Long Hinge Lever Models
D3V-21G3-1
@4A-Δ
D3V-163-1
@5-Δ
D3V-113-1
@5-Δ
D3V-113-1
@4-Δ
D3V-63-1
@4-Δ
D3V-6G3-1
@3-Δ
D3V-013-1
@3-Δ
4.2
10.3
2.85
PT
59.4
±0.8
8.1
1.6
3.1
dia. hole
+0.13
−0.03
0.7
4
7.2
18.7
15.9
t=0.5
Three, #187 series tab
2.8
(10)
27.8
37.8
±0.8
3.4±0.15 dia. hole
22.2
±0.1
3.1
+0.13
−0.03
10.3
±0.1
OP
2.8
t=0.5
A
t=0.5
Three, quick-connect
terminals (#187)
Note: Stainless-steel lever
D3V-21G3M-1
@4A-Δ
D3V-163M-1
@5-Δ
D3V-113M-1
@5-Δ
D3V-113M-1
@4-Δ
D3V-63M-1
@4-Δ
D3V-6G3M-1
@3-Δ
D3V-013M-1
@3-Δ
A
Model
D3V-21G3(M)-1
@4A-Δ
D3V-163(M)-1
@5-Δ
D3V-113(M)-1
@5-Δ
D3V-113(M)-1
@4-Δ
D3V-63(M)-1
@4-Δ
D3V-6G3(M)-1
@3-Δ D3V-013(M)-1@3-Δ
OF max.
RF min.
45 gf
3 gf
70 gf
6 gf
35 gf
---
20 gf
---
PT max.
OT min.
MD max.
9.0 mm
2.0 mm
2.0 mm
9.0 mm
2.0 mm
2.8 mm (F gap type) or 2.0 mm (G gap type)
9.0 mm
3.2 mm
2.8 mm (F gap type) or 2.0 mm (G gap type)
9.0 mm
3.2 mm
2.8 mm
OP
15.2
± 2.6 mm
15.2
mm
+2.6
−3.2
D3V-21G3K-1
@4A-Δ
D3V-163K-1
@5-Δ
D3V-113K-1
@5-Δ
D3V-113K-1
@4-Δ
D3V-63K-1
@4-Δ
D3V-6G3K-1
@3-Δ
D3V-013K-1
@3-Δ
4.5
10.3
2.85
PT
65.2
±0.8
14.3
8.5
1.6
3.1
dia. hole
+0.13
−0.03
0.7
4
7.2
18.7
15.9
t=0.5
Three, #187 series tab
2.8
(10)
27.8
37.8
±0.8
3.4±0.15 dia. hole
22.2
±0.1
3.1
+0.13
−0.03
10.3
±0.1
OP
2.8
t=0.5
A
Model
D3V-21G3K-1
@4A-Δ
D3V-163K-1
@5-Δ
D3V-113K-1
@5-Δ
D3V-113K-1
@4-Δ
D3V-63K-1
@4-Δ
D3V-6G3K-1
@3-Δ
D3V-013K-1
@3-Δ
OF max.
RF min.
20 gf
- - -
35 gf
4 gf
20 gf
---
10 gf
---
PT max.
OT min.
MD max.
15.0 mm
4.0 mm
3.0 mm
15.0 mm
4.0 mm
3.8 mm (F gap type) or 3.0 mm (G gap type)
15.0 mm
4.0 mm
3.8 mm
OP
15.2
± 3.0 mm


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn