Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

D3V-11G1MK-1A4-TKE Datasheet(PDF) 8 Page - Omron Electronics LLC

Part No. D3V-11G1MK-1A4-TKE
Description  Miniature Basic Switch
Download  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OMRON [Omron Electronics LLC]
Homepage  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D3V-11G1MK-1A4-TKE Datasheet(HTML) 8 Page - Omron Electronics LLC

Back Button D3V-11G1MK-1A4-TKE Datasheet HTML 4Page - Omron Electronics LLC D3V-11G1MK-1A4-TKE Datasheet HTML 5Page - Omron Electronics LLC D3V-11G1MK-1A4-TKE Datasheet HTML 6Page - Omron Electronics LLC D3V-11G1MK-1A4-TKE Datasheet HTML 7Page - Omron Electronics LLC D3V-11G1MK-1A4-TKE Datasheet HTML 8Page - Omron Electronics LLC D3V-11G1MK-1A4-TKE Datasheet HTML 9Page - Omron Electronics LLC D3V-11G1MK-1A4-TKE Datasheet HTML 10Page - Omron Electronics LLC D3V-11G1MK-1A4-TKE Datasheet HTML 11Page - Omron Electronics LLC D3V-11G1MK-1A4-TKE Datasheet HTML 12Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
80
Miniature Basic Switch
D3V
Dimensions
■ Terminals
Note: Unless otherwise specified, all units are in millimeters and a tolerance of
±0.4 mm applies to all dimensions
Note: The table above is for the SPDT contact specifications. Two terminals will be available for SPST-NO or SPST-NC contact specifications. For
terminal positions, refer to the above Contact Form.
■ Mounting Holes
All switches may be panel mounted using M3 mounting screws with
plane washers or spring washers to securely mount the switch.
Tighten the screws to a torque of 0.39 to 0.59 N·m.
■ Dimensions and Operating Characteristics
Note: 1. Unless otherwise specified, all units are in millimeters and a tolerance of
±0.4 mm applies to all dimensions
2. The following illustrations and drawings are for quick-connect terminals (#187) (terminals C2). D3V models also incorporate terminals A, C, and
C6, which are omitted from the following drawings. Refer to Terminals section for the dimensions of these terminals.
3. The
@ in the model number is for the terminal code.
4. The
Δ in the model number is for combinations of the enclosure material, the mounting hole size and the special code as indicated in the Model
Number Legend and Available Combinations tables. The hole size in the following illustrations of models with a suffix “K” in the
Δ is 2.9 mm.
5. The operating characteristics are for operation in the A direction (
).
Plunger Models
Terminal
type
Solder Terminal
(A)
Quick-connect Terminal
(#187) (C2)
Quick-connect Terminal
(#250) (C)
Quick-connect RAST5
Terminals (#250)(C6)
COM
Terminal
dimensions
t = 0.5
Three, solder terminals
(10)
2.9
(6.5)
(5.5)
t = 0.5
Three, quick-connect
terminals (#187)
(10)
2.9
(6.5)
(5.5)
t = 0.8 Three, quick-connect
terminals (#250)
(12.0)
3.2
(7.7)
(4.9)
12.8
t=0.8
Three quick connect
terminals (#250)
16.8
(3.5)
5 15.2
1.6 dia.
2.4 dia.
4.75
±0.1
6.35
3.2 (see note)
Note: Indicates the length to the
center of the 1.6-dia. holes
1.6-dia. terminal hole
4.75
±0.1
3.2
6.35
1.65-dia. terminal hole
6.35
±0.1
3.95
8
1.75-dia. terminal hole
4.5
6.3
±0.1
Two, 3.1-dia. mounting holes or
M3 screw holes
10.3
±0.1
22.2
±0.1
Model
D3V-21G-1
@4A-Δ
D3V-16-1
@5-Δ
D3V-11-1
@5-Δ
D3V-11-1
@4-Δ
D3V-6-1
@4-Δ
D3V-6G-1
@3-Δ
D3V-01-1
@3-Δ
D3V-01-1
@2-Δ
OF max.
RF min.
125 gf
20 gf
200 gf
50 gf
100 gf
15 gf
50 gf
5 gf
50 gf
5 gf
25 gf
3 gf
PT max.
OT min.
MD max.
1.2 mm
1.0 mm
0.3 mm
1.2 mm
1.0 mm
0.4 mm (F gap type) or 0.3 mm (G gap type)
1.2 mm
1.0 mm
0.4 mm
OP
14.7
±0.4 mm
D3V-21G-1
@4A-Δ
D3V-16-1
@5-Δ
D3V-11-1
@5-Δ
D3V-11-1
@4-Δ
D3V-6-1
@4-Δ
D3V-6G-1
@3-Δ
D3V-01-1
@2-Δ
D3V-01-1
@3-Δ
A
t=0.5
Three, quick-connect
terminals (#187)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn