Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

D3V-11G1MK-1A4-TKE Datasheet(PDF) 7 Page - Omron Electronics LLC

Part No. D3V-11G1MK-1A4-TKE
Description  Miniature Basic Switch
Download  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OMRON [Omron Electronics LLC]
Homepage  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D3V-11G1MK-1A4-TKE Datasheet(HTML) 7 Page - Omron Electronics LLC

Back Button D3V-11G1MK-1A4-TKE Datasheet HTML 3Page - Omron Electronics LLC D3V-11G1MK-1A4-TKE Datasheet HTML 4Page - Omron Electronics LLC D3V-11G1MK-1A4-TKE Datasheet HTML 5Page - Omron Electronics LLC D3V-11G1MK-1A4-TKE Datasheet HTML 6Page - Omron Electronics LLC D3V-11G1MK-1A4-TKE Datasheet HTML 7Page - Omron Electronics LLC D3V-11G1MK-1A4-TKE Datasheet HTML 8Page - Omron Electronics LLC D3V-11G1MK-1A4-TKE Datasheet HTML 9Page - Omron Electronics LLC D3V-11G1MK-1A4-TKE Datasheet HTML 10Page - Omron Electronics LLC D3V-11G1MK-1A4-TKE Datasheet HTML 11Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
Miniature Basic Switch
D3V
79
■ Characteristics
Note: 1. Data shown are of initial value.
2. The dielectric strength values shown in the table are for models with a Separator.
3. For plunger models, the above values apply for use at both the free position and total travel position. For lever models, they apply at the
total travel position.
4. For testing conditions, contact your OMRON sales representative.
■ Contact Specifications
Note: Minimum applicable loads are indicated by N standard reference values. This value represents the failure rate at a 60%
60) reliability level
(JIS C5003). The equation
λ
60=0.5 x 10
-6 / operations indicates that a failure rate of 1/2,000,000 operations can be expected at a reliability
level of 60%
■ Contact Form
Operating speed
0.1 mm to 1 m/s (plunger models)
Operating frequency
Mechanical: 600 operations/min
Electrical: 60 operations/min
Insulation resistance
100 M
Ω min. (at 500 VDC)
Contact resistance
D3V-21:
50 m
Ω max.
D3V-16, D3V-11, D3V-6:
30 m
Ω max.
D3V-01, 50 gf versions:
50 m
Ω max.
25 gf versions:
100 m
Ω max.
Dielectric strength (see note 2)
1,000 VAC, 50/60 Hz for 1 min between terminals of the same polarity
2,000 VAC, 50/60 Hz for 1 min between current-carrying metal parts and ground, and between
each terminal and non-current-carrying metal parts
Vibration resistance (see note 3)
Malfunction: 10 to 55 Hz, 1.5-mm double amplitude
Shock resistance (see note 3)
Destruction: 400 m/s2 (approx. 40G) max.
Malfunction: 100 m/s2 (approx. 10G) max.
Life expectancy
Mechanical: 10,000,000 operations min.
Electrical: D3V-21:
50,000 operations min.
D3V-16:
100,000 operations min.
D3V-11:
200,000 operations min.
D3V-6, D3V-01:
500,000 operations min.
Degree of protection
IEC IP40
Degree of protection against electric shock Class I
Proof tracking index (PTI)
250 (High Temperature type with suffix “-T”: 175)
Ambient operating temperature
D3V-21:
-25
°C to 85°C with no icing
D3V-16:
-25
°C to 105°C (High Temperature type “H”: -25°C to 125°C) with no icing
D3V-11:
-25
°C to 105°C (High Temperature types “H”: -25°C to 125°C, “T”: -25°C to 155°C) with no icing
D3V-6:
-25
°C to 105°C (High Temperature types “H”: -25°C to 125°C, “T”: -25°C to 200°C) with no icing
D3V-01:
-25
°C to 85°C (High Temperature type “T”: -25°C to 200°C) with no icing
Ambient operating humidity
85% max. (for 5
°C to 35°C)
Weight
Approx. 6.2 g (plunger models)
Item
D3V-21
D3V-16
D3V-11
D3V-6
D3V-01
Contact
Specification
Rivet
Crossbar
Material
Silver alloy
Gold alloy
Gap
(standard value)
0.5 mm
1 mm (F gap type) or 0.5 mm (G gap type)
1.0 mm
Inrush current
NC
50 A max.
40 A max.
24 A max.
15 A max.
---
NO
Minimum applicable load
160 mA at 5 VDC
1 mA at 5 VDC
SPDT
SPST-NC
SPST-NO
COM
NC
NO
COM
NC
COM
NO


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn