Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HY5DU561622FTP-L Datasheet(PDF) 3 Page - Hynix Semiconductor

Part # HY5DU561622FTP-L
Description  256Mb DDR SDRAM
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY5DU561622FTP-L Datasheet(HTML) 3 Page - Hynix Semiconductor

  HY5DU561622FTP-L Datasheet HTML 1Page - Hynix Semiconductor HY5DU561622FTP-L Datasheet HTML 2Page - Hynix Semiconductor HY5DU561622FTP-L Datasheet HTML 3Page - Hynix Semiconductor HY5DU561622FTP-L Datasheet HTML 4Page - Hynix Semiconductor HY5DU561622FTP-L Datasheet HTML 5Page - Hynix Semiconductor HY5DU561622FTP-L Datasheet HTML 6Page - Hynix Semiconductor HY5DU561622FTP-L Datasheet HTML 7Page - Hynix Semiconductor HY5DU561622FTP-L Datasheet HTML 8Page - Hynix Semiconductor HY5DU561622FTP-L Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
Rev. 1.0 /Nov. 2007
3
HY5DU56822F(L)TP
HY5DU561622F(L)TP
DESCRIPTION
The HY5DU56822F(L)TP and HY5DU561622F(L)TP are a 268,435,456-bit CMOS Double Data Rate(DDR) Synchronous
DRAM, ideally suited for the main memory applications which requires large memory density and high bandwidth.
This Hynix 256Mb DDR SDRAMs offer fully synchronous operations referenced to both rising and falling edges of the
clock. While all addresses and control inputs are latched on the rising edges of the CK (falling edges of the /CK), Data,
Data strobes and Write data masks inputs are sampled on both rising and falling edges of it. The data paths are inter-
nally pipelined and 2-bit prefetched to achieve very high bandwidth. All input and output voltage levels are compatible
with SSTL_2.
FEATURES
•VDD, VDDQ = 2.5V +/- 0.2V for DDR200, 266, 333
VDD, VDDQ = 2.6V +0.1V / -0.2V for DDR400, 500
All inputs and outputs are compatible with SSTL_2
interface
Fully differential clock inputs (CK, /CK) operation
Double data rate interface
Source synchronous - data transaction aligned to
bidirectional data strobe (DQS)
x16 device has two bytewide data strobes (UDQS,
LDQS) per each x8 I/O
Data outputs on DQS edges when read (edged DQ)
Data inputs on DQS centers when write (centered
DQ)
On chip DLL align DQ and DQS transition with CK
transition
DM mask write data-in at the both rising and falling
edges of the data strobe
All addresses and control inputs except data, data
strobes and data masks latched on the rising edges
of the clock
Programmable CAS latency 2/2.5 (DDR200, 266,
333) and 3 (DDR400, 500) supported
Programmable burst length 2/4/8 with both sequen-
tial and interleave mode
Internal four bank operations with single pulsed
/RAS
Auto refresh and self refresh supported
tRAS lock out function supported
8192 refresh cycles/64ms
JEDEC standard 400mil 66pin TSOP-II with 0.65mm
pin pitch
Lead free (*ROHS Compliant)
ORDERING INFORMATION
* X means speed grade
** Lead-free product
Part No.
Configuration
Package
HY5DU56822F(L)TP-X*
32Mx8
400mil
66pin
TSOP-II**
HY5DU561622F(L)TP-X*
16Mx16
OPERATING FREQUENCY
Grade
Clock Rate
Remark
(CL-tRCD-tRP)
- D5
250MHz@CL3
DDR500 (3-3-3)
- D43
200MHz@CL3
DDR400B (3-3-3)
- J
133MHz@CL2
166MHz@CL2.5 DDR333 (2.5-3-3)
- K
133MHz@CL2
133MHz@CL2.5 DDR266A (2-3-3)
- H
100MHz@CL2
133MHz@CL2.5 DDR266B (2.5-3-3)
- L
100MHz@CL2
DDR200 (2-2-2)
*ROHS (Restriction Of Hazardous Substances)


Similar Part No. - HY5DU561622FTP-L

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY5DU561622FTP-LI HYNIX-HY5DU561622FTP-LI Datasheet
709Kb / 28P
   256Mb DDR SDRAM
More results

Similar Description - HY5DU561622FTP-L

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY5DU561622FLFP HYNIX-HY5DU561622FLFP Datasheet
332Kb / 27P
   256Mb DDR SDRAM
HY5DU56822FLTP-D5I HYNIX-HY5DU56822FLTP-D5I Datasheet
709Kb / 28P
   256Mb DDR SDRAM
H5DU2562GTR HYNIX-H5DU2562GTR Datasheet
381Kb / 28P
   256Mb DDR SDRAM
HY5DU56422DT HYNIX-HY5DU56422DT Datasheet
236Kb / 29P
   256Mb DDR SDRAM
logo
List of Unclassifed Man...
EM42AM1684RTA-75L ETC1-EM42AM1684RTA-75L Datasheet
288Kb / 24P
   256Mb DDR SDRAM
logo
Hynix Semiconductor
HY5DU561622EFP HYNIX-HY5DU561622EFP Datasheet
253Kb / 29P
   256Mb DDR SDRAM
HY5DU561622FLFP-D5I HYNIX-HY5DU561622FLFP-D5I Datasheet
322Kb / 27P
   256Mb DDR SDRAM
H5DU2562GFR-FAC HYNIX-H5DU2562GFR-FAC Datasheet
500Kb / 28P
   256Mb DDR SDRAM
H5DU2562GFR-FAI HYNIX-H5DU2562GFR-FAI Datasheet
500Kb / 28P
   256Mb DDR SDRAM
logo
Samsung semiconductor
M470L3224BT0 SAMSUNG-M470L3224BT0 Datasheet
137Kb / 14P
   256MB DDR SDRAM MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com