Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HY5DU561622FTP-5I Datasheet(PDF) 4 Page - Hynix Semiconductor

Part No. HY5DU561622FTP-5I
Description  256M(16Mx16) DDR SDRAM
Download  28 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HYNIX [Hynix Semiconductor]
Homepage  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY5DU561622FTP-5I Datasheet(HTML) 4 Page - Hynix Semiconductor

  HY5DU561622FTP-5I Datasheet HTML 1Page - Hynix Semiconductor HY5DU561622FTP-5I Datasheet HTML 2Page - Hynix Semiconductor HY5DU561622FTP-5I Datasheet HTML 3Page - Hynix Semiconductor HY5DU561622FTP-5I Datasheet HTML 4Page - Hynix Semiconductor HY5DU561622FTP-5I Datasheet HTML 5Page - Hynix Semiconductor HY5DU561622FTP-5I Datasheet HTML 6Page - Hynix Semiconductor HY5DU561622FTP-5I Datasheet HTML 7Page - Hynix Semiconductor HY5DU561622FTP-5I Datasheet HTML 8Page - Hynix Semiconductor HY5DU561622FTP-5I Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
Rev. 1.1 / Mar. 2008
4
1HY5DU561622FTP-5I
HY5DU561622FTP-4I
PIN CONFIGURATION
ROW and COLUMN ADDRESS TABLE
Items
16Mx16
Organization
4M x 16 x 4banks
Row Address
A0 ~ A12
Column Address
A0 ~ A8
Bank Address
BA0, BA1
Auto Precharge Flag
A10
Refresh
8K
400 mil X 875mil
66 Pin TSOP
- II
0.65mm Pin Pitch
TOP VIEW
V DD
DQ0
VDDQ
DQ1
DQ2
V SSQ
DQ3
DQ4
V DDQ
DQ5
DQ6
V SSQ
DQ7
NC
V DDQ
LDQS
NC
V DD
NC
LDM
/WE
/CAS
/RAS
/CS
NC
BA0
BA1
A10/AP
A0
A1
A2
A3
V DD
V SS
DQ15
V SSQ
DQ14
DQ13
V DDQ
DQ12
DQ11
V SSQ
DQ10
DQ9
V DDQ
DQ8
NC
V SSQ
UDQS
NC
V REF
V SS
UDM
/CLK
CLK
CKE
NC
A12
A11
A9
A8
A7
A6
A5
A4
V SS
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn