Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HY5DU561622FTP-5I Datasheet(PDF) 27 Page - Hynix Semiconductor

Part No. HY5DU561622FTP-5I
Description  256M(16Mx16) DDR SDRAM
Download  28 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HYNIX [Hynix Semiconductor]
Homepage  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY5DU561622FTP-5I Datasheet(HTML) 27 Page - Hynix Semiconductor

Back Button HY5DU561622FTP-5I Datasheet HTML 20Page - Hynix Semiconductor HY5DU561622FTP-5I Datasheet HTML 21Page - Hynix Semiconductor HY5DU561622FTP-5I Datasheet HTML 22Page - Hynix Semiconductor HY5DU561622FTP-5I Datasheet HTML 23Page - Hynix Semiconductor HY5DU561622FTP-5I Datasheet HTML 24Page - Hynix Semiconductor HY5DU561622FTP-5I Datasheet HTML 25Page - Hynix Semiconductor HY5DU561622FTP-5I Datasheet HTML 26Page - Hynix Semiconductor HY5DU561622FTP-5I Datasheet HTML 27Page - Hynix Semiconductor HY5DU561622FTP-5I Datasheet HTML 28Page - Hynix Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 27 / 28 page
background image
Rev. 1.1 / Mar. 2008
27
1HY5DU561622FTP-5I
HY5DU561622FTP-4I
CAPACITANCE (TA=25oC, f=1MHz )
Note :
1. VDD = min. to max., VDDQ = 2.3V to 2.7V, VODC = VDDQ/2, VOpeak-to-peak = 0.2V
2. Pins not under test are tied to GND.
3. These values are guaranteed by design and are tested on a sample basis only.
OUTPUT LOAD CIRCUIT
Parameter
Pin
Symbol
Min
Max
Unit
Input Clock Capacitance
CK, CK
CCK
2.0
3.0
pF
Input Capacitance
All other input-only pins
CIN
2.0
3.0
pF
Input / Output Capacitanc
DQ, DQS, DM
CIO
4.0
5.0
pF
VREF
VTT
RT=50Ω
Zo=50Ω
CL=30pF
Output


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn