Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HY5DU561622FTP-5I Datasheet(PDF) 23 Page - Hynix Semiconductor

Part No. HY5DU561622FTP-5I
Description  256M(16Mx16) DDR SDRAM
Download  28 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HYNIX [Hynix Semiconductor]
Homepage  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY5DU561622FTP-5I Datasheet(HTML) 23 Page - Hynix Semiconductor

Back Button HY5DU561622FTP-5I Datasheet HTML 19Page - Hynix Semiconductor HY5DU561622FTP-5I Datasheet HTML 20Page - Hynix Semiconductor HY5DU561622FTP-5I Datasheet HTML 21Page - Hynix Semiconductor HY5DU561622FTP-5I Datasheet HTML 22Page - Hynix Semiconductor HY5DU561622FTP-5I Datasheet HTML 23Page - Hynix Semiconductor HY5DU561622FTP-5I Datasheet HTML 24Page - Hynix Semiconductor HY5DU561622FTP-5I Datasheet HTML 25Page - Hynix Semiconductor HY5DU561622FTP-5I Datasheet HTML 26Page - Hynix Semiconductor HY5DU561622FTP-5I Datasheet HTML 27Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
Rev. 1.1 / Mar. 2008
23
1HY5DU561622FTP-5I
HY5DU561622FTP-4I
AC OPERATING CONDITIONS (TA=-40 ~ 85oC, Voltage referenced to VSS = 0V)
Note :
1. VID is the magnitude of the difference between the input level on CK and the input on CK.
2. The value of VIX is expected to equal 0.5*VDDQ of the transmitting device and must track variations in the DC level of the same.
AC OPERATING TEST CONDITIONS (TA=-40 ~ 85oC, Voltage referenced to VSS = 0V)
Parameter
Symbol
Min
Max
Unit
Note
Input High (Logic 1) Voltage, DQ, DQS and DM signals
VIH(AC)
VREF + 0.35
V
Input Low (Logic 0) Voltage, DQ, DQS and DM signals
VIL(AC)
VREF - 0.35
V
Input Differential Voltage, CK and /CK inputs
VID(AC)
0.7
VDDQ + 0.6
V
1
Input Crossing Point Voltage, CK and /CK inputs
VIX(AC)
0.5*VDDQ-0.2
0.5*VDDQ+0.2
V
2
Parameter
Value
Unit
Reference Voltage
VDDQ x 0.5
V
Termination Voltage
VDDQ x 0.5
V
AC Input High Level Voltage (VIH, min)
VREF + 0.35
V
AC Input Low Level Voltage (VIL, max)
VREF - 0.35
V
Input Timing Measurement Reference Level Voltage
VREF
V
Output Timing Measurement Reference Level Voltage
VTT
V
Input Signal maximum peak swing
1.5
V
Input minimum Signal Slew Rate
1
V/ns
Termination Resistor (RT)50
Series Resistor (RS)25
Output Load Capacitance for Access Time Measurement (CL)30
pF


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn