Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HY5DU561622FTP-5I Datasheet(PDF) 21 Page - Hynix Semiconductor

Part No. HY5DU561622FTP-5I
Description  256M(16Mx16) DDR SDRAM
Download  28 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HYNIX [Hynix Semiconductor]
Homepage  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY5DU561622FTP-5I Datasheet(HTML) 21 Page - Hynix Semiconductor

Back Button HY5DU561622FTP-5I Datasheet HTML 17Page - Hynix Semiconductor HY5DU561622FTP-5I Datasheet HTML 18Page - Hynix Semiconductor HY5DU561622FTP-5I Datasheet HTML 19Page - Hynix Semiconductor HY5DU561622FTP-5I Datasheet HTML 20Page - Hynix Semiconductor HY5DU561622FTP-5I Datasheet HTML 21Page - Hynix Semiconductor HY5DU561622FTP-5I Datasheet HTML 22Page - Hynix Semiconductor HY5DU561622FTP-5I Datasheet HTML 23Page - Hynix Semiconductor HY5DU561622FTP-5I Datasheet HTML 24Page - Hynix Semiconductor HY5DU561622FTP-5I Datasheet HTML 25Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
Rev. 1.1 / Mar. 2008
21
1HY5DU561622FTP-5I
HY5DU561622FTP-4I
ABSOLUTE MAXIMUM RATINGS
Note : Operation at above absolute maximum rating can adversely affect device reliability
DC OPERATING CONDITIONS (TA=-40 ~ 85oC, Voltage referenced to VSS = 0V)
Note :
1. VDDQ must not exceed the level of VDD.
2. VIL (min) is acceptable -1.5V AC pulse width with
≤ 5ns of duration.
3. VIH (max) is acceptable VDDQ + 1.5V AC pulse width with < 5ns of duration
4. VREF is expected to be equal to 0.5*VDDQ of the transmitting device, and to track variations in the dc level of the same.
Peak to peak noise on VREF may not exceed
± 2% of the dc value.
5. Supports 250/ 200 Mhz
DC CHARACTERISTICS I (TA=-40 ~ 85oC, Voltage referenced to VSS = 0V)
Parameter
Symbol
Rating
Unit
Ambient Temperature
TA
-40 ~ 85
oC
Storage Temperature
TSTG
-55 ~ 125
oC
Voltage on Any Pin relative to VSS
VIN, VOUT
-0.5 ~ 3.6
V
Voltage on VDD relative to VSS
VDD
-0.5 ~ 3.6
V
Voltage on VDDQ relative to VSS
VDDQ
-0.5 ~ 3.6
V
Output Short Circuit Current
IOS
50
mA
Power Dissipation
PD
1W
Soldering Temperature
⋅ Time
TSOLDER
260
⋅ 10
oC ⋅ sec
Parameter
Symbol
Min
Typ.
Max
Unit
Note
Power Supply Voltage
VDD
2.4
2.6
2.7
V
5
Power Supply Voltage
VDDQ
2.4
2.6
2.7
V
5, 1
Input High Voltage
VIH
VREF + 0.15
-
VDDQ + 0.3
V
Input Low Voltage
VIL
-0.3
-
VREF - 0.15
V
2
Termination Voltage
VTT
VREF - 0.04
VREF
VREF + 0.04
V
Reference Voltage
VREF
0.49*VDDQ
0.5*VDDQ
0.51*VDDQ
V3
Parameter
Symbol
Min.
Max
Unit
Note
Input Leakage Current
ILI
-5
5
uA
1
Output Leakage Current
ILO
-5
5
uA
2
Output High Voltage
VOH
VTT + 0.76
-
V
IOH = -15.2mA
Output Low Voltage
VOL
-VTT - 0.76
V
IOL = +15.2mA
Note : 1. VIN = 0 to 3.6V, All other pins are not tested under VIN = 0V. 2. DOUT is disabled, VOUT = 0 to 2.7V


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn