Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HY5DU561622FTP-D43I Datasheet(PDF) 17 Page - Hynix Semiconductor

Part # HY5DU561622FTP-D43I
Description  256Mb DDR SDRAM
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY5DU561622FTP-D43I Datasheet(HTML) 17 Page - Hynix Semiconductor

Back Button HY5DU561622FTP-D43I Datasheet HTML 13Page - Hynix Semiconductor HY5DU561622FTP-D43I Datasheet HTML 14Page - Hynix Semiconductor HY5DU561622FTP-D43I Datasheet HTML 15Page - Hynix Semiconductor HY5DU561622FTP-D43I Datasheet HTML 16Page - Hynix Semiconductor HY5DU561622FTP-D43I Datasheet HTML 17Page - Hynix Semiconductor HY5DU561622FTP-D43I Datasheet HTML 18Page - Hynix Semiconductor HY5DU561622FTP-D43I Datasheet HTML 19Page - Hynix Semiconductor HY5DU561622FTP-D43I Datasheet HTML 20Page - Hynix Semiconductor HY5DU561622FTP-D43I Datasheet HTML 21Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
Rev. 1.0 /Nov. 2007
17
HY5DU56822F(L)TP-xxI
HY5DU561622F(L)TP-xxI
ABSOLUTE MAXIMUM RATINGS
Note: Operation at above absolute maximum rating can adversely affect device reliability
DC OPERATING CONDITIONS (TA=-40 to 85 oC, Voltage referenced to VSS = 0V)
Note:
1. VDDQ must not exceed the level of VDD.
2. VIL (min) is acceptable -1.5V AC pulse width with < 5ns of duration.
3. VREF is expected to be equal to 0.5*VDDQ of the transmitting device, and to track variations in the dc level of the same.
Peak to peak noise on VREF may not exceed ± 2% of the DC value.
4. VID is the magnitude of the difference between the input level on CK and the input level on /CK.
5. The ratio of the pullup current to the pulldown current is specified for the same temperature and voltage, over the entire temper-
ature and voltage range, for device drain to source voltages from 0.25V to 1.0V. For a given output, it represents the maximum dif-
ference between pullup and pulldown drivers due to process variation. The full variation in the ratio of the maximum to minimum
pullup and pulldown current will not exceed 1/7 for device drain to source voltages from 0.1 to 1.0.
6. VIN=0 to VDD, All other pins are not tested under VIN =0V.
7. DQs are disabled, VOUT=0 to VDDQ
Parameter
Symbol
Rating
Unit
Operating Temperature (Ambient)
TA
-40 ~ 85
oC
Storage Temperature
TSTG
-55 ~ 150
oC
Voltage on VDD relative to VSS
VDD
-1.0 ~ 3.6
V
Voltage on VDDQ relative to VSS
VDDQ
-1.0 ~ 3.6
V
Voltage on inputs relative to VSS
VINPUT
-1.0 ~ 3.6
V
Voltage on I/O pins relative to VSS
VIO
-0.5 ~3.6
V
Output Short Circuit Current
IOS
50
mA
Soldering Temperature
⋅ Time
TSOLDER
260
⋅ 10
oC ⋅ Sec
Parameter
Symbol
Min
Typ.
Max
Unit
Power Supply Voltage (DDR200, 266, 333)
VDD
2.3
2.5
2.7
V
Power Supply Voltage (DDR200, 266, 333)1
VDDQ
2.3
2.5
2.7
V
Power Supply Voltage (DDR400, 500)
VDD
2.4
2.6
2.7
V
Power Supply Voltage (DDR400, 500)1
VDDQ
2.4
2.6
2.7
V
Input High Voltage
VIH
VREF + 0.15
-
VDDQ + 0.3
V
Input Low Voltage2
VIL
-0.3
-
VREF - 0.15
V
Termination Voltage
VTT
VREF - 0.04
VREF
VREF + 0.04
V
Reference Voltage3
VREF
0.49*VDDQ
0.5*VDDQ
0.51*VDDQ
V
Input Voltage Level, CK and CK inputs
VIN(DC)
-0.3
-
VDDQ+0.3
V
Input Differential Voltage, CK and CK inputs4
VID(DC)
0.36
-
VDDQ+0.6
V
V-I Matching: Pullup to Pulldown Current Ratio5
VI(RATIO)
0.71
-
1.4
-
Input Leakage Current6
ILI
-2
-
2
uA
Output Leakage Current7
ILO
-5
-
5
uA
Normal Strength
Output Driver
(VOUT=VTT ± 0.84)
Output High Current
(min VDDQ, min VREF, min VTT)
IOH
-16.8
-
-
mA
Output Low Current
(min VDDQ, max VREF, max VTT)
IOL
16.8
-
-
mA
Half Strength Out-
put Driver
(VOUT=VTT ± 0.68)
Output High Current
(min VDDQ, min VREF, min VTT)
IOH
-13.6
-
-
mA
Output Low Current
(min VDDQ, max VREF, max VTT)
IOL
13.6
-
-
mA


Similar Part No. - HY5DU561622FTP-D43I

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY5DU561622FTP-D43 HYNIX-HY5DU561622FTP-D43 Datasheet
708Kb / 28P
   256Mb DDR SDRAM
More results

Similar Description - HY5DU561622FTP-D43I

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY5DU56822FLTP-D5 HYNIX-HY5DU56822FLTP-D5 Datasheet
708Kb / 28P
   256Mb DDR SDRAM
HY5DU561622FLFP HYNIX-HY5DU561622FLFP Datasheet
332Kb / 27P
   256Mb DDR SDRAM
H5DU2562GTR HYNIX-H5DU2562GTR Datasheet
381Kb / 28P
   256Mb DDR SDRAM
HY5DU56422DT HYNIX-HY5DU56422DT Datasheet
236Kb / 29P
   256Mb DDR SDRAM
logo
List of Unclassifed Man...
EM42AM1684RTA-75L ETC1-EM42AM1684RTA-75L Datasheet
288Kb / 24P
   256Mb DDR SDRAM
logo
Hynix Semiconductor
HY5DU561622EFP HYNIX-HY5DU561622EFP Datasheet
253Kb / 29P
   256Mb DDR SDRAM
HY5DU561622FLFP-D5I HYNIX-HY5DU561622FLFP-D5I Datasheet
322Kb / 27P
   256Mb DDR SDRAM
H5DU2562GFR-FAC HYNIX-H5DU2562GFR-FAC Datasheet
500Kb / 28P
   256Mb DDR SDRAM
H5DU2562GFR-FAI HYNIX-H5DU2562GFR-FAI Datasheet
500Kb / 28P
   256Mb DDR SDRAM
logo
Samsung semiconductor
M470L3224BT0 SAMSUNG-M470L3224BT0 Datasheet
137Kb / 14P
   256MB DDR SDRAM MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com