Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HY5DU561622FTP-D5I Datasheet(PDF) 8 Page - Hynix Semiconductor

Part # HY5DU561622FTP-D5I
Description  256Mb DDR SDRAM
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY5DU561622FTP-D5I Datasheet(HTML) 8 Page - Hynix Semiconductor

Back Button HY5DU561622FTP-D5I Datasheet HTML 4Page - Hynix Semiconductor HY5DU561622FTP-D5I Datasheet HTML 5Page - Hynix Semiconductor HY5DU561622FTP-D5I Datasheet HTML 6Page - Hynix Semiconductor HY5DU561622FTP-D5I Datasheet HTML 7Page - Hynix Semiconductor HY5DU561622FTP-D5I Datasheet HTML 8Page - Hynix Semiconductor HY5DU561622FTP-D5I Datasheet HTML 9Page - Hynix Semiconductor HY5DU561622FTP-D5I Datasheet HTML 10Page - Hynix Semiconductor HY5DU561622FTP-D5I Datasheet HTML 11Page - Hynix Semiconductor HY5DU561622FTP-D5I Datasheet HTML 12Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
Rev. 1.0 /Nov. 2007
8
HY5DU56822F(L)TP-xxI
HY5DU561622F(L)TP-xxI
SIMPLIFIED COMMAND TRUTH TABLE
Command
CKEn-1
CKEn
/CS
/RAS
/CAS
/WE
ADDR
A10/AP
BA
Extended Mode Register Set1,2
H
X
L
LLL
OP code
Mode Register Set1,2
H
X
L
LLL
OP code
Device Deselect1
HX
HX
X
X
X
No Operation1
LH
H
H
Bank Active1
HX
L
L
H
H
RA
V
Read1
H
X
LHLH
CA
L
V
Read with Autoprecharge1,3
H
Write1
HX
L
H
L
L
CA
L
V
Write with Autoprecharge1,4
H
Precharge All Banks1,5
HX
L
L
H
L
X
HX
Precharge selected Bank1
LV
Read Burst Stop1
HX
L
H
H
L
X
Auto Refresh1
HH
LL
L
H
X
Self Refresh1
Entry
HL
L
L
L
H
X
Exit
LH
HX
X
X
LH
H
H
Precharge Power
Down Mode1
Entry
HL
HX
X
X
X
LH
H
H
Exit
LH
HX
X
X
LH
H
H
Active Power
Down Mode1
Entry
HL
HX
X
X
X
LV
V
V
Exit
L
H
X
Note:
1. LDM/UDM states are Don’t Care. Refer to below Write Mask Truth Table.
2. OP Code(Operand Code) consists of A0~A12 and BA0~BA1 used for Mode Register setting during Extended MRS or MRS.
Before entering Mode Register Set mode, all banks must be in a precharge state and MRS command can be issued after tRP
period from Precharge command.
3. If a Read with Autoprecharge command is detected by memory component in CK(n), then there will be no command presented
to activated bank until CK(n+BL/2+tRP).
4. If a Write with Autoprecharge command is detected by memory component in CK(n), then there will be no command presented
to activated bank until CK(n+BL/2+1+tWR+tRP). Write Recovery Time(tWR) is needed to guarantee that the last data has been
completely written.
5. If A10/AP is High when Precharge command being issued, BA0/BA1 are ignored and all banks are selected to be precharged.
*For more information about Truth Table, refer to “Device Operation” section in Hynix website.
( H=Logic High Level, L=Logic Low Level, X=Don’t Care, V=Valid Data Input, OP Code=Operand Code, NOP=No Operation )


Similar Part No. - HY5DU561622FTP-D5I

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY5DU561622FTP-D5 HYNIX-HY5DU561622FTP-D5 Datasheet
708Kb / 28P
   256Mb DDR SDRAM
More results

Similar Description - HY5DU561622FTP-D5I

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY5DU56822FLTP-D5 HYNIX-HY5DU56822FLTP-D5 Datasheet
708Kb / 28P
   256Mb DDR SDRAM
HY5DU561622FLFP HYNIX-HY5DU561622FLFP Datasheet
332Kb / 27P
   256Mb DDR SDRAM
H5DU2562GTR HYNIX-H5DU2562GTR Datasheet
381Kb / 28P
   256Mb DDR SDRAM
HY5DU56422DT HYNIX-HY5DU56422DT Datasheet
236Kb / 29P
   256Mb DDR SDRAM
logo
List of Unclassifed Man...
EM42AM1684RTA-75L ETC1-EM42AM1684RTA-75L Datasheet
288Kb / 24P
   256Mb DDR SDRAM
logo
Hynix Semiconductor
HY5DU561622EFP HYNIX-HY5DU561622EFP Datasheet
253Kb / 29P
   256Mb DDR SDRAM
HY5DU561622FLFP-D5I HYNIX-HY5DU561622FLFP-D5I Datasheet
322Kb / 27P
   256Mb DDR SDRAM
H5DU2562GFR-FAC HYNIX-H5DU2562GFR-FAC Datasheet
500Kb / 28P
   256Mb DDR SDRAM
H5DU2562GFR-FAI HYNIX-H5DU2562GFR-FAI Datasheet
500Kb / 28P
   256Mb DDR SDRAM
logo
Samsung semiconductor
M470L3224BT0 SAMSUNG-M470L3224BT0 Datasheet
137Kb / 14P
   256MB DDR SDRAM MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com