Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HY5DU12822DFP-D43I Datasheet(PDF) 20 Page - Hynix Semiconductor

Part # HY5DU12822DFP-D43I
Description  512Mb DDR SDRAM
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY5DU12822DFP-D43I Datasheet(HTML) 20 Page - Hynix Semiconductor

Back Button HY5DU12822DFP-D43I Datasheet HTML 16Page - Hynix Semiconductor HY5DU12822DFP-D43I Datasheet HTML 17Page - Hynix Semiconductor HY5DU12822DFP-D43I Datasheet HTML 18Page - Hynix Semiconductor HY5DU12822DFP-D43I Datasheet HTML 19Page - Hynix Semiconductor HY5DU12822DFP-D43I Datasheet HTML 20Page - Hynix Semiconductor HY5DU12822DFP-D43I Datasheet HTML 21Page - Hynix Semiconductor HY5DU12822DFP-D43I Datasheet HTML 22Page - Hynix Semiconductor HY5DU12822DFP-D43I Datasheet HTML 23Page - Hynix Semiconductor HY5DU12822DFP-D43I Datasheet HTML 24Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 29 page
background image
Rev 1.0 / June 2007
20
1
HY5DU12822DF(P)-xI / HY5DU121622DF(P)-xI
IDD Specification
64Mx8
32Mx16
Parameter
Symbol
Speed
Unit
DDR400B DDR333 DDR266A DDR266B DDR200
Operating Current
IDD0
130
120
100
mA
Operating Current
IDD1
170
150
120
mA
Precharge Power Down Standby
Current
IDD2P
10
mA
Idle Standby Current
IDD2F
35
mA
Idle Quiet Standby Current
IDD2Q
30
mA
Active Power Down Standby Current IDD3P
45
mA
Active Standby Current
IDD3N
60
mA
Operating Current
IDD4R
210
190
170
mA
Operating Current
IDD4W
230
210
180
Auto Refresh Current
IDD5
260
240
220
Self Refresh Current
Normal
IDD6
5mA
Low Power
3mA
Operating Current - Four Bank
Operation
IDD7
360
350
340
mA
Parameter
Symbol
Speed
Unit
DDR400B DDR333 DDR266A DDR266B DDR200
Operating Current
IDD0
130
120
100
mA
Operating Current
IDD1
170
150
120
mA
Precharge Power Down Standby
Current
IDD2P
10
mA
Idle Standby Current
IDD2F
35
mA
Idle Quiet Standby Current
IDD2Q
30
mA
Active Power Down Standby Current IDD3P
45
mA
Active Standby Current
IDD3N
60
mA
Operating Current
IDD4R
210
190
170
mA
Operating Current
IDD4W
230
210
180
Auto Refresh Current
IDD5
260
240
220
Self Refresh Current
Normal
IDD6
5mA
Low Power
3mA
Operating Current - Four Bank
Operation
IDD7
360
350
340
mA


Similar Part No. - HY5DU12822DFP-D43I

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY5DU12822DFP-D43 HYNIX-HY5DU12822DFP-D43 Datasheet
468Kb / 29P
   512Mb DDR SDRAM
More results

Similar Description - HY5DU12822DFP-D43I

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY5DU12822B HYNIX-HY5DU12822B Datasheet
396Kb / 37P
   512Mb DDR SDRAM
H5DU5182EFR-FAC HYNIX-H5DU5182EFR-FAC Datasheet
523Kb / 30P
   512Mb DDR SDRAM
HY5DU12822DT-D43 HYNIX-HY5DU12822DT-D43 Datasheet
1Mb / 29P
   512Mb DDR SDRAM
HY5DU12422BT HYNIX-HY5DU12422BT_06 Datasheet
692Kb / 31P
   512Mb DDR SDRAM
H5DU5182ETR-FAC HYNIX-H5DU5182ETR-FAC Datasheet
352Kb / 29P
   512Mb DDR SDRAM
HY5DU12422AT HYNIX-HY5DU12422AT Datasheet
381Kb / 33P
   512Mb DDR SDRAM
H5DU5182ETR-FAI HYNIX-H5DU5182ETR-FAI Datasheet
353Kb / 29P
   512Mb DDR SDRAM
HY5DU12822DFP-D43 HYNIX-HY5DU12822DFP-D43 Datasheet
468Kb / 29P
   512Mb DDR SDRAM
HY5DU12422C HYNIX-HY5DU12422C_06 Datasheet
2Mb / 31P
   512Mb DDR SDRAM
H5DU5182EFR-FAJ HYNIX-H5DU5182EFR-FAJ Datasheet
511Kb / 30P
   512Mb DDR SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com