Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H55S2562JFR-60M Datasheet(PDF) 25 Page - Hynix Semiconductor

Part # H55S2562JFR-60M
Description  256MBit MOBILE SDR SDRAM based on 4M x 4Bank x16 I/O
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H55S2562JFR-60M Datasheet(HTML) 25 Page - Hynix Semiconductor

Back Button H55S2562JFR-60M Datasheet HTML 21Page - Hynix Semiconductor H55S2562JFR-60M Datasheet HTML 22Page - Hynix Semiconductor H55S2562JFR-60M Datasheet HTML 23Page - Hynix Semiconductor H55S2562JFR-60M Datasheet HTML 24Page - Hynix Semiconductor H55S2562JFR-60M Datasheet HTML 25Page - Hynix Semiconductor H55S2562JFR-60M Datasheet HTML 26Page - Hynix Semiconductor H55S2562JFR-60M Datasheet HTML 27Page - Hynix Semiconductor H55S2562JFR-60M Datasheet HTML 28Page - Hynix Semiconductor H55S2562JFR-60M Datasheet HTML 29Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 52 page
background image
Rev 1.1 / July. 2009
25
11
256Mbit (16Mx16bit) Mobile SDR
H55S2562JFR Series
CKE Enable(CKE) Truth TABLE (Sheet 2 of 2)
Note:
1. For the given current state CKE must be low in the previous cycle.
2. When CKE has a low to high transition, the clock and other inputs are re-enabled asynchronously. When exiting power down mode,
a NOP (or Device Deselect) command is required on the first positive edge of clock after CKE goes high.
3. The address inputs depend on the command that is issued.
4. The Precharge Power Down mode, the Self Refresh mode, and the Mode Register Set can only be entered
from the all banks idle state.
5. When CKE has a low to high transition, the clock and other inputs are re-enabled asynchronously.
When exiting deep power down mode, a NOP (or Device Deselect) command is required on the first positive edge of
clock after CKE goes high and is maintained for a minimum 200usec.
Current
State
CKE
Command
Action
Notes
Previous
Cycle
Current
Cycle
CS
RAS
CAS
WE
BA0,
BA1
A
max-
A0
All
Banks
Idle
H
H
H
X
X
X
Refer to the idle State section
of the Current State
Truth Table
3
H
H
L
H
X
X
3
H
H
L
L
H
X
3
H
H
L
L
L
H
X
X
Auto Refresh
H
H
L
L
L
L
OP CODE
Mode Register Set
4
H
L
H
X
X
X
Refer to the idle State section
of the Current State
Truth Table
3
H
L
L
H
X
X
3
H
L
L
L
H
X
3
H
L
L
L
L
H
X
X
Entry Self Refresh
4
H
L
L
L
L
L
OP CODE
Mode Register Set
L
X
X
X
X
X
X
X
Power Down
4
Any State
other than
listed above
H
H
X
X
X
X
X
X
Refer to operations of
the Current State
Truth Table
H
L
X
X
X
X
X
X
Begin Clock Suspend
next cycle
L
H
X
X
X
X
X
X
Exit Clock Suspend
next cycle
L
L
X
X
X
X
X
X
Maintain Clock Suspend


Similar Part No. - H55S2562JFR-60M

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
H55S2532JFR-60M HYNIX-H55S2532JFR-60M Datasheet
1Mb / 55P
   256MBit MOBILE SDR SDRAMs based on 2M x 4Bank x32 I/O
H55S2532JFR-75M HYNIX-H55S2532JFR-75M Datasheet
1Mb / 55P
   256MBit MOBILE SDR SDRAMs based on 2M x 4Bank x32 I/O
H55S2532JFR-A3M HYNIX-H55S2532JFR-A3M Datasheet
1Mb / 55P
   256MBit MOBILE SDR SDRAMs based on 2M x 4Bank x32 I/O
More results

Similar Description - H55S2562JFR-60M

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY5S5B6ELF-HE HYNIX-HY5S5B6ELF-HE Datasheet
245Kb / 27P
   256MBit MOBILE SDR SDRAMs based on 4M x 4Bank x16 I/O
H55S2622JFR-60M HYNIX-H55S2622JFR-60M Datasheet
1Mb / 55P
   256MBit MOBILE SDR SDRAMs based on 2M x 4Bank x32 I/O
H55S1262EFP-60E HYNIX-H55S1262EFP-60E Datasheet
733Kb / 54P
   128MBit MOBILE SDR SDRAMs based on 2M x 4Bank x16 I/O
H55S5122DFR-60M HYNIX-H55S5122DFR-60M Datasheet
830Kb / 54P
   512MBit MOBILE SDR SDRAMs based on 4M x 4Bank x32 I/O
H57V2562GTR-60C HYNIX-H57V2562GTR-60C Datasheet
234Kb / 23P
   256Mb Synchronous DRAM based on 4M x 4Bank x16 I/O
H57V2562GTR-60I HYNIX-H57V2562GTR-60I Datasheet
234Kb / 23P
   256Mb Synchronous DRAM based on 4M x 4Bank x16 I/O
H57V2562GFR-60C HYNIX-H57V2562GFR-60C Datasheet
279Kb / 23P
   256Mb Synchronous DRAM based on 4M x 4Bank x16 I/O
H55S1222EFP-60E HYNIX-H55S1222EFP-60E Datasheet
1Mb / 54P
   128MBit MOBILE SDR SDRAMs based on 1M x 4Bank x32 I/O
H55S5162DFR-60M HYNIX-H55S5162DFR-60M Datasheet
701Kb / 55P
   512MBit MOBILE SDR SDRAMs based on 8M x 4Bank x16I/O
HY5S7B6ALFP-6 HYNIX-HY5S7B6ALFP-6 Datasheet
659Kb / 52P
   512MBit MOBILE SDR SDRAMs based on 8M x 4Bank x16I/O
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com