Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H55S2532JFR-60M Datasheet(PDF) 10 Page - Hynix Semiconductor

Part # H55S2532JFR-60M
Description  256MBit MOBILE SDR SDRAMs based on 2M x 4Bank x32 I/O
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H55S2532JFR-60M Datasheet(HTML) 10 Page - Hynix Semiconductor

Back Button H55S2532JFR-60M Datasheet HTML 6Page - Hynix Semiconductor H55S2532JFR-60M Datasheet HTML 7Page - Hynix Semiconductor H55S2532JFR-60M Datasheet HTML 8Page - Hynix Semiconductor H55S2532JFR-60M Datasheet HTML 9Page - Hynix Semiconductor H55S2532JFR-60M Datasheet HTML 10Page - Hynix Semiconductor H55S2532JFR-60M Datasheet HTML 11Page - Hynix Semiconductor H55S2532JFR-60M Datasheet HTML 12Page - Hynix Semiconductor H55S2532JFR-60M Datasheet HTML 13Page - Hynix Semiconductor H55S2532JFR-60M Datasheet HTML 14Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 55 page
background image
Rev 1.0 / Nov. 2008
10
11256Mbit (8Mx32bit) Mobile SDR
H55S2622JFR Series
H55S2532JFR Series
ABSOLUTE MAXIMUM RATING
DC OPERATING CONDITION (TA= -30 to 85oC)
Note:
1. All Voltages are referenced to VSS = 0V
2. VDDQ must not exceed the level of VDD
AC OPERATING TEST CONDITION (TA= -30 to 85 oC, VDD = 1.8V, VSS = 0V)
Parameter
Symbol
Rating
Unit
Ambient Temperature
TA
-30 ~ 85
oC
Storage Temperature
TSTG
-55 ~ 125
oC
Voltage on Any Pin relative to VSS
VIN, VOUT
-1.0 ~ 2.6
V
Voltage on VDD relative to VSS
VDD
-1.0 ~ 2.6
V
Voltage on VDDQ relative to VSS
VDDQ
-1.0 ~ 2.6
V
Short Circuit Output Current
IOS
50
mA
Power Dissipation
PD
1
W
Soldering Temperature . Time
TSOLDER
260 . 20
oC . Sec
Parameter
Symbol
Min
Typ
Max
Unit
Note
Power Supply Voltage
VDD
1.7
1.8
1.95
V
1
Power Supply Voltage
VDDQ
1.7
1.8
1.95
V
1, 2
Input High Voltage
VIH
0.8*VDDQ
-
VDDQ+0.3
V
1, 2
Input Low Voltage
VIL
-0.3
-
0.3
V
1, 2
Parameter
Symbol
Value
Unit
AC Input High/Low Level Voltage
VIH / VIL
0.9*VDDQ/0.2
V
Input Timing Measurement Reference Level Voltage
Vtrip
0.5*VDDQ
V
Input Rise/Fall Time
tR / tF
1
ns
Output Timing Measurement Reference Level Voltage
Voutref
0.5*VDDQ
V
Output Load Capacitance for Access Time Measurement
CL
30
pF


Similar Part No. - H55S2532JFR-60M

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
H55S2562JFR-60M HYNIX-H55S2562JFR-60M Datasheet
689Kb / 52P
   256MBit MOBILE SDR SDRAM based on 4M x 4Bank x16 I/O
H55S2562JFR-75M HYNIX-H55S2562JFR-75M Datasheet
689Kb / 52P
   256MBit MOBILE SDR SDRAM based on 4M x 4Bank x16 I/O
H55S2562JFR-A3M HYNIX-H55S2562JFR-A3M Datasheet
689Kb / 52P
   256MBit MOBILE SDR SDRAM based on 4M x 4Bank x16 I/O
More results

Similar Description - H55S2532JFR-60M

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
H55S1222EFP-60E HYNIX-H55S1222EFP-60E Datasheet
1Mb / 54P
   128MBit MOBILE SDR SDRAMs based on 1M x 4Bank x32 I/O
H55S5122DFR-60M HYNIX-H55S5122DFR-60M Datasheet
830Kb / 54P
   512MBit MOBILE SDR SDRAMs based on 4M x 4Bank x32 I/O
HY5S5B6ELF-HE HYNIX-HY5S5B6ELF-HE Datasheet
245Kb / 27P
   256MBit MOBILE SDR SDRAMs based on 4M x 4Bank x16 I/O
H55S1262EFP-60E HYNIX-H55S1262EFP-60E Datasheet
733Kb / 54P
   128MBit MOBILE SDR SDRAMs based on 2M x 4Bank x16 I/O
H55S2562JFR-60M HYNIX-H55S2562JFR-60M Datasheet
689Kb / 52P
   256MBit MOBILE SDR SDRAM based on 4M x 4Bank x16 I/O
HY5S7B6LF-H HYNIX-HY5S7B6LF-H Datasheet
652Kb / 51P
   512MBit MOBILE SDR SDRAMs based on 8M x 4Bank x16I/O
H55S5162DFR-60M HYNIX-H55S5162DFR-60M Datasheet
701Kb / 55P
   512MBit MOBILE SDR SDRAMs based on 8M x 4Bank x16I/O
HY5S7B6ALFP-6 HYNIX-HY5S7B6ALFP-6 Datasheet
659Kb / 52P
   512MBit MOBILE SDR SDRAMs based on 8M x 4Bank x16I/O
H5MS1222EFP-Q3E HYNIX-H5MS1222EFP-Q3E Datasheet
1Mb / 62P
   128Mbit MOBILE DDR SDRAM based on 1M x 4Bank x32 I/O
H5MS1G22MFP-E3M HYNIX-H5MS1G22MFP-E3M Datasheet
2Mb / 63P
   1Gbit MOBILE DDR SDRAM based on 8M x 4Bank x32 I/O
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com