Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H5RS5223CFR-N3C Datasheet(PDF) 3 Page - Hynix Semiconductor

Part # H5RS5223CFR-N3C
Description  512Mbit (16Mx32) GDDR3 SDRAM
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H5RS5223CFR-N3C Datasheet(HTML) 3 Page - Hynix Semiconductor

  H5RS5223CFR-N3C Datasheet HTML 1Page - Hynix Semiconductor H5RS5223CFR-N3C Datasheet HTML 2Page - Hynix Semiconductor H5RS5223CFR-N3C Datasheet HTML 3Page - Hynix Semiconductor H5RS5223CFR-N3C Datasheet HTML 4Page - Hynix Semiconductor H5RS5223CFR-N3C Datasheet HTML 5Page - Hynix Semiconductor H5RS5223CFR-N3C Datasheet HTML 6Page - Hynix Semiconductor H5RS5223CFR-N3C Datasheet HTML 7Page - Hynix Semiconductor H5RS5223CFR-N3C Datasheet HTML 8Page - Hynix Semiconductor H5RS5223CFR-N3C Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 66 page
background image
Rev.1.5 / Jul. 2008
3
H5RS5223CFR
DESCRIPTION
The Hynix H5RS5223 is a high-speed CMOS, dynamic random-access memory containing 536,870,912 bits.
The Hynix H5RS5223 is internally configured as a eight-bank DRAM.
The Hynix H5RS5223 uses a double data rate architecture to achieve high-speed opreration. The double date rate architecture is
essentially a 4n-prefetch architecture, with an interface designed to transfer two data words per clock cycle at the I/O pins. A single
read or write access for the Hynix H5RS5223 consists of a 4n-bit wide, every two-clock-cycles data transfer at the internal DRAM core
and two corresponding n-bit wide, one-half-clock-cycle data transfers at the I/O pins. Read and write accesses to the Hynix
H5RS5223 is burst oriented; accesses start at a selected locations and continue for a programmed number of locations in a pro-
grammed sequence. Accesses begin with the registration of an ACTIVE command, which is then followed by a READ of WRITE com-
mand. The address bits registered coincident with the ACTIVE command are used to select the bank and row to be accessed
(BA0,BA1, BA2 select the bank; A0-A11 select the row). The address bits registered coincident with the READ or WRITE command
are used to select the starting column location for the burst access. Prior to normal operation, the Hynix H5RS5223 must be initial-
ized.
FEATURES
Note) Above Hynix P/N’s and their homogeneous Subcomponents are RoHS (& Lead free) compliant
ORDERING INFORMATION
Part No.
Power Supply
Clock Frequency
Max Data Rate
Interface
Package
H5RS5223CFR-N3C
VDD/VDDQ=2.05V
1300MHz
2600Mbps/pin
POD_18
10mmx14mm
136Ball FBGA
H5RS5223CFR-N2C
1200MHz
2400Mbps/pin
H5RS5223CFR-N0C
1000MHz
2000Mbps/pin
H5RS5223CFR-11C
VDD/VDDQ=1.8V
900MHz
1800Mbps/pin
H5RS5223CFR-14C
700MHz
1400Mbps/pin
H5RS5223CFR-20C
500MHz
1000Mbps/pin
H5RS5223CFR-14L
VDD/VDDQ=1.5V
700MHz
1400Mbps/pin
POD_15
H5RS5223CFR-18C
550MHz
1100Mbps/pin
2.05V/ 1.8V/ 1.5V power supply supports
(For more detail, Please see the Table 12 on page 43)
Single ended READ Strobe (RDQS) per byte
Single ended WRITE Strobe (WDQS) per byte
Internal, pipelined double-data-rate (DDR) architecture;
two data accesses per clock cycle
•On Die Termination
Output Driver Strength adjustment by EMRS
Calibrated output driver
Differential clock inputs (CK and CK#)
Commands entered on each positive CK edge
RDQS edge-aligned with data for READ; with WDQS
center-aligned with data for WRITE
8 internal banks for concurrent operation
CAS Latency: 4~11 (clock)
Data mask (DM) for masking WRITE data
4n prefetch
Programmable burst lengths: 4, 8
32ms, 8K-cycle auto refresh
Auto precharge option
Auto Refresh and Self Refresh Modes
1.8V Pseudo Open Drain I/O
Concurrent Auto Precharge support
tRAS lockout support, Active Termination support
Programmable Write latency(1, 2, 3, 4, 5, 6)
Boundary Scan Function with SEN pin
Mirror Function with MF pin


Similar Part No. - H5RS5223CFR-N3C

ManufacturerPart #DatasheetDescription
logo
HuaXinAn Electronics CO...
H5R16-600L HUAXINAN-H5R16-600L Datasheet
243Kb / 2P
   Gas Discharge Tubes
H5R16-800L HUAXINAN-H5R16-800L Datasheet
243Kb / 2P
   Gas Discharge Tubes
H5R20-600L HUAXINAN-H5R20-600L Datasheet
243Kb / 2P
   Gas Discharge Tubes
H5R20-800L HUAXINAN-H5R20-800L Datasheet
243Kb / 2P
   Gas Discharge Tubes
More results

Similar Description - H5RS5223CFR-N3C

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4J52324QC SAMSUNG-K4J52324QC Datasheet
1Mb / 57P
   512Mbit GDDR3 SDRAM
logo
White Electronic Design...
WED3DL3216V WEDC-WED3DL3216V Datasheet
804Kb / 27P
   16Mx32 SDRAM
logo
Samsung semiconductor
K4S511632M SAMSUNG-K4S511632M Datasheet
111Kb / 11P
   512Mbit SDRAM
K4J55323QG SAMSUNG-K4J55323QG Datasheet
1Mb / 53P
   256Mbit GDDR3 SDRAM
K4J55323QF-GC SAMSUNG-K4J55323QF-GC Datasheet
1Mb / 49P
   256Mbit GDDR3 SDRAM
K4S510732B SAMSUNG-K4S510732B Datasheet
104Kb / 11P
   Stacked 512Mbit SDRAM
K4N51163QC-ZC SAMSUNG-K4N51163QC-ZC Datasheet
1Mb / 64P
   512Mbit gDDR2 SDRAM
K4S511632C SAMSUNG-K4S511632C Datasheet
135Kb / 11P
   DDP 512Mbit SDRAM
logo
Hynix Semiconductor
HY5DU113222FM-2 HYNIX-HY5DU113222FM-2 Datasheet
299Kb / 30P
   512M(16Mx32) GDDR SDRAM
HY5DS113222FM HYNIX-HY5DS113222FM Datasheet
431Kb / 30P
   512M(16Mx32) GDDR SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com