Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H5PS5162FFR-16C Datasheet(PDF) 41 Page - Hynix Semiconductor

Part # H5PS5162FFR-16C
Description  512Mb(32Mx16) DDR2 SDRAM
Download  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H5PS5162FFR-16C Datasheet(HTML) 41 Page - Hynix Semiconductor

Back Button H5PS5162FFR-16C Datasheet HTML 37Page - Hynix Semiconductor H5PS5162FFR-16C Datasheet HTML 38Page - Hynix Semiconductor H5PS5162FFR-16C Datasheet HTML 39Page - Hynix Semiconductor H5PS5162FFR-16C Datasheet HTML 40Page - Hynix Semiconductor H5PS5162FFR-16C Datasheet HTML 41Page - Hynix Semiconductor H5PS5162FFR-16C Datasheet HTML 42Page - Hynix Semiconductor H5PS5162FFR-16C Datasheet HTML 43Page - Hynix Semiconductor H5PS5162FFR-16C Datasheet HTML 44Page - Hynix Semiconductor H5PS5162FFR-16C Datasheet HTML 45Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 81 page
background image
Rev. 1.4/Aug. 2008
41
1H5PS5162FFR
2.7 Auto Precharge Operation
Before a new row in an active bank can be opened, the active bank must be precharged using either the
Precharge command or the auto-precharge function. When a Read or a Write command is given to the
DDR2 SDRAM, the CAS timing accepts one extra address, column address A10, to allow the active bank
to automatically begin precharge at the earliest possible moment during the burst read or write cycle. If
A10 is low when the READ or WRITE command is issued, then normal Read or Write burst operation is
executed and the bank remains active at the completion of the burst sequence. If A10 is high when the
Read or Write command is issued, then the auto-precharge function is engaged. During auto-precharge, a
Read command will execute as normal with the exception that the active bank will begin to precharge on
the rising edge which is CAS latency (CL) clock cycles before the end of the read burst.
Auto-precharge is also implemented during Write commands. The precharge operation engaged by the
Auto precharge command will not begin until the last data of the burst write sequence is properly stored in
the memory array.
This feature allows the precharge operation to be partially or completely hidden during burst read cycles
(dependent upon CAS latency) thus improving system performance for random data access. The RAS
lockout circuit internally delays the Precharge operation until the array restore operation has been com-
pleted (tRAS satisfied) so that the auto precharge command may be issued with any read or write com-
mand.
Burst Read with Auto Precharge
If A10 is high when a Read Command is issued, the Read with Auto-Precharge function is engaged. The
DDR2 SDRAM starts an Auto Precharge operation on the rising edge which is (AL + BL/2) cycles later than
the read with AP command if tRAS(min) and tRTP are satisfied.
If tRAS(min) is not satisfied at the edge, the start point of auto-precharge operation will be delayed until
tRAS(min) is satisfied.
If tRTP(min) is not satisfied at the edge, the start point of auto-precharge operation will be delayed until
tRTP(min) is satisfied.
In case the internal precharge is pushed out by tRTP, tRP starts at the point where the internal precharge
happens (not at the next rising clock edge after this event). So for BL = 4 the minimum time from Read_AP
to the next Activate command becomes AL + (tRTP + tRP)* (see example 2) for BL = 8 the time from
Read_AP to the next Activate is AL + 2 + (tRTP + tRP)*, where “*” means: “rounded up to the next integer”.
In any event internal precharge does not start earlier than two clocks after the last 4-bit prefetch.
A new bank activate (command) may be issued to the same bank if the following two conditions are satis-
fied simultaneously.
(1) The RAS precharge time (tRP) has been satisfied from the clock at which the auto precharge begins.
(2) The RAS cycle time (tRC) from the previous bank activation has been satisfied.


Similar Part No. - H5PS5162FFR-16C

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
H5PS5162FFR-C HYNIX-H5PS5162FFR-C Datasheet
530Kb / 39P
   512Mb DDR2 SDRAM
H5PS5162FFR-C4 HYNIX-H5PS5162FFR-C4 Datasheet
530Kb / 39P
   512Mb DDR2 SDRAM
H5PS5162FFR-E3 HYNIX-H5PS5162FFR-E3 Datasheet
530Kb / 39P
   512Mb DDR2 SDRAM
H5PS5162FFR-I HYNIX-H5PS5162FFR-I Datasheet
530Kb / 39P
   512Mb DDR2 SDRAM
H5PS5162FFR-L HYNIX-H5PS5162FFR-L Datasheet
530Kb / 39P
   512Mb DDR2 SDRAM
More results

Similar Description - H5PS5162FFR-16C

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY5DU121622BT-5 HYNIX-HY5DU121622BT-5 Datasheet
655Kb / 30P
   512Mb(32Mx16) gDDR SDRAM
HY5DU121622CTP HYNIX-HY5DU121622CTP Datasheet
233Kb / 29P
   512Mb(32Mx16) GDDR SDRAM
HY5PS12421AFP HYNIX-HY5PS12421AFP Datasheet
1Mb / 37P
   512Mb DDR2 SDRAM
H5PS5162FFR-C HYNIX-H5PS5162FFR-C Datasheet
530Kb / 39P
   512Mb DDR2 SDRAM
HY5PS12421F HYNIX-HY5PS12421F Datasheet
623Kb / 35P
   512Mb DDR2 SDRAM
HY5PS12421FP HYNIX-HY5PS12421FP Datasheet
622Kb / 35P
   512Mb DDR2 SDRAM
H5PS5182GFR HYNIX-H5PS5182GFR Datasheet
1Mb / 64P
   512Mb DDR2 SDRAM
logo
Nanya Technology Corpor...
NT5TU64M8EE NANYA-NT5TU64M8EE Datasheet
3Mb / 96P
   DDR2 512Mb SDRAM
logo
Hynix Semiconductor
HY5PS12421F-E3 HYNIX-HY5PS12421F-E3 Datasheet
1Mb / 35P
   512Mb DDR2 SDRAM
HY5PS12421CFP-E3I HYNIX-HY5PS12421CFP-E3I Datasheet
618Kb / 38P
   512Mb DDR2 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com