Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H5MS1262EFP-K3M Datasheet(PDF) 20 Page - Hynix Semiconductor

Part # H5MS1262EFP-K3M
Description  128M (8Mx16bit) Mobile DDR SDRAM
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H5MS1262EFP-K3M Datasheet(HTML) 20 Page - Hynix Semiconductor

Back Button H5MS1262EFP-K3M Datasheet HTML 16Page - Hynix Semiconductor H5MS1262EFP-K3M Datasheet HTML 17Page - Hynix Semiconductor H5MS1262EFP-K3M Datasheet HTML 18Page - Hynix Semiconductor H5MS1262EFP-K3M Datasheet HTML 19Page - Hynix Semiconductor H5MS1262EFP-K3M Datasheet HTML 20Page - Hynix Semiconductor H5MS1262EFP-K3M Datasheet HTML 21Page - Hynix Semiconductor H5MS1262EFP-K3M Datasheet HTML 22Page - Hynix Semiconductor H5MS1262EFP-K3M Datasheet HTML 23Page - Hynix Semiconductor H5MS1262EFP-K3M Datasheet HTML 24Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 62 page
background image
Rev 1.1 / July. 2009
20
Mobile DDR SDRAM 128Mbit (8M x 16bit)
H5MS1262EFP Series
Leakage Current
Note:
1. All voltages are referenced to VSS = 0V and VSSQ must be same potential and VDDQ must not exceed the level of VDD.
2. VID(DC) and VID(AC) are the magnitude of the difference between the input level on CK and the input level on CK.
3. The value of VIX is expected to be 0.5*VDDQ and must track variations in the DC level of the same.
4. VIN = 0 to 1.8V. All other pins are not tested under VIN=0V.
5. DOUT is disabled. VOUT= 0 to 1.95V.
AC OPERATING TEST CONDITION
Note: 1. The circuit shown on the right represents the timing
load used in defining the relevant timing parameters of
the part. It is not intended to be either a precise repre-
sentation of the typical system environment nor a depic-
tion of the actual load presented by a production tester.
System designers will use IBIS or other simulation tools
to correlate the timing reference load to system environ-
ment. Manufacturers will correlate to their production
(generally a coaxial transmission line terminated at the
tester electronics). For the half strength driver with a
nominal 10pF load parameters tAC and tQH are
expected to be in the same range. However, these
parameters are not subject to production test but are
estimated by design and characterization. Use of IBIS or other simulation tools for system design validation is suggested.
Input / Output Capacitance
Note:
1. These values are guaranteed by design and are tested on a sample base only.
2. These capacitance values are for single monolithic devices only. Multiple die packages will have parallel capacitive loads.
3. Input capacitance is measured according to JEP147 procedure for measuring capacitance using a vector network analyzer. VDD,
VDDQ are applied and all other pins (except the pin under test) floating. DQ
's should be in high impedance state. This may be
achieved by pulling CKE to low level.
4. Although DM is an input-only pin, the input capacitance of this pin must model the input capacitance of the DQ and DQS pins. This
is required to match signal propagation times of DQ, DQS and DM in the system.
Parameter
Symbol
Min
Max
Unit
Note
Input Leakage Current
ILI
-1
1
uA
4
Output Leakage Current
ILO
-1.5
1.5
uA
5
Parameter
Symbol
Value
Unit
Note
AC Input High/Low Level Voltage
VIH / VIL
0.8*VDDQ/0.2*VDDQ
V
Input Timing Measurement Reference Level Voltage
Vtrip
0.5*VDDQ
V
Input Rise/Fall Time
tR / tF
1
ns
Output Timing Measurement Reference Level Voltage
Voutref
0.5*VDDQ
V
Output Load Capacitance for Access Time Measurement
CL
pF
1
Parameter
Symbol
Speed
Unit
Note
Min
Max
Input capacitance, CK, CK
CCK
1.5
3.5
pF
Input capacitance delta, CK, CK
CDCK
-
0.25
pF
Input capacitance, all other input-only pins
CI
1.5
3.0
pF
Input capacitance delta, all other input-only pins
CDI
-
0.5
pF
Input/output capacitance, DQ, DM, DQS
CIO
2.0
4.5
pF
4
Input/output capacitance delta, DQ, DM, DQS
CDIO
-
0.5
pF
4
Test Load for Full Drive Strength Buffer
(20 pF)
Test Load for Half Drive Strength Buffer
(10 pF)
Output
Output
Output
Output
ZO=50


Similar Part No. - H5MS1262EFP-K3M

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
H5MS1222EFP-J3E HYNIX-H5MS1222EFP-J3E Datasheet
1Mb / 62P
   128Mbit MOBILE DDR SDRAM based on 1M x 4Bank x32 I/O
H5MS1222EFP-J3M HYNIX-H5MS1222EFP-J3M Datasheet
1Mb / 62P
   128Mbit MOBILE DDR SDRAM based on 1M x 4Bank x32 I/O
H5MS1222EFP-K3E HYNIX-H5MS1222EFP-K3E Datasheet
1Mb / 62P
   128Mbit MOBILE DDR SDRAM based on 1M x 4Bank x32 I/O
H5MS1222EFP-K3M HYNIX-H5MS1222EFP-K3M Datasheet
1Mb / 62P
   128Mbit MOBILE DDR SDRAM based on 1M x 4Bank x32 I/O
H5MS1222EFP-L3E HYNIX-H5MS1222EFP-L3E Datasheet
1Mb / 62P
   128Mbit MOBILE DDR SDRAM based on 1M x 4Bank x32 I/O
More results

Similar Description - H5MS1262EFP-K3M

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EMD28164PA EMLSI-EMD28164PA Datasheet
767Kb / 45P
   128M: 8M x 16 Mobile DDR SDRAM
logo
Elpida Memory
EDD1216AJBG ELPIDA-EDD1216AJBG Datasheet
617Kb / 51P
   128M bits DDR SDRAM
logo
Hynix Semiconductor
HY5DU28422BT HYNIX-HY5DU28422BT Datasheet
344Kb / 33P
   128M-S DDR SDRAM
logo
Elpida Memory
EDD1232ACBH-6B ELPIDA-EDD1232ACBH-6B Datasheet
667Kb / 52P
   128M bits DDR SDRAM
EDD1216AJTA ELPIDA-EDD1216AJTA Datasheet
621Kb / 52P
   128M bits DDR SDRAM
EDD1216AJTA-4 ELPIDA-EDD1216AJTA-4 Datasheet
487Kb / 50P
   128M bits DDR SDRAM
EDD1232ABBH ELPIDA-EDD1232ABBH Datasheet
530Kb / 51P
   128M bits DDR SDRAM
EDD1232ACBH ELPIDA-EDD1232ACBH Datasheet
655Kb / 51P
   128M bits DDR SDRAM
logo
Samsung semiconductor
K4X1G163PC-L SAMSUNG-K4X1G163PC-L Datasheet
523Kb / 20P
   Mobile DDR SDRAM
logo
Elpida Memory
EDK1216CFBJ ELPIDA-EDK1216CFBJ Datasheet
737Kb / 56P
   128M bits DDR Mobile RAM?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com