Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H5MS1262EFP-K3M Datasheet(PDF) 13 Page - Hynix Semiconductor

Part # H5MS1262EFP-K3M
Description  128M (8Mx16bit) Mobile DDR SDRAM
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H5MS1262EFP-K3M Datasheet(HTML) 13 Page - Hynix Semiconductor

Back Button H5MS1262EFP-K3M Datasheet HTML 9Page - Hynix Semiconductor H5MS1262EFP-K3M Datasheet HTML 10Page - Hynix Semiconductor H5MS1262EFP-K3M Datasheet HTML 11Page - Hynix Semiconductor H5MS1262EFP-K3M Datasheet HTML 12Page - Hynix Semiconductor H5MS1262EFP-K3M Datasheet HTML 13Page - Hynix Semiconductor H5MS1262EFP-K3M Datasheet HTML 14Page - Hynix Semiconductor H5MS1262EFP-K3M Datasheet HTML 15Page - Hynix Semiconductor H5MS1262EFP-K3M Datasheet HTML 16Page - Hynix Semiconductor H5MS1262EFP-K3M Datasheet HTML 17Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 62 page
background image
Rev 1.1 / July. 2009
13
Mobile DDR SDRAM 128Mbit (8M x 16bit)
H5MS1262EFP Series
COMMAND TRUTH TABLE
DM TRUTH TABLE
Note:
1. All states and sequences not shown are illegal or reserved.
2. DESLECT and NOP are functionally interchangeable.
3. Autoprecharge is non-persistent. A10 High enables Autoprecharge, while A10 Low disables Autoprecharge
4. Burst Terminate applies to only Read bursts with auto precharge disabled. This command is undefined and should not be used for
Read with Autoprecharge enabled, and for Write bursts.
5. This command is BURST TERMINATE if CKE is High and DEEP POWER DOWN entry if CKE is Low.
6. If A10 is low, bank address determines which bank is to be precharged. If A10 is high, all banks are precharged and BA0-BA1 are
don
't care.
7. This command is AUTO REFRESH if CKE is High, and SELF REFRESH if CKE is low.
8. All address inputs and I/O are
''don't care'' except for CKE. Internal refresh counters control Bank and Row addressing.
9. All banks must be precharged before issuing an AUTO-REFRESH or SELF REFRESH command.
10. BA0 and BA1 value select among MRS, EMRS and SRR.
11. Used to mask write data, provided coincident with the corresponding data.
12. CKE is HIGH for all commands shown except SELF REFRESH and DEEP POWER-DOWN.
Function
CS
RAS
CAS
WE
BA
A10/AP ADDR Note
DESELECT (NOP)
H
X
X
X
X
X
X
2
NO OPERATION (NOP)
L
H
H
H
X
X
X
2
ACTIVE (Select Bank and activate Row)
L
L
H
H
V
Row
Row
READ (Select bank and column and start read burst)
L
H
L
H
V
L
Col
READ with AP (Read Burst with Autoprecharge)
L
H
L
H
V
H
Col
3
WRITE (Select bank and column and start write
burst)
L
H
L
L
V
L
Col
WRITE with AP (Write Burst with Autoprecharge)
L
H
L
L
V
H
Col
3
BURST TERMINATE or enter DEEP POWER DOWN
L
H
H
L
X
X
X
4, 5
PRECHARGE (Deactivate Row in selected bank)
L
L
H
L
V
L
X
6
PRECHARGE ALL (Deactivate rows in all Banks)
L
L
H
L
X
H
X
6
AUTO REFRESH or enter SELF REFRESH
L
L
L
H
X
X
X
7,8,9
MODE REGISTER SET
L
L
L
L
V
Op code
10
Function
DM
DQ
Note
Write Enable
L
Valid
11
Write Inhibit
H
X
11


Similar Part No. - H5MS1262EFP-K3M

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
H5MS1222EFP-J3E HYNIX-H5MS1222EFP-J3E Datasheet
1Mb / 62P
   128Mbit MOBILE DDR SDRAM based on 1M x 4Bank x32 I/O
H5MS1222EFP-J3M HYNIX-H5MS1222EFP-J3M Datasheet
1Mb / 62P
   128Mbit MOBILE DDR SDRAM based on 1M x 4Bank x32 I/O
H5MS1222EFP-K3E HYNIX-H5MS1222EFP-K3E Datasheet
1Mb / 62P
   128Mbit MOBILE DDR SDRAM based on 1M x 4Bank x32 I/O
H5MS1222EFP-K3M HYNIX-H5MS1222EFP-K3M Datasheet
1Mb / 62P
   128Mbit MOBILE DDR SDRAM based on 1M x 4Bank x32 I/O
H5MS1222EFP-L3E HYNIX-H5MS1222EFP-L3E Datasheet
1Mb / 62P
   128Mbit MOBILE DDR SDRAM based on 1M x 4Bank x32 I/O
More results

Similar Description - H5MS1262EFP-K3M

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EMD28164PA EMLSI-EMD28164PA Datasheet
767Kb / 45P
   128M: 8M x 16 Mobile DDR SDRAM
logo
Elpida Memory
EDD1216AJBG ELPIDA-EDD1216AJBG Datasheet
617Kb / 51P
   128M bits DDR SDRAM
logo
Hynix Semiconductor
HY5DU28422BT HYNIX-HY5DU28422BT Datasheet
344Kb / 33P
   128M-S DDR SDRAM
logo
Elpida Memory
EDD1232ACBH-6B ELPIDA-EDD1232ACBH-6B Datasheet
667Kb / 52P
   128M bits DDR SDRAM
EDD1216AJTA ELPIDA-EDD1216AJTA Datasheet
621Kb / 52P
   128M bits DDR SDRAM
EDD1216AJTA-4 ELPIDA-EDD1216AJTA-4 Datasheet
487Kb / 50P
   128M bits DDR SDRAM
EDD1232ABBH ELPIDA-EDD1232ABBH Datasheet
530Kb / 51P
   128M bits DDR SDRAM
EDD1232ACBH ELPIDA-EDD1232ACBH Datasheet
655Kb / 51P
   128M bits DDR SDRAM
logo
Samsung semiconductor
K4X1G163PC-L SAMSUNG-K4X1G163PC-L Datasheet
523Kb / 20P
   Mobile DDR SDRAM
logo
Elpida Memory
EDK1216CFBJ ELPIDA-EDK1216CFBJ Datasheet
737Kb / 56P
   128M bits DDR Mobile RAM?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com