Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H5MS5132DFR Datasheet(PDF) 4 Page - Hynix Semiconductor

Part # H5MS5132DFR
Description  Mobile DDR SDRAM 512Mbit (16M x 32bit)
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H5MS5132DFR Datasheet(HTML) 4 Page - Hynix Semiconductor

  H5MS5132DFR Datasheet HTML 1Page - Hynix Semiconductor H5MS5132DFR Datasheet HTML 2Page - Hynix Semiconductor H5MS5132DFR Datasheet HTML 3Page - Hynix Semiconductor H5MS5132DFR Datasheet HTML 4Page - Hynix Semiconductor H5MS5132DFR Datasheet HTML 5Page - Hynix Semiconductor H5MS5132DFR Datasheet HTML 6Page - Hynix Semiconductor H5MS5132DFR Datasheet HTML 7Page - Hynix Semiconductor H5MS5132DFR Datasheet HTML 8Page - Hynix Semiconductor H5MS5132DFR Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 62 page
background image
Rev 1.2 / Jul. 2008
4
11
Mobile DDR SDRAM 512Mbit (16M x 32bit)
H5MS5122DFR Series / H5MS5132DFR Series
DESCRIPTION
The Hynix H5MS5122DFR Series is 536,870,912-bit CMOS Low Power Double Data Rate Synchronous DRAM (Mobile
DDR SDRAM), ideally suited for mobile applications which use the battery such as PDAs, 2.5G and 3G cellular phones
with internet access and multimedia capabilities, mini-notebook, hand-held PCs. It is organized as 4banks of 4,194,304
x32.
The HYNIX H5MS5122DFR series uses a double-data-rate architecture to achieve high-speed operation. The double
data rate architecture is essentially a 2
n prefetch architecture with an interface designed to transfer two data per clock
cycle at the I/O pins.
The Hynix H5MS5122DFR Series offers fully synchronous operations referenced to both rising and falling edges of the
clock. While all address and control inputs are latched on the rising edges of the CK (Mobile DDR SDRAM operates
from a differential clock
: the crossing of CK going HIGH and CK going LOW is referred to as the positive edge of CK),
data, data strobe and data mask inputs are sampled on both rising and falling edges of it (
Input data is registered on
both edges of DQS, and output data is referenced to both edges of DQS, as well as to both edges of CK). The data
paths are internally pipelined and 2-bit prefetched to achieve high bandwidth. All input voltage levels are compatible
with LVCMOS.
Read and write accesses to the Low Power DDR SDRAM (Mobile DDR SDRAM) are burst oriented; accesses start at a
selected location and continue for a programmed number of locations in a programmed sequence. Accesses begin with
the registration of an ACTIVE command, which is then followed by a READ or WRITE command. The address bits reg-
istered coincident with the ACTIVE command are used to select the bank and the row to be accessed. The address bits
registered coincident with the READ or WRITE command are used to select the bank and the starting column location
for the burst access.
The Low Power DDR SDRAM (Mobile DDR SDRAM) provides for programmable read or write bursts of 2, 4 or 8 loca-
tions. An AUTO PRECHARGE function may be enabled to provide a self-timed row precharge that is initiated at the end
of the burst access.
As with standard SDRAM, the pipelined and multibank architecture of Low Power DDR SDRAM (Mobile DDR SDRAM)
allows for concurrent operation, thereby providing high effective bandwidth by hiding row precharge and activation
times.
The Low Power DDR SDRAM (Mobile DDR SDRAM) also provides for special programmable Self Refresh options which
are Partial Array Self Refresh (full, half, quarter and 1/8 and 1/16 array) and Temperature Compensated Self Refresh.
A burst of Read or Write cycles in progress can be interrupted and replaced by a new burst Read or Write command on
any cycle (this pipelined design is not restricted by a 2N rule). Only Read bursts in progress with auto precharge disa-
bled can be terminated by a burst terminate command. Burst Terminate command is undefined and should not be
used for Read with Autoprecharge enabled and for Write bursts.


Similar Part No. - H5MS5132DFR

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
H5MS5162DFR-E3M HYNIX-H5MS5162DFR-E3M Datasheet
1Mb / 62P
   512Mb (32Mx16bit) Mobile DDR SDRAM
H5MS5162DFR-J3M HYNIX-H5MS5162DFR-J3M Datasheet
1Mb / 62P
   512Mb (32Mx16bit) Mobile DDR SDRAM
H5MS5162DFR-K3M HYNIX-H5MS5162DFR-K3M Datasheet
1Mb / 62P
   512Mb (32Mx16bit) Mobile DDR SDRAM
H5MS5162DFR-L3M HYNIX-H5MS5162DFR-L3M Datasheet
1Mb / 62P
   512Mb (32Mx16bit) Mobile DDR SDRAM
H5MS5162EFR HYNIX-H5MS5162EFR Datasheet
105Kb / 2P
   536,870,912-bit CMOS Low Power Double Data Rate Synchronous DRAM (Mobile DDR SDRAM)
More results

Similar Description - H5MS5132DFR

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EMD12324PV EMLSI-EMD12324PV Datasheet
938Kb / 46P
   512M: 16M x 32 Mobile DDR SDRAM
EMD12324P EMLSI-EMD12324P Datasheet
2Mb / 44P
   512M: 16M x 32 Mobile DDR SDRAM
EMD56164P EMLSI-EMD56164P Datasheet
770Kb / 45P
   256M: 16M x 16 Mobile DDR SDRAM
logo
Integrated Silicon Solu...
IS43LR32640A ISSI-IS43LR32640A Datasheet
1Mb / 43P
   16M x 32Bits x 4Banks Mobile DDR SDRAM
logo
Elite Semiconductor Mem...
M53D5123216A ESMT-M53D5123216A Datasheet
1Mb / 47P
   4M x 32Bit x 4 Banks Mobile DDR SDRAM
M53D1G3232A ESMT-M53D1G3232A Datasheet
1Mb / 48P
   8M x 32Bit x 4 Banks Mobile DDR SDRAM
logo
Samsung semiconductor
K4X56163PE SAMSUNG-K4X56163PE Datasheet
698Kb / 48P
   16M x16 Mobile DDR SDRAM
K4X51323PC-7E SAMSUNG-K4X51323PC-7E Datasheet
246Kb / 25P
   16M x32 Mobile-DDR SDRAM
K4X56163PG SAMSUNG-K4X56163PG Datasheet
217Kb / 23P
   16M x16 Mobile-DDR SDRAM
logo
Etron Technology, Inc.
EM68B32DVKA ETRON-EM68B32DVKA Datasheet
328Kb / 40P
   16M x 32 Mobile DDR Synchronous DRAM (SDRAM)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com